Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67041-A4713 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # Q67041-A4713
Description  Fast IGBT in NPT-technology
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

Q67041-A4713 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button Q67041-A4713 Datasheet HTML 3Page - Infineon Technologies AG Q67041-A4713 Datasheet HTML 4Page - Infineon Technologies AG Q67041-A4713 Datasheet HTML 5Page - Infineon Technologies AG Q67041-A4713 Datasheet HTML 6Page - Infineon Technologies AG Q67041-A4713 Datasheet HTML 7Page - Infineon Technologies AG Q67041-A4713 Datasheet HTML 8Page - Infineon Technologies AG Q67041-A4713 Datasheet HTML 9Page - Infineon Technologies AG Q67041-A4713 Datasheet HTML 10Page - Infineon Technologies AG Q67041-A4713 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
SGP30N60,
SGB30N60
SGW30N60
7Jul-02
10A
20A
30A
40A
50A
60A
70A
0.0mJ
0.5mJ
1.0mJ
1.5mJ
2.0mJ
2.5mJ
3.0mJ
3.5mJ
4.0mJ
4.5mJ
5.0mJ
E
on*
E
off
E
ts*
0
10
20
30
40
0.0mJ
0.5mJ
1.0mJ
1.5mJ
2.0mJ
2.5mJ
3.0mJ
3.5mJ
4.0mJ
E
ts*
E
on*
E
off
IC, COLLECTOR CURRENT
RG, GATE RESISTOR
Figure 13. Typical switching energy losses
as a function of collector current
(inductive load, Tj = 150
°C, V
CE = 400V,
VGE = 0/+15V, RG = 11
Ω,
Dynamic test circuit in Figure E)
Figure 14. Typical switching energy losses
as a function of gate resistor
(inductive load, Tj = 150
°C, V
CE = 400V,
VGE = 0/+15V, IC = 30A,
Dynamic test circuit in Figure E)
0°C
50°C
100°C
150°C
0.0mJ
0.5mJ
1.0mJ
1.5mJ
2.0mJ
2.5mJ
3.0mJ
E
ts*
E
on*
E
off
1µs
10µs
100µs
1ms
10ms 100ms
1s
10
-4K/W
10
-3K/W
10
-2K/W
10
-1K/W
10
0
K/W
0.01
0.02
0.05
0.1
0.2
single pulse
D=0.5
Tj, JUNCTION TEMPERATURE
tp, PULSE WIDTH
Figure 15. Typical switching energy losses
as a function of junction temperature
(inductive load, VCE = 400V, VGE = 0/+15V,
IC = 30A, RG = 11
Ω,
Dynamic test circuit in Figure E)
Figure 16. IGBT transient thermal
impedance as a function of pulse width
(D = tp / T)
*) Eon and Ets include losses
due to diode recovery.
*) Eon and Ets include losses
due to diode recovery.
*) Eon and Ets include losses
due to diode recovery.
C 1 =
τ
1 / R 1
R 1
R 2
C 2 =
τ
2 / R 2
R ,(1 / W )
τ , (s ) =
0.3681
0.0555
0.0938
1.26*10
-3
0.0380
1.49*10
-4


Similar Part No. - Q67041-A4713

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
Q67041-A4712-A2 INFINEON-Q67041-A4712-A2 Datasheet
275Kb / 12P
   Fast S-IGBT in NPT-technology
Mar-00
Q67041-A4712-A4 INFINEON-Q67041-A4712-A4 Datasheet
275Kb / 12P
   Fast S-IGBT in NPT-technology
Mar-00
More results

Similar Description - Q67041-A4713

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SGP06N60 INFINEON-SGP06N60 Datasheet
396Kb / 12P
   Fast IGBT in NPT-technology
Jul-02
SGW02N120 INFINEON-SGW02N120_06 Datasheet
813Kb / 11P
   Fast IGBT in NPT-technology
Rev. 2.1 Feb 06
SGP30N60 INFINEON-SGP30N60_08 Datasheet
335Kb / 12P
   Fast IGBT in NPT-technology
Rev. 2.4 Sep. 08
SGW15N120 INFINEON-SGW15N120 Datasheet
460Kb / 12P
   Fast IGBT in NPT-technology
Jul-02
SGP04N60 INFINEON-SGP04N60 Datasheet
391Kb / 12P
   Fast IGBT in NPT-technology
Jul-02
SGB15N120 INFINEON-SGB15N120_07 Datasheet
841Kb / 11P
   Fast IGBT in NPT-technology
Rev. 2_2 Apr 07
SGP10N60A INFINEON-SGP10N60A Datasheet
401Kb / 12P
   Fast IGBT in NPT-technology
Jul-02
SGP06N60 INFINEON-SGP06N60_07 Datasheet
346Kb / 12P
   Fast IGBT in NPT-technology
Rev. 2.2 Sep 07
SGP07N120 INFINEON-SGP07N120 Datasheet
386Kb / 11P
   Fast IGBT in NPT-technology
Jul-02
SGP02N60 INFINEON-SGP02N60 Datasheet
385Kb / 12P
   FAST IGBT IN NPT TECHNOLOGY
Jul-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com