Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67041-A4713 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # Q67041-A4713
Description  Fast IGBT in NPT-technology
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

Q67041-A4713 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button Q67041-A4713 Datasheet HTML 4Page - Infineon Technologies AG Q67041-A4713 Datasheet HTML 5Page - Infineon Technologies AG Q67041-A4713 Datasheet HTML 6Page - Infineon Technologies AG Q67041-A4713 Datasheet HTML 7Page - Infineon Technologies AG Q67041-A4713 Datasheet HTML 8Page - Infineon Technologies AG Q67041-A4713 Datasheet HTML 9Page - Infineon Technologies AG Q67041-A4713 Datasheet HTML 10Page - Infineon Technologies AG Q67041-A4713 Datasheet HTML 11Page - Infineon Technologies AG Q67041-A4713 Datasheet HTML 12Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
SGP30N60,
SGB30N60
SGW30N60
9Jul-02
dimensions
symbol
[mm]
[inch]
min
max
min
max
A
9.70
10.30
0.3819
0.4055
B
14.88
15.95
0.5858
0.6280
C
0.65
0.86
0.0256
0.0339
D
3.55
3.89
0.1398
0.1531
E
2.60
3.00
0.1024
0.1181
F
6.00
6.80
0.2362
0.2677
G
13.00
14.00
0.5118
0.5512
H
4.35
4.75
0.1713
0.1870
K
0.38
0.65
0.0150
0.0256
L
0.95
1.32
0.0374
0.0520
M
2.54 typ.
0.1 typ.
N
4.30
4.50
0.1693
0.1772
P
1.17
1.40
0.0461
0.0551
T
2.30
2.72
0.0906
0.1071
TO-220AB
dimensions
symbol
[mm]
[inch]
min
max
min
max
A
9.80
10.20
0.3858
0.4016
B
0.70
1.30
0.0276
0.0512
C
1.00
1.60
0.0394
0.0630
D
1.03
1.07
0.0406
0.0421
E
2.54 typ.
0.1 typ.
F
0.65
0.85
0.0256
0.0335
G
5.08 typ.
0.2 typ.
H
4.30
4.50
0.1693
0.1772
K
1.17
1.37
0.0461
0.0539
L
9.05
9.45
0.3563
0.3720
M
2.30
2.50
0.0906
0.0984
N
15 typ.
0.5906 typ.
P
0.00
0.20
0.0000
0.0079
Q
4.20
5.20
0.1654
0.2047
R
8° max
8° max
S
2.40
3.00
0.0945
0.1181
T
0.40
0.60
0.0157
0.0236
U
10.80
0.4252
V
1.15
0.0453
W
6.23
0.2453
X
4.60
0.1811
Y
9.40
0.3701
TO-263AB (D2Pak)
Z
16.15
0.6358


Similar Part No. - Q67041-A4713

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
Q67041-A4712-A2 INFINEON-Q67041-A4712-A2 Datasheet
275Kb / 12P
   Fast S-IGBT in NPT-technology
Mar-00
Q67041-A4712-A4 INFINEON-Q67041-A4712-A4 Datasheet
275Kb / 12P
   Fast S-IGBT in NPT-technology
Mar-00
More results

Similar Description - Q67041-A4713

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SGP06N60 INFINEON-SGP06N60 Datasheet
396Kb / 12P
   Fast IGBT in NPT-technology
Jul-02
SGW02N120 INFINEON-SGW02N120_06 Datasheet
813Kb / 11P
   Fast IGBT in NPT-technology
Rev. 2.1 Feb 06
SGP30N60 INFINEON-SGP30N60_08 Datasheet
335Kb / 12P
   Fast IGBT in NPT-technology
Rev. 2.4 Sep. 08
SGW15N120 INFINEON-SGW15N120 Datasheet
460Kb / 12P
   Fast IGBT in NPT-technology
Jul-02
SGP04N60 INFINEON-SGP04N60 Datasheet
391Kb / 12P
   Fast IGBT in NPT-technology
Jul-02
SGB15N120 INFINEON-SGB15N120_07 Datasheet
841Kb / 11P
   Fast IGBT in NPT-technology
Rev. 2_2 Apr 07
SGP10N60A INFINEON-SGP10N60A Datasheet
401Kb / 12P
   Fast IGBT in NPT-technology
Jul-02
SGP06N60 INFINEON-SGP06N60_07 Datasheet
346Kb / 12P
   Fast IGBT in NPT-technology
Rev. 2.2 Sep 07
SGP07N120 INFINEON-SGP07N120 Datasheet
386Kb / 11P
   Fast IGBT in NPT-technology
Jul-02
SGP02N60 INFINEON-SGP02N60 Datasheet
385Kb / 12P
   FAST IGBT IN NPT TECHNOLOGY
Jul-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com