Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CCP-32N7E-D Datasheet(PDF) 1 Page - Willow Technologies Ltd

Part # CCP-32N7E-D
Description  Low PIM DC?? GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

CCP-32N7E-D Datasheet(HTML) 1 Page - Willow Technologies Ltd

  CCP-32N7E-D Datasheet HTML 1Page - Willow Technologies Ltd CCP-32N7E-D Datasheet HTML 2Page - Willow Technologies Ltd CCP-32N7E-D Datasheet HTML 3Page - Willow Technologies Ltd CCP-32N7E-D Datasheet HTML 4Page - Willow Technologies Ltd CCP-32N7E-D Datasheet HTML 5Page - Willow Technologies Ltd CCP-32N7E-D Datasheet HTML 6Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2013 TELEDYNE RELAYS
(800) 284-7007 • www.teledynecoax.com
CCP-32N Page 1
CCP-32N\072013\Q3
Series CCP-32N
Low PIM DC–3 GHz
Latching SPDT Coaxial Switch
COAX SWITCHES
PART NUMBERING SYSTEM
Connector
N: Type N Female
Actuator Voltage
6: 28 Vdc Latching
7: 15 Vdc Latching
8: 12 Vdc Latching
9: 24 Vdc Latching
Actuator Type
0: Standard Contacts
C: Indicator Contacts
D: Self Cutoff Only
E: Indicators and Self Cutoff
Options
T: TTL Drivers with Diodes
D: Transient Suppression
Diodes
R: Positive + Common
M: Moisture Seal
S: 9 Pin D-Sub Connector
Actuator Voltage
CCP-32
N
6
C
-
T **
Series
Connectors
Actuator Type
Options
For additional options, contact factory.
PART NUMBER
DESCRIPTION
CCP-32N
Commercial Latching SPDT, DC-3GHz, Low PIM
These switches are designed to have extremely low passive intermodulation for use in narrow bandwidth
communications applications. The CCP-32N is a SPDT, electromechanical, coaxial switch designed to
switch a microwave signal from a common input to either of two outputs. The characteristic impedance is
50 Ohms and is suitable to systems from DC-3GHz.
The CCP-32N series switch is offered with a latching actuator. The CCP-32N series switch is
interchangeable with a variety of switches.
PERFORMANCE CHARACTERISTICS
Frequency
DC–3 GHz
Insertion Loss, dB, max.
0.3
Isolation, dB, min.
70
VSWR , max.
1.30:1
RF Power (cw), W, max.
200
ELECTRICAL CHARACTERISTICS
Form Factor
SPDT,
break before make
Frequency Range
DC–3 GHz
Characteristic Impedance
50 Ohms
Switching Time
20 ms (max.)
Actuation Voltage Available
12
15
24
28 V
Actuation Current, max. @ ambient
200 160 90
75 mA
ENVIRONMENTAL AND PHYSICAL CHARACTERISTICS
Operating Temperature
–40°C to 65°C
Vibration (MIL-STD-202 Method 214,
Condition D, non-operating)
10 g’s RMS
Shock (MIL-STD-202 Method 213,
Condition D, non-operating)
500 g’s
Standard Actuator Life
1,000,000 cycles
Connector Type
Type N
Humidity (Moisture Seal)
Available
Weight
6 oz. (170.1g) (max.)
PASSIVE INTERMODULATION CHARACTERISTICS
Tone 1 Frequency
(MHz)
Tone 2 Frequency
(MHz)
IM3 Frequency
(MHz)
PIM Threshold
(dBc)
1945
1990
1900
-140.0
P1 P2 (dBm)
PIM (dBc)
PEAK PIM (dBc)
43
-148.6
-148.6
**SEE PARTS LIST ON PAGES 6


Similar Part No. - CCP-32N7E-D

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCP-32N TELEDYNE-CCP-32N Datasheet
408Kb / 6P
   Latching SPDT Coaxial Switch
CCP-32NX0 TELEDYNE-CCP-32NX0 Datasheet
408Kb / 6P
   Latching SPDT Coaxial Switch
CCP-32NX0-D TELEDYNE-CCP-32NX0-D Datasheet
408Kb / 6P
   Latching SPDT Coaxial Switch
CCP-32NX0-DM TELEDYNE-CCP-32NX0-DM Datasheet
408Kb / 6P
   Latching SPDT Coaxial Switch
CCP-32NX0-DMS TELEDYNE-CCP-32NX0-DMS Datasheet
408Kb / 6P
   Latching SPDT Coaxial Switch
More results

Similar Description - CCP-32N7E-D

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
CCP-47D WILLOW-CCP-47D Datasheet
405Kb / 6P
   Commercial Failsafe TRANSFER, DC-3GHz, Low PIM
CCP-37S WILLOW-CCP-37S Datasheet
377Kb / 6P
   Commercial Latching TRANSFER, DC-3GHz, Low PIM
CCP-33D WILLOW-CCP-33D Datasheet
406Kb / 6P
   Commercial Failsafe SPDT, DC-3GHz, Low PIM
logo
API Technologies Corp
1492LIM APITECH-1492LIM Datasheet
85Kb / 1P
   Low PIM Termination
1491LIM APITECH-1491LIM Datasheet
144Kb / 2P
   Low PIM Termination
logo
Willow Technologies Ltd
CCP-18D WILLOW-CCP-18D Datasheet
512Kb / 8P
   Commercial Normally Open Multi-throw, DC-3GHz, Low PIM
CCP-38S WILLOW-CCP-38S Datasheet
591Kb / 10P
   Commercial Normally Open Multi-throw, DC-3GHz, Low PIM
CCP-18N WILLOW-CCP-18N Datasheet
591Kb / 10P
   Commercial Normally Open Multi-throw, DC-3GHz, Low PIM
logo
LANSDALE Semiconductor ...
ML13146 LANSDALE-ML13146 Datasheet
7Mb / 15P
   Low Power DC - 1.8 GHz Transmitter
ML13146 LANSDALE-ML13146_08 Datasheet
2Mb / 15P
   Low Power DC ??1.8 GHz Transmitter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com