Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CCP-32N8E-D Datasheet(PDF) 6 Page - Willow Technologies Ltd

Part # CCP-32N8E-D
Description  Low PIM DC?? GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

CCP-32N8E-D Datasheet(HTML) 6 Page - Willow Technologies Ltd

  CCP-32N8E-D Datasheet HTML 1Page - Willow Technologies Ltd CCP-32N8E-D Datasheet HTML 2Page - Willow Technologies Ltd CCP-32N8E-D Datasheet HTML 3Page - Willow Technologies Ltd CCP-32N8E-D Datasheet HTML 4Page - Willow Technologies Ltd CCP-32N8E-D Datasheet HTML 5Page - Willow Technologies Ltd CCP-32N8E-D Datasheet HTML 6Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
CCP-32N Page 6
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2013 TELEDYNE COAX SWITCHES
CCP-32N\072013\Q3
Series CCP-32N
Low PIM DC–3 GHz
Latching SPDT Coaxial Switch
COAX SWITCHES
LATCHING CCP-32N PART NUMBER LIST
* X = 6 (28Vdc), 7 (15Vdc), 8 (12Vdc) and 9 (24Vdc)
PART NO.PART NO.
1
CCP-32NXC
43
CCP-32NX0
2
CCP-32NXC-D
44
CCP-32NX0-D
3
CCP-32NXC-DM
45
CCP-32NX0-DM
4
CCP-32NXC-DMS
46
CCP-32NX0-DMS
5
CCP-32NXC-DR
47
CCP-32NX0-DR
6
CCP-32NXC-DRM
48
CCP-32NX0-DRM
7
CCP-32NXC-DRMS
49
CCP-32NX0-DRMS
8
CCP-32NXC-DRS
50
CCP-32NX0-DRS
9
CCP-32NXC-DS
51
CCP-32NX0-DS
10
CCP-32NXC-M
52
CCP-32NX0-M
11
CCP-32NXC-MS
53
CCP-32NX0-MS
12
CCP-32NXC-R
54
CCP-32NX0-R
13
CCP-32NXC-RM
55
CCP-32NX0-RM
14
CCP-32NXC-RMS
56
CCP-32NX0-RMS
15
CCP-32NXC-RS
57
CCP-32NX0-RS
16
CCP-32NXC-S
58
CCP-32NX0-S
17
CCP-32NXC-T
59
CCP-32NX0-T
18
CCP-32NXC-TM
60
CCP-32NX0-TM
19
CCP-32NXC-TMS
61
CCP-32NX0-TMS
20
CCP-32NXC-TS
62
CCP-32NX0-TS
21
CCP-32NXD
22
CCP-32NXD-M
23
CCP-32NXD-MS
24
CCP-32NXD-R
25
CCP-32NXD-RM
26
CCP-32NXD-RMS
27
CCP-32NXD-RS
28
CCP-32NXD-S
29
CCP-32NXD-T
30
CCP-32NXD-TM
31
CCP-32NXD-TMS
32
CCP-32NXE
33
CCP-32NXE-M
34
CCP-32NXE-MS
35
CCP-32NXE-R
36
CCP-32NXE-RM
37
CCP-32NXE-RMS
38
CCP-32NXE-RS
39
CCP-32NXE-S
40
CCP-32NXE-T
41
CCP-32NXE-TM
42
CCP-32NXE-TMS


Similar Part No. - CCP-32N8E-D

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCP-32N TELEDYNE-CCP-32N Datasheet
408Kb / 6P
   Latching SPDT Coaxial Switch
CCP-32NX0 TELEDYNE-CCP-32NX0 Datasheet
408Kb / 6P
   Latching SPDT Coaxial Switch
CCP-32NX0-D TELEDYNE-CCP-32NX0-D Datasheet
408Kb / 6P
   Latching SPDT Coaxial Switch
CCP-32NX0-DM TELEDYNE-CCP-32NX0-DM Datasheet
408Kb / 6P
   Latching SPDT Coaxial Switch
CCP-32NX0-DMS TELEDYNE-CCP-32NX0-DMS Datasheet
408Kb / 6P
   Latching SPDT Coaxial Switch
More results

Similar Description - CCP-32N8E-D

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
CCP-47D WILLOW-CCP-47D Datasheet
405Kb / 6P
   Commercial Failsafe TRANSFER, DC-3GHz, Low PIM
CCP-37S WILLOW-CCP-37S Datasheet
377Kb / 6P
   Commercial Latching TRANSFER, DC-3GHz, Low PIM
CCP-33D WILLOW-CCP-33D Datasheet
406Kb / 6P
   Commercial Failsafe SPDT, DC-3GHz, Low PIM
logo
API Technologies Corp
1492LIM APITECH-1492LIM Datasheet
85Kb / 1P
   Low PIM Termination
1491LIM APITECH-1491LIM Datasheet
144Kb / 2P
   Low PIM Termination
logo
Willow Technologies Ltd
CCP-18D WILLOW-CCP-18D Datasheet
512Kb / 8P
   Commercial Normally Open Multi-throw, DC-3GHz, Low PIM
CCP-38S WILLOW-CCP-38S Datasheet
591Kb / 10P
   Commercial Normally Open Multi-throw, DC-3GHz, Low PIM
CCP-18N WILLOW-CCP-18N Datasheet
591Kb / 10P
   Commercial Normally Open Multi-throw, DC-3GHz, Low PIM
logo
LANSDALE Semiconductor ...
ML13146 LANSDALE-ML13146 Datasheet
7Mb / 15P
   Low Power DC - 1.8 GHz Transmitter
ML13146 LANSDALE-ML13146_08 Datasheet
2Mb / 15P
   Low Power DC ??1.8 GHz Transmitter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com