Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV70213QDSERQ1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV70213QDSERQ1
Description  300-mA, Low-IQ, Low-Dropout Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV70213QDSERQ1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV70213QDSERQ1 Datasheet HTML 3Page - Texas Instruments TLV70213QDSERQ1 Datasheet HTML 4Page - Texas Instruments TLV70213QDSERQ1 Datasheet HTML 5Page - Texas Instruments TLV70213QDSERQ1 Datasheet HTML 6Page - Texas Instruments TLV70213QDSERQ1 Datasheet HTML 7Page - Texas Instruments TLV70213QDSERQ1 Datasheet HTML 8Page - Texas Instruments TLV70213QDSERQ1 Datasheet HTML 9Page - Texas Instruments TLV70213QDSERQ1 Datasheet HTML 10Page - Texas Instruments TLV70213QDSERQ1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
100
90
80
70
60
50
40
30
20
10
0
10
100
1k
10k
100k
1M
10M
Frequency(Hz)
I
=150mA
OUT
I
=10mA
OUT
V
V
=0.5V
IN
OUT
-
700
600
500
400
300
200
100
0
2.3
2.7
3.1
3.5
3.9
4.3
4.7
V
(V)
IN
5.5
5.1
V
=1.8V
OUT
+125 C
°
+85 C
°
+25 C
°
-40 C
°
50
45
40
35
30
25
20
15
10
5
0
-40 -25 -10
5
20
35
50
65
80
95
110
Temperature( C)
°
125
V
=1.8V
OUT
2.5
2
1.5
1
0.5
0
2.1
2.6
3.1
3.6
4.1
4.6
5.1
V
(V)
IN
5.6
+125 C
°
+85 C
°
+25 C
°
-40 C
°
V
=1.8V
OUT
50
45
40
35
30
25
20
15
10
5
0
2.1
2.6
3.1
3.6
4.1
4.6
5.1
V
(V)
IN
5.6
+125 C
°
+85 C
°
+25 C
°
-40 C
°
V
=1.8V
OUT
450
400
350
300
250
200
150
100
50
0
0
I
(mA)
OUT
300
+125 C
°
+85 C
°
+25 C
°
-40 C
°
V
=1.8V
OUT
50
150
250
100
200
TLV702-Q1
www.ti.com
SLVSC35B – AUGUST 2013 – REVISED JUNE 2015
Typical Characteristics (continued)
Over operating temperature range (TJ = –40°C to +125°C), VIN = VOUT(nom) + 0.5 V or 2 V, whichever is greater; IOUT = 10 mA,
VEN = VIN, COUT = 1 μF, unless otherwise noted. Typical values are at TJ = 25°C.
Figure 7. Ground Pin Current vs Input Voltage
Figure 8. Ground Pin Current vs Load
Figure 9. Ground Pin Current vs Temperature
Figure 10. Shutdown Current vs Input Voltage
Figure 11. Current Limit vs Input Voltage
Figure 12. Power-Supply Ripple Rejection vs Frequency
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TLV702-Q1


Similar Part No. - TLV70213QDSERQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV70213DBVR TI1-TLV70213DBVR Datasheet
1Mb / 31P
[Old version datasheet]   Thermal Shutdown and Overcurrent Protection
TLV70213DBVR TI1-TLV70213DBVR Datasheet
1Mb / 32P
[Old version datasheet]   TLV702 300-mA, Low-IQ, Low-Dropout Regulator
TLV70213DBVR TI1-TLV70213DBVR Datasheet
1Mb / 33P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV70213DBVT TI1-TLV70213DBVT Datasheet
1Mb / 31P
[Old version datasheet]   Thermal Shutdown and Overcurrent Protection
TLV70213DBVT TI1-TLV70213DBVT Datasheet
1Mb / 32P
[Old version datasheet]   TLV702 300-mA, Low-IQ, Low-Dropout Regulator
More results

Similar Description - TLV70213QDSERQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV70228-Q1 TI1-TLV70228-Q1 Datasheet
892Kb / 18P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV70012-Q1 TI1-TLV70012-Q1 Datasheet
642Kb / 19P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV702XX TI1-TLV702XX Datasheet
855Kb / 27P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV70018-Q1 TI-TLV70018-Q1_15 Datasheet
858Kb / 20P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV703 TI1-TLV703_17 Datasheet
862Kb / 22P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV702 TI1-TLV702_17 Datasheet
1Mb / 33P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV703 TI1-TLV703_18 Datasheet
938Kb / 22P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV702-Q1 TI1-TLV702-Q1_18 Datasheet
1Mb / 31P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV703 TI1-TLV703 Datasheet
857Kb / 22P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV70018-Q1 TI1-TLV70018-Q1_16 Datasheet
1Mb / 24P
[Old version datasheet]   300-mA, Low-IQ Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com