Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC5272D-M5 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SC5272D-M5
Description  REMOTE CONTROL DECODER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SC5272D-M5 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SC5272D-M5 Datasheet HTML 1Page - List of Unclassifed Manufacturers SC5272D-M5 Datasheet HTML 2Page - List of Unclassifed Manufacturers SC5272D-M5 Datasheet HTML 3Page - List of Unclassifed Manufacturers SC5272D-M5 Datasheet HTML 4Page - List of Unclassifed Manufacturers SC5272D-M5 Datasheet HTML 5Page - List of Unclassifed Manufacturers SC5272D-M5 Datasheet HTML 6Page - List of Unclassifed Manufacturers SC5272D-M5 Datasheet HTML 7Page - List of Unclassifed Manufacturers SC5272D-M5 Datasheet HTML 8Page - List of Unclassifed Manufacturers SC5272D-M5 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Silan
Semiconductors
SC5272
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
4
PIN DESCRIPTION
Pin No.
18 PIN
20 PIN
Pin Name
I/O
Description
1~6
1~6
A0~A5
I
Code Address pins No. 0~5. These six tri-state pins are
detected by SC5272 to determine the encoded waveform bit
0 ~bit 5. Each pin can be set to “0”,”1”,”f”(floating).
7~8
10~13
7~8
12~15
A6/D5~A11/D0
I/O
Code Address pins No.6~11/data pins No.5~0. These six
pins are used higher address input bits or data output pins
depending on the versions of SC5272 used.When these
pins are used as address pins, they are tri-state input pins
and can be set to “0”,”1”,”f”.When they are used as output
pins, they are driven to Vcc if (1) the address decoded from
the waveform that was received matches the address setting
at address input pins, and (2) the corresponding data bits
received is a “1” bits. Otherwise, they are driven to Vss.
14
16
DIN
I
Data Input Pin. The encode waveform received is serially fed
to SC5272 at this pin.
15
17
OSC1
I
Oscillator pin 1
16
18
OSC2
O
Oscillator pin 2
A resistor connected between
these two pins determine the
fundamental frequency of SC5272.
17
19
VT
O
Valid Transmission. Active high signal. VT in high state
signifies that SC5272 receives valid transmission waveform.
18
20
Vcc
--
Positive Power Supply
9
9
Vss
--
Negative Power Supply
--
10~11
NC
--
No Connection
FUNCTIONAL DESCRIPTION
The SC5272 decodes the waveform received and fed into the Din pin. The waveform is decoded into code word
that contains the address, data and Sync bits. The decoded address bits are compared with the address set at the
address input pins. If both addresses match for 2 consecutive code words, SC5272 drives:
a). The data output pins whose corresponding data bits is then decoded to be a "1" bit
b). The VT output --to high voltage (high state).
1. RF OPERATION
Code Bits
A code bit is the basic component of the encoded waveform, and can be classified as either an AD(Address/Data)
Bit or a SYNC(Synchronous) Bit.
An AD bit can be designated as bit “ 0 ”, “ 1 ” or “ f ” if it is in low, high or floating state respectively. One bit
waveform consists of two pulse cycles. Each pulse cycle has 16 oscillating time periods. For further details, please
refer to the diagram below:
a
4a
12a
12a
4a
32a
OSC
bit "0"
bit "1"
bit "f"
Where: a = oscillating clock period .
Bit “ f ” is only available for address bits.


Similar Part No. - SC5272D-M5

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC5272 SILAN-SC5272 Datasheet
795Kb / 12P
   REMOTE CONTROL DECODER PAIRED
More results

Similar Description - SC5272D-M5

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2272 PTC-PT2272_08 Datasheet
543Kb / 22P
   Remote Control Decoder
PT2272 PTC-PT2272 Datasheet
664Kb / 8P
   Remote Control Decoder?
PT2271A PTC-PT2271A Datasheet
253Kb / 6P
   Remote Control Decoder?
PT2270 PTC-PT2270 Datasheet
284Kb / 4P
   Remote Control Decoder
logo
Silan Microelectronics ...
SC5272 SILAN-SC5272 Datasheet
795Kb / 12P
   REMOTE CONTROL DECODER PAIRED
logo
Princeton Technology Co...
PT2270 PTC-PT2270_06 Datasheet
549Kb / 18P
   Remote Control Decoder IC
PT2294 PTC-PT2294 Datasheet
326Kb / 19P
   Remote Control Decoder IC
April, 2006
PT2604 PTC-PT2604 Datasheet
46Kb / 2P
   Remote Control Decoder IC
logo
NXP Semiconductors
SAA3049A PHILIPS-SAA3049A Datasheet
92Kb / 16P
   Infrared remote control decoder
1996 Sep 13
logo
Princeton Technology Co...
PT2604 PTC-PT2604_10 Datasheet
359Kb / 14P
   Remote Control Decoder IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com