Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG34A-2011-15-1006-P597 Datasheet(PDF) 1 Page - Willow Technologies Ltd

Part # DG34A-2011-15-1006-P597
Description  automotive pcb power relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DG34A-2011-15-1006-P597 Datasheet(HTML) 1 Page - Willow Technologies Ltd

  DG34A-2011-15-1006-P597 Datasheet HTML 1Page - Willow Technologies Ltd DG34A-2011-15-1006-P597 Datasheet HTML 2Page - Willow Technologies Ltd DG34A-2011-15-1006-P597 Datasheet HTML 3Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
www.aecsensors.com
Sales Department Tel: (888) 847-6552
DG34A
automotive pcb power relay
Contacts
Contact number & arrangement
SPST-NO (1 Normally Open); SPDT ( 1 Changeover)
Contact material
AgNi0.15; AgNi 90/10; AgCdO; AgSnOInO
Max. switching voltage
DC 75V
Min. switching current / voltage
100mA/12VDC (AgNi 90/10, AgNi0.15); 500mA/12VDC (AgCdO,
AgSnOInO)
Max. continuous current
A SPST-NO: 30A / SPDT: 30A (NO), 15A (NC)
Max. switching current3 (AgSnOInO)
make SPST-NO: 60A / SPDT: 60A (NO), 30A (NC)
break SPST-NO: 30A / SPDT: 30A (NO), 15A (NC)
Initial resistance
100mΩ, max. at 0.1A/6VDC
Coil
Rated voltage
DC 6, 12, 24V
Must release voltage
≥0.1Un
Operating range of supply voltage
See coil table 1
Rated power consumption
DC 1.5W
Insulation
Insulation resistance
100MΩ at 500VDC, 50%RH
Dielectric strength
coil to contact 500Vrms, 1min
General Data
Operating time (typical)
ms 9
Release time (typical)
ms 7
Electrical Life5
ops 2 x 105
Mechanical life
ops 1 x 107
Dimensions
L x W x H 31.7 x 26.9 (max) x 19.1mm
Weight
20g (open frame); 26g (covered)
Ambient temperature
storage -40 to 155°C
operating -40 to 125°C
Shock resistance
Functional: 20g 11ms; Destructive: 100g
Drop resistance
1M height drop on to concrete (sealed type only)
Vibration resistance
10-40Hz: DA 1.27mm; 40-70Hz: 5g; 70-100Hz: DA 0.5mm; 100-
500Hz: 10g
• Up to 30A /24VDC continuous rating
• 75VDC maximum switching voltage
• Optional version for starter solenoids
• Cost effective
• RoHS Compliant
Ref: DG34A 121913JHM


Similar Part No. - DG34A-2011-15-1006-P597

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DG34A AEC-DG34A Datasheet
364Kb / 3P
   Optional version for starter solenoids
More results

Similar Description - DG34A-2011-15-1006-P597

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HG4231 ETC-HG4231 Datasheet
116Kb / 2P
   Subminiature PCB Power Relay Automotive Subminiature PCB Power Relay
logo
DB Lectro Inc
HG4232 DBLECTRO-HG4232 Datasheet
60Kb / 2P
   Subminiature PCB Power Relay Automotive Subminiature PCB Power Relay
HG4234A DBLECTRO-HG4234A Datasheet
49Kb / 2P
   Automotive Miniature PCB Power Relay
logo
Picker Components
PC617 PICKER-PC617 Datasheet
235Kb / 2P
   Automotive Twin PCB Power Relay
logo
List of Unclassifed Man...
HG4119 ETC1-HG4119 Datasheet
169Kb / 2P
   Automotive Miniature PCB Power Relay
logo
Picker Components
PC517 PICKER-PC517 Datasheet
196Kb / 2P
   Automotive Subminiature PCB Power Relay
PC537 PICKER-PC537 Datasheet
179Kb / 2P
   Ultraminiature Automotive PCB Power Relay
PC822A PICKER-PC822A Datasheet
179Kb / 2P
   Miniature Automotive PCB Power Relay
PC565 PICKER-PC565_17 Datasheet
349Kb / 2P
   Ultraminiature Automotive PCB Power Relay
logo
List of Unclassifed Man...
HG4181 ETC1-HG4181 Datasheet
53Kb / 2P
   Automotive Subminiature PCB Power Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com