Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV70718PDQNR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV70718PDQNR
Description  200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV70718PDQNR Datasheet(HTML) 1 Page - Texas Instruments

  TLV70718PDQNR Datasheet HTML 1Page - Texas Instruments TLV70718PDQNR Datasheet HTML 2Page - Texas Instruments TLV70718PDQNR Datasheet HTML 3Page - Texas Instruments TLV70718PDQNR Datasheet HTML 4Page - Texas Instruments TLV70718PDQNR Datasheet HTML 5Page - Texas Instruments TLV70718PDQNR Datasheet HTML 6Page - Texas Instruments TLV70718PDQNR Datasheet HTML 7Page - Texas Instruments TLV70718PDQNR Datasheet HTML 8Page - Texas Instruments TLV70718PDQNR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
TLV707Series
GND
EN
IN
OUT
V
IN
V
OUT
On
Off
C
IN
C
OUT
1
F
Ceramic
m
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TLV707, TLV707P
SBVS153E – FEBRUARY 2011 – REVISED FEBRUARY 2016
TLV707, TLV707P
200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
1
1 Features
1
0.5% Typical Accuracy
Supports 200-mA Output
Low IQ: 25 μA
Fixed-Output Voltage Combinations Possible from
0.85 V to 5.0 V(1)
High PSRR:
70 dB at 100 Hz
50 dB at 1 MHz
Stable With Effective Capacitance of 0.1
μF(2)
Thermal Shutdown and Overcurrent Protection
Package: 1-mm × 1-mm DQN (X2SON)
(1)
For all available voltage options, see the orderable addendum
at the end of the data sheet.
(2)
See Mechanical, Packaging, and Orderable Information for
more details.
2 Applications
Smart Phones and Wireless Handsets
Gaming and Toys
WLAN and Other PC Add-On Cards
TVs and Set-Top Boxes
Wearable Electronics
3 Description
The TLV707 series (TLV707 and TLV707P) of low-
dropout linear regulators (LDOs) are low quiescent
current devices with excellent line and load transient
performance for power-sensitive applications. These
devices provide a typical accuracy of 0.5%. All
versions have thermal shutdown and overcurrent
protection for safety.
Furthermore, these devices are stable with an
effective output capacitance of only 0.1 µF. This
feature enables the use of cost-effective capacitors
that have higher bias voltages and temperature
derating. These devices also regulate to the specified
accuracy with no output load.
The TLV707P also provides an active pulldown circuit
to quickly discharge the outputs.
The TLV707 series of LDOs are available in a 1-mm
× 1-mm DQN (X2SON) package that makes them
ideal for handheld applications.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TLV707
X2SON (4)
1.00 mm × 1.00 mm
TLV707P
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Typical Application Circuit


Similar Part No. - TLV70718PDQNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV70718PDQNR TI1-TLV70718PDQNR Datasheet
1Mb / 28P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
OCTOBER2011
TLV70718PDQNR TI1-TLV70718PDQNR Datasheet
1Mb / 29P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV70718PDQNR TI-TLV70718PDQNR Datasheet
1Mb / 35P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV70718PDQNR TI1-TLV70718PDQNR Datasheet
1Mb / 41P
[Old version datasheet]   Low-Noise, Low-Dropout Regulator for Portable Devices
TLV70718PDQNR TI1-TLV70718PDQNR Datasheet
1Mb / 42P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
More results

Similar Description - TLV70718PDQNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV70712P TI1-TLV70712P Datasheet
1Mb / 29P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV707 TI1-TLV707 Datasheet
1Mb / 28P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
OCTOBER2011
TLV707 TI-TLV707_13 Datasheet
1Mb / 35P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV707 TI1-TLV707_18 Datasheet
1Mb / 42P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV700XX TI-TLV700XX_10 Datasheet
734Kb / 29P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_102 TI-TLV700XX_102 Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI1-TLV700XX_12 Datasheet
937Kb / 34P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI1-TLV700XX_13 Datasheet
1Mb / 35P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_103 TI-TLV700XX_103 Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI-TLV700XX Datasheet
740Kb / 27P
[Old version datasheet]   200-mA Low-IQ Low-Dropout Regulator for Portable Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com