Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV6741 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV6741
Description  10-MHz, Low Broadband Noise, RRO, Operational Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV6741 Datasheet(HTML) 5 Page - Texas Instruments

  TLV6741 Datasheet HTML 1Page - Texas Instruments TLV6741 Datasheet HTML 2Page - Texas Instruments TLV6741 Datasheet HTML 3Page - Texas Instruments TLV6741 Datasheet HTML 4Page - Texas Instruments TLV6741 Datasheet HTML 5Page - Texas Instruments TLV6741 Datasheet HTML 6Page - Texas Instruments TLV6741 Datasheet HTML 7Page - Texas Instruments TLV6741 Datasheet HTML 8Page - Texas Instruments TLV6741 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
TLV6741
www.ti.com
SBOS817C – JUNE 2017 – REVISED OCTOBER 2017
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.5 Electrical Characteristics
at TA = 25 °C, VS (total supply voltage) = (V+) – (V–) = 5.5 V, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
VS = 5 V
±0.15
±1
mV
dVOS/dT
Input offset voltage drift
TA = –40°C to +125°C
±0.35
µV/°C
PSRR
Power supply rejection ratio
VS = 2.25 V to 5.5 V, VCM = (V–)
104
130
dB
INPUT VOLTAGE RANGE
VCM
Common-mode voltage range
(V–)
(V+) – 1.2
V
CMRR
Common-mode rejection ratio
(V–) < VCM < (V+) – 1.2 V
95
120
dB
INPUT BIAS CURRENT
IB
Input bias current
±10
pA
IOS
Input offset current
±10
pA
NOISE
Input voltage noise
(peak-to-peak)
f = 0.1 Hz to 10 Hz
1.5
µVp-p
en
Input voltage noise density
f = 10 kHz
3.7
nV/
√Hz
f = 1 kHz
5
nV/
√Hz
in
Input current noise density
f = 1 kHz
26
fA/
√Hz
INPUT CAPACITANCE
CIN
Differential
6
pF
Common-mode
6
pF
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
(V-) + 0.04 V < VO < (V+) – 0.04 V, RL = 10 kΩ
125
dB
(V-) + 0.15 V < VO < (V+) – 0.15 V, RL = 2 kΩ
110
130
dB
FREQUENCY RESPONSE
GBW
Gain-bandwidth product
G = 1
10
MHz
Phase margin
G = 1, RL = 10 kΩ
55
Degrees
SR
Slew rate
G = 1
4.75
V/µs
tS
Settling time
To 0.1%, 2-V step , G = 1
0.65
µs
To 0.01%, 2-V step , G = 1
1.2
µs
Overload recovery time
VIN × Gain > VS
0.2
µs
THD+N
Total harmonic distortion +
noise
VO = 1 VRMS, VCM = 2.5 V, G = 1, f = 1 kHz,
RL = 10 kΩ, VS = 5.5 V
0.00035%
OUTPUT
VO
Voltage output swing from
supply rails
RL = 10 kΩ
8
10
mV
ZO
Open-loop output impedance
f = 10 MHz
160
Ω
POWER SUPPLY
IQ
Quiescent current per
amplifier
IO = 0 mA
890
µA
IO = 0 mA, TA = –40°C to +125°C
1.1
mA


Similar Part No. - TLV6741

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV6741 TI1-TLV6741 Datasheet
440Kb / 16P
[Old version datasheet]   10-MHz, Low Broadband Noise, RRO, Operational Amplifier
TLV6741 TI1-TLV6741 Datasheet
2Mb / 48P
[Old version datasheet]   TLV6741, TLV6742, TLV6744 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
TLV6741 TI1-TLV6741 Datasheet
4Mb / 55P
[Old version datasheet]   TLV6741, TLV6742, TLV6744 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
TLV6741 TI1-TLV6741 Datasheet
4Mb / 58P
[Old version datasheet]   TLV6741, TLV6742, TLV6744 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
TLV6741 TI1-TLV6741 Datasheet
4Mb / 58P
[Old version datasheet]   TLV6741, TLV6742, TLV6744 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
More results

Similar Description - TLV6741

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV6741 TI1-TLV6741 Datasheet
440Kb / 16P
[Old version datasheet]   10-MHz, Low Broadband Noise, RRO, Operational Amplifier
TLV6741 TI-TLV6741_V06 Datasheet
5Mb / 64P
[Old version datasheet]   TLV6741, TLV6742, TLV6744 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
REVISED AUGUST 2021
TLV6741 TI1-TLV6741_V02 Datasheet
4Mb / 55P
[Old version datasheet]   TLV6741, TLV6742, TLV6744 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
TLV6741 TI1-TLV6741_V03 Datasheet
4Mb / 58P
[Old version datasheet]   TLV6741, TLV6742, TLV6744 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
OPA375 TI1-OPA375 Datasheet
1Mb / 28P
[Old version datasheet]   500-uV (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
TLV6741 TI1-TLV6741_V04 Datasheet
4Mb / 58P
[Old version datasheet]   TLV6741, TLV6742, TLV6744 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
TLV6741 TI-TLV6741_V05 Datasheet
4Mb / 58P
[Old version datasheet]   TLV6741, TLV6742, TLV6744 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
TLV6741 TI1-TLV6741_V01 Datasheet
2Mb / 48P
[Old version datasheet]   TLV6741, TLV6742, TLV6744 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
OPA375 TI1-OPA375_V01 Datasheet
2Mb / 45P
[Old version datasheet]   OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
OPA375 TI1-OPA375_V02 Datasheet
3Mb / 51P
[Old version datasheet]   OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com