Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WPANT10062 Datasheet(PDF) 1 Page - World Produts Inc.

Part # WPANT10062
Description  Dual-band Wi-Fi / WLAN Antenna
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

WPANT10062 Datasheet(HTML) 1 Page - World Produts Inc.

  WPANT10062 Datasheet HTML 1Page - World Produts Inc. WPANT10062 Datasheet HTML 2Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev: 1.0
March 4, 2016
Page | 1
WPANT10062
Dual-band Wi-Fi / WLAN Antenna
WPANT10062-S3A
4.6’’ micro co-ax with IPX MHF connector
Note: Different cable and connector style requests can be accommodated.
Application
A compact plug and play antenna for wireless devices operating at 2.4 GHz and 5 GHz Wi-Fi / WLAN frequencies. This antenna
works very efficiently in close proximity to metallic surfaces.
We can assist your engineers to optimize mounting positions for these antennas in your specific application and can further assist to
trouble shoot system integration issues such as TRP/TIS and FCC requirements. We specialize in developing customized Antenna
solutions. Please contact sales@worldproducts.com with your specific application requirements.
Electrical Properties
Operating Frequency
2.4 – 2.5 GHz
4.9 – 5.9 GHz
Approximate Antenna Impedance [
Ω]
50Ω
50Ω
VSWR (Typical)*
< 1.5:1
< 1.5:1
Peak Gain [dBi] (Typical)
2 dBi
3 dBi
Efficiency [%] (Typical)
45%
50%
Polarization
Linear
Linear
Pattern
Near Omni-directional
Near Omni-directional
*Note: This performance metric varies according to the device environment in which the antenna is installed.
Mechanical / Environmental Properties
Antenna Dimensions
2.3’’ x 0.24’’ x 0.031’’
(59mm x 6mm x 0.78mm)
Antenna Color
Black
Tape
15 mils thick 3M 4920 VHB double stick tape
Operating / Storage Temperature
-40
oC to +125oC
Environmental
Meets standards for UL 94V-0
Hazardous Materials
RoHS Compliant


Similar Part No. - WPANT10062

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT10064 WPI-WPANT10064 Datasheet
86Kb / 2P
   Dual-band Wi-Fi / WLAN Antenna
WPANT10064-S1A WPI-WPANT10064-S1A Datasheet
86Kb / 2P
   Dual-band Wi-Fi / WLAN Antenna
WPANT10065 WPI-WPANT10065 Datasheet
64Kb / 2P
   Wi-Fi / BT and NFC Dual Antenna
WPANT10065-S1A WPI-WPANT10065-S1A Datasheet
64Kb / 2P
   Wi-Fi / BT and NFC Dual Antenna
WPANT10066 WPI-WPANT10066 Datasheet
162Kb / 3P
   Bluetooth / BLE / Wi-Fi / Zigbee Embedded Antenna
More results

Similar Description - WPANT10062

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT10064 WPI-WPANT10064 Datasheet
86Kb / 2P
   Dual-band Wi-Fi / WLAN Antenna
WPANT10010 WPI-WPANT10010 Datasheet
125Kb / 2P
   Wi-Fi / ZigBee / WLAN Dual-band Miniature Antenna
WPANT10010-S1A WPI-WPANT10010-S1A Datasheet
131Kb / 2P
   Wi-Fi / ZigBee / WLAN Dual-band Miniature Antenna
WPANT30127 WPI-WPANT30127 Datasheet
63Kb / 2P
   Omni-directional Antenna ??Wi-Fi / WLAN Dual-band
WPANT30169 WPI-WPANT30169 Datasheet
244Kb / 2P
   Body-mount Antenna ??Wi-Fi / WLAN Dual-band
WPANT10043 WPI-WPANT10043 Datasheet
85Kb / 2P
   Wi-Fi / ZigBee / WLAN Antenna
WPANT30089-S1B WPI-WPANT30089-S1B Datasheet
141Kb / 3P
   5 dBi Wi-Fi / WLAN Dual-band Body-mount Antenna
WPANT10008-SA WPI-WPANT10008-SA Datasheet
233Kb / 5P
   Dual-band Wi-Fi Embedded Antenna
WPANT30094-R1A WPI-WPANT30094-R1A Datasheet
68Kb / 2P
   Wi-Fi Dual-band Stubby Antenna
WPANT10050 WPI-WPANT10050 Datasheet
151Kb / 3P
   Dual-band Wi-Fi Embedded Antenna
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com