Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA60A Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # SA60A
Description  500 Watt Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SA60A Datasheet(HTML) 2 Page - Fairchild Semiconductor

  SA60A Datasheet HTML 1Page - Fairchild Semiconductor SA60A Datasheet HTML 2Page - Fairchild Semiconductor SA60A Datasheet HTML 3Page - Fairchild Semiconductor SA60A Datasheet HTML 4Page - Fairchild Semiconductor SA60A Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SA5.0(C)A - SA170(C)A, Rev. A
Transient Voltage Supressors
(continued)
Electrical Characteristics
T
A
= 25°C unless otherwise noted
* For bidirectional parts with V
RWM<10V, the IR max limit is doubled.
Uni-directional
Bi-directional (C)
Device
Reverse
Stand-off Voltage
VRWM (V)
Breakdown Voltage
VBR (V)
min
max
Test
Current
IT (mA)
Max Clamping
Voltage @IPPM
VC (V)
Max Peak Pulse
Surge Current
IPPM (A)
Max Reverse
Leakage VRWM
IR (uA)*
SA5.0(C)A
5.0
6.40
7.00
10
9.2
54.3
600
SA6.0(C)A
6.0
6.67
7.37
10
10.3
48.5
600
SA6.5(C)A
6.5
7.22
7.98
10
11.2
44.7
400
SA7.0(C)A
7.0
7.78
8.60
10
12.0
41.7
150
SA7.5(C)A
7.5
8.33
9.21
1.0
12.9
38.8
50
SA8.0(C)A
8.0
8.89
9.83
1.0
13.6
36.7
25
SA8.5(C)A
8.5
9.44
10.4
1.0
14.4
34.7
10
SA9.0(C)A
9.0
10.0
11.1
1.0
15.4
32.5
5
SA10(C)A
10
11.1
12.3
1.0
17.0
29.4
1
SA11(C)A
11
12.2
13.5
1.0
18.2
27.4
1
SA12(C)A
12
13.3
14.7
1.0
19.9
25.1
1
SA13(C)A
13
14.4
15.9
1.0
21.5
23.2
1
SA14(C)A
14
15.6
17.2
1.0
23.2
21.5
1
SA15(C)A
15
16.7
18.5
1.0
24.4
20.6
1
SA16(C)A
16
17.8
19.7
1.0
26.0
19.2
1
SA17(C)A
17
18.9
20.9
1.0
27.6
18.1
1
SA18(C)A
18
20.0
22.1
1.0
29.2
17.2
1
SA20(C)A
20
22.2
24.5
1.0
32.4
15.4
1
SA22(C)A
22
24.4
26.9
1.0
35.5
14.1
1
SA24(C)A
24
26.7
29.5
1.0
38.9
12.8
1
SA26(C)A
26
28.9
31.9
1.0
42.1
11.9
1
SA28(C)A
28
31.1
34.4
1.0
45.4
11.0
1
SA30(C)A
30
33.3
36.8
1.0
48.4
10.3
1
SA33(C)A
33
36.7
40.6
1.0
53.3
9.4
1
SA36(C)A
36
40.0
44.2
1.0
58.1
8.6
1
SA40(C)A
40
44.4
49.1
1.0
64.5
7.8
1
SA43(C)A
43
47.8
52.8
1.0
69.4
7.2
1
SA45(C)A
45
50.0
55.3
1.0
72.7
6.9
1
SA48(C)A
48
53.3
58.9
1.0
77.4
6.5
1
SA51(C)A
51
56.7
62.7
1.0
82.4
6.1
1
SA54(C)A
54
60.0
66.3
1.0
87.1
5.7
1
SA58(C)A
58
64.4
71.2
1.0
93.6
5.3
1
SA60(C)A
60
66.7
73.7
1.0
96.8
5.2
1
SA64(C)A
64
71.1
78.6
1.0
103.0
4.9
1
SA70(C)A
70
77.8
86.0
1.0
113.0
4.4
1
SA75(C)A
75
83.3
92.1
1.0
121.0
4.1
1
SA78(C)A
78
86.7
95.8
1.0
126.0
4.0
1
SA85(C)A
85
94.4
104.0
1.0
137.0
3.6
1
SA90(C)A
90
100.0
111.0
1.0
146.0
3.4
1
SA100(C)A
100
111.0
123.0
1.0
162.0
3.1
1
SA110(C)A
110
122.0
135.0
1.0
177.0
2.8
1
SA120(C)A
120
133.0
147.0
1.0
193.0
2.7
1
SA130(C)A
130
144.0
159.0
1.0
209.0
2.4
1
SA150(C)A
150
167.0
185.0
1.0
243.0
2.1
1
SA160(C)A
160
178.0
197.0
1.0
259.0
1.9
1
SA170(C)A
170
189.0
209.0
1.0
275.0
1.8
1


Similar Part No. - SA60A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SA60A MOTOROLA-SA60A Datasheet
50Kb / 3P
   MOSORB ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
Shenzhen Luguang Electr...
SA60A LUGUANG-SA60A Datasheet
196Kb / 3P
   500W Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
SA60A TSC-SA60A Datasheet
105Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Pan Jit International I...
SA60A PANJIT-SA60A Datasheet
131Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER 500 Watts
logo
SynSemi, Inc.
SA60A SYNSEMI-SA60A Datasheet
44Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SA60A

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
SA GWSEMI-SA Datasheet
184Kb / 4P
   500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Bytes
SA50 BYTES-SA50 Datasheet
313Kb / 4P
   500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
UNIOHM CORPORATION
SA5.0 UNIOHM-SA5.0 Datasheet
91Kb / 4P
   500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
ON Semiconductor
SA5.0CA ONSEMI-SA5.0CA Datasheet
186Kb / 5P
   500 Watt Peak Power Zener Transient Voltage Suppressors
August, 2006 ??Rev. 4
logo
Littelfuse
NS6A5.0AFT3G LITTELFUSE-NS6A5.0AFT3G Datasheet
229Kb / 5P
   500 Watt Peak Power Zener Transient Voltage Suppressors
logo
ON Semiconductor
SA50A ONSEMI-SA50A Datasheet
58Kb / 6P
   500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
May, 2006 ??Rev. 11
logo
Micro Commercial Compon...
P5KE50 MCC-P5KE50 Datasheet
96Kb / 3P
   500 Watt Transient Voltage Suppressors 5.0 to 170 Volts
logo
ON Semiconductor
SA5.0A ONSEMI-SA5.0A Datasheet
117Kb / 5P
   500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
October, 2009 ??Rev. 13
SA16ARLG ONSEMI-SA16ARLG Datasheet
117Kb / 5P
   500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
October, 2009 ??Rev. 13
SA16ARLG ONSEMI-SA16ARLG Datasheet
122Kb / 5P
   500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
October, 2009 ??Rev. 13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com