Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG34A-8021-35-1006-P167 Datasheet(PDF) 3 Page - Willow Technologies Ltd

Part # DG34A-8021-35-1006-P167
Description  automotive pcb power relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DG34A-8021-35-1006-P167 Datasheet(HTML) 3 Page - Willow Technologies Ltd

  DG34A-8021-35-1006-P167 Datasheet HTML 1Page - Willow Technologies Ltd DG34A-8021-35-1006-P167 Datasheet HTML 2Page - Willow Technologies Ltd DG34A-8021-35-1006-P167 Datasheet HTML 3Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DG34A
automotive pcb power relay
American Electronic Components Inc., 1101 Lafayette St. Elkhart, IN46516
Page 3 of 3
www.aecsensors.com
Sales Department Tel: (888) 847-6552
Overall Dimensions
Fig. 1
PCB Mounting Dimensions
Fig. 2
Bottom View
Dimensions in mm
Specifications are subject to change without notice. E&OE.
Ref: DG34A 121913JHM
Wiring Diagrams
Fig. 3
Bottom View
Notes:
1) All parameters, unless otherwise specified, are measured at an ambient temperature of 23°C.
2) PCB Mounting Holes - the “*” hole is not needed for the SPST-NO version and the hole “**” is not needed for a SPST-NC version (contact factory - special order only).
3) Maximum make current refers to inrush current for Lamp Load.
4) At an ambient temperature of 85°C, the maximum allowable coil voltage should be reduced to 72%.
5) Electrical life obtained at resistive or inductive load at 30A/15VDC with suitable arc suppression attached and with an operating frequency of 1 op/sec.
See Note 2
*
**


Similar Part No. - DG34A-8021-35-1006-P167

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DG34A AEC-DG34A Datasheet
364Kb / 3P
   Optional version for starter solenoids
More results

Similar Description - DG34A-8021-35-1006-P167

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HG4231 ETC-HG4231 Datasheet
116Kb / 2P
   Subminiature PCB Power Relay Automotive Subminiature PCB Power Relay
logo
DB Lectro Inc
HG4232 DBLECTRO-HG4232 Datasheet
60Kb / 2P
   Subminiature PCB Power Relay Automotive Subminiature PCB Power Relay
HG4234A DBLECTRO-HG4234A Datasheet
49Kb / 2P
   Automotive Miniature PCB Power Relay
logo
Picker Components
PC617 PICKER-PC617 Datasheet
235Kb / 2P
   Automotive Twin PCB Power Relay
logo
List of Unclassifed Man...
HG4119 ETC1-HG4119 Datasheet
169Kb / 2P
   Automotive Miniature PCB Power Relay
logo
Picker Components
PC517 PICKER-PC517 Datasheet
196Kb / 2P
   Automotive Subminiature PCB Power Relay
PC537 PICKER-PC537 Datasheet
179Kb / 2P
   Ultraminiature Automotive PCB Power Relay
PC822A PICKER-PC822A Datasheet
179Kb / 2P
   Miniature Automotive PCB Power Relay
PC565 PICKER-PC565_17 Datasheet
349Kb / 2P
   Ultraminiature Automotive PCB Power Relay
logo
List of Unclassifed Man...
HG4181 ETC1-HG4181 Datasheet
53Kb / 2P
   Automotive Subminiature PCB Power Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com