Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP23X Datasheet(PDF) 6 Page - Texas Instruments

Part # TMP23X
Description  Low-Power, High-Accuracy Analog Output Temperature Sensors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP23X Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMP23X Datasheet HTML 2Page - Texas Instruments TMP23X Datasheet HTML 3Page - Texas Instruments TMP23X Datasheet HTML 4Page - Texas Instruments TMP23X Datasheet HTML 5Page - Texas Instruments TMP23X Datasheet HTML 6Page - Texas Instruments TMP23X Datasheet HTML 7Page - Texas Instruments TMP23X Datasheet HTML 8Page - Texas Instruments TMP23X Datasheet HTML 9Page - Texas Instruments TMP23X Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
GND
VOUT
VDD
Thermal Diodes
6
TMP235, TMP236
SBOS857 – SEPTEMBER 2017
www.ti.com
Product Folder Links: TMP235 TMP236
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TMP23x devices are a family of linear analog temperature sensors with a output voltage proportional to
temperature. These temperature sensors have an accuracy from 0°C to 70°C of ±1°C (TMP23x) and ±2°C
(TMP23x). The TMP235 device provides a positive slope output of 10 mV/°C over the full –40°C to +150°C
temperature range and a 2.3 V to 5.5 V supply range. The higher gain TMP236 sensor provides a positive slope
output of 19.5 mV/°C from –10°C to +125°C and a 3.1 V to 5.5 V supply range. A class-AB output driver provides
a maximum output of 100 µA to drive capacitive loads up to 1000 pF.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 TMP23x Transfer Function
Table 1 lists the output voltages of the TMP23x devices across the full operating temperature range. The first-
order columns of this table are the straight line references that determine the accuracy specifications of the
TMP23x devices (see Electrical Characteristics). The second-order columns show the small amount of typical
nonlinearity in the output.
Table 1. TMP23X Transfer Table
TEMP
(°C)
TMP235
VOUT (mV)
TMP236
VOUT (mV)
First-Order
Second-Order
First-Order
Second-Order
–40
100
TBD
–35
150
TBD
–30
200
TBD
–25
250
TBD
–20
300
TBD
–15
350
TBD
–10
400
TBD
205
TBD
–5
450
TBD
303
TBD
0
500
TBD
400
TBD
5
550
TBD
498
TBD
10
600
TBD
595
TBD
15
650
TBD
693
TBD
20
700
TBD
790
TBD
25
750
TBD
888
TBD
30
800
TBD
985
TBD
35
850
TBD
1083
TBD


Similar Part No. - TMP23X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP23X TI1-TMP23X Datasheet
974Kb / 20P
[Old version datasheet]   Low-Power, High-Accuracy Analog Output Temperature Sensors
TMP23X TI1-TMP23X Datasheet
975Kb / 20P
[Old version datasheet]   Low-Power, High-Accuracy Analog Output Temperature Sensors
TMP23X TI1-TMP23X Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power, High-Accuracy Analog Output Temperature Sensors
TMP23X-Q1 TI1-TMP23X-Q1 Datasheet
575Kb / 20P
[Old version datasheet]   Automotive Grade, High-Accuracy Analog Output Temperature Sensors
TMP23X-Q1 TI1-TMP23X-Q1 Datasheet
688Kb / 22P
[Old version datasheet]   Automotive Grade, High-Accuracy Analog Output Temperature Sensors
More results

Similar Description - TMP23X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP235 TI1-TMP235_18 Datasheet
974Kb / 20P
[Old version datasheet]   Low-Power, High-Accuracy Analog Output Temperature Sensors
TMP235_1808 TI1-TMP235_1808 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power, High-Accuracy Analog Output Temperature Sensors
TMP235_018 TI1-TMP235_018 Datasheet
975Kb / 20P
[Old version datasheet]   Low-Power, High-Accuracy Analog Output Temperature Sensors
TMP235-Q1 TI1-TMP235-Q1_19 Datasheet
688Kb / 22P
[Old version datasheet]   Automotive Grade, High-Accuracy Analog Output Temperature Sensors
TMP235-Q1 TI1-TMP235-Q1 Datasheet
575Kb / 20P
[Old version datasheet]   Automotive Grade, High-Accuracy Analog Output Temperature Sensors
logo
Maxim Integrated Produc...
MAX6666 MAXIM-MAX6666_V01 Datasheet
1Mb / 7P
   High-Accuracy PWM Output Temperature Sensors
2014
MAX6666 MAXIM-MAX6666 Datasheet
268Kb / 8P
   High-Accuracy PWM Output Temperature Sensors
Rev 1; 12/03
MAX6666 MAXIM-MAX6666_09 Datasheet
124Kb / 7P
   High-Accuracy PWM Output Temperature Sensors
Rev 3; 8/09
logo
MultiDimension Technolo...
AMR4100 MULTIDIMENSION-AMR4100 Datasheet
905Kb / 7P
   High accuracy analog output dual axis position sensor
Version 2.0
logo
ON Semiconductor
NCT203 ONSEMI-NCT203 Datasheet
162Kb / 13P
   Low Voltage, High Accuracy Temperature Monitor
June, 2013 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com