Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2001D Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2001D
Description  Current Limited, Power-Distribution Switches
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2001D Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS2001D Datasheet HTML 3Page - Texas Instruments TPS2001D Datasheet HTML 4Page - Texas Instruments TPS2001D Datasheet HTML 5Page - Texas Instruments TPS2001D Datasheet HTML 6Page - Texas Instruments TPS2001D Datasheet HTML 7Page - Texas Instruments TPS2001D Datasheet HTML 8Page - Texas Instruments TPS2001D Datasheet HTML 9Page - Texas Instruments TPS2001D Datasheet HTML 10Page - Texas Instruments TPS2001D Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
IOUT
IOS
Decreasing
Load
Resistance
VIN
0 A
0 V
Slope = -RDS(ON)
I
OUT
120% x I
OS
I
OS
t
IOS
0 A
V
/EN
V
OUT
t
ON
t
OFF
50%
90%
10%
50%
V
EN
V
OUT
50%
t
ON
t
OFF
50%
90%
10%
t
R
t
F
10%
90%
V
OUT
OUT
R
L
C
L
7
TPS2001D
www.ti.com
SLVSE25A – JULY 2017 – REVISED OCTOBER 2017
Product Folder Links: TPS2001D
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Figure 1. Output Rise and Fall Test Load
Figure 2. Power-On and Power-Off Timing
Figure 3. Enable Timing, Active High Enable
Figure 4. Enable Timing, Active Low Enable
Figure 5. Output Short-Circuit Parameters
Figure 6. Output Characteristic Showing Current Limit


Similar Part No. - TPS2001D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2001D TI1-TPS2001D Datasheet
1Mb / 24P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2001DDGK TI1-TPS2001DDGK Datasheet
1Mb / 24P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2001DDGKR TI1-TPS2001DDGKR Datasheet
1Mb / 24P
[Old version datasheet]   Current Limited, Power-Distribution Switches
More results

Similar Description - TPS2001D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
   Current limited Power distribution switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com