Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2001DDBVR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2001DDBVR
Description  Current Limited, Power-Distribution Switches
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2001DDBVR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS2001DDBVR Datasheet HTML 7Page - Texas Instruments TPS2001DDBVR Datasheet HTML 8Page - Texas Instruments TPS2001DDBVR Datasheet HTML 9Page - Texas Instruments TPS2001DDBVR Datasheet HTML 10Page - Texas Instruments TPS2001DDBVR Datasheet HTML 11Page - Texas Instruments TPS2001DDBVR Datasheet HTML 12Page - Texas Instruments TPS2001DDBVR Datasheet HTML 13Page - Texas Instruments TPS2001DDBVR Datasheet HTML 14Page - Texas Instruments TPS2001DDBVR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
IOUT
IOS
Decreasing
Load
Resistance
VIN
0 A
0 V
Slope = -RDS(ON)
IOUT
IOS
Decreasing
Load
Resistance
VIN
0 A
0 V
Slope = -RDS(ON)
IOC
Current Limit
with Peaking
Flat Current
Limit
11
TPS2001D
www.ti.com
SLVSE25A – JULY 2017 – REVISED OCTOBER 2017
Product Folder Links: TPS2001D
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Feature Description (continued)
8.3.3 Internal Charge Pump
The device incorporates an internal charge pump and gate drive circuitry necessary to drive the N-channel
MOSFET. The charge pump supplies power to the gate driver circuit and provides the necessary voltage to pull
the gate of the MOSFET above the source. The driver incorporates circuitry that controls the rise and fall times of
the output voltage to limit large current and voltage surges on the input supply, and provides built-in soft-start
functionality. The MOSFET power switch blocks current from OUT to IN when turned off by the UVLO or
disabled.
8.3.4 Current Limit
The device responds to overloads by limiting output current to the static IOS levels shown in Electrical
Characteristics: TJ = TA = 25°C. When an overload condition is present, the device maintains a constant output
current, with the output voltage determined by (IOS × RLOAD). Two possible overload conditions can occur. The
first overload condition occurs when either:
1. input voltage is first applied, enable is true, and a short circuit is present (load which draws IOUT > IOS)
2. input voltage is present and the TPS2001D is enabled into a short circuit.
The output voltage is held near zero potential with respect to ground and the TPS2001D ramps the output
current to IOS. The TPS2001D limits the current to IOS until the overload condition is removed or the device
begins to thermal cycle.
The second condition is when an overload occurs while the device is enabled and fully turned on. The device
responds to the overload condition within tIOS (Figure 5 and Figure 6) when the specified overload (see Electrical
Characteristics: –40°C ≤ TJ ≤ 125°C) is applied. The response speed and shape varies with the overload level,
input circuit, and rate of application. The current limit response will vary between simply settling to IOS, or turnoff
and controlled return to IOS. Similar to the previous case, the TPS2001D limits the current to IOS until the
overload condition is removed or the device begins to thermal cycle.
The TPS2001D thermal cycles if an overload condition is present long enough to activate thermal limiting in any
of the above cases. This is due to the relatively large power dissipation [(VIN – VOUT) × IOS] driving the junction
temperature up. The device turns off when the junction temperature exceeds 135°C (minimum) while in current
limit. The device remains off until the junction temperature cools 20°C and then restarts.
There are two kinds of current limit profiles typically available in TI switch products that are similar to the
TPS2001D. Many older designs have an output I vs V characteristic similar to the plot labeled Current Limit with
Peaking in Figure 20. This type of limiting can be characterized by two parameters, the current limit corner (IOC),
and the short circuit current (IOS). IOC is often specified as a maximum value. The TPS2001D family of parts does
not present noticeable peaking in the current limit, corresponding to the characteristic labeled Flat Current Limit
in Figure 20. This is why the IOC parameter is not present in Electrical Characteristics: –40°C ≤ TJ ≤ 125°C.
Figure 20. Current Limit Profiles


Similar Part No. - TPS2001DDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2001DDGK TI1-TPS2001DDGK Datasheet
1Mb / 24P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2001DDGKR TI1-TPS2001DDGKR Datasheet
1Mb / 24P
[Old version datasheet]   Current Limited, Power-Distribution Switches
More results

Similar Description - TPS2001DDBVR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
   Current limited Power distribution switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com