Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS23521 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS23521
Description  ??8 V High Performance Hot Swap Controller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS23521 Datasheet(HTML) 5 Page - Texas Instruments

  TPS23521 Datasheet HTML 1Page - Texas Instruments TPS23521 Datasheet HTML 2Page - Texas Instruments TPS23521 Datasheet HTML 3Page - Texas Instruments TPS23521 Datasheet HTML 4Page - Texas Instruments TPS23521 Datasheet HTML 5Page - Texas Instruments TPS23521 Datasheet HTML 6Page - Texas Instruments TPS23521 Datasheet HTML 7Page - Texas Instruments TPS23521 Datasheet HTML 8Page - Texas Instruments TPS23521 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
5
TPS23521
www.ti.com
SLVSDX2 – SEPTEMBER 2017
Product Folder Links: TPS23521
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.5 Electrical Characteristics
–40°C
≤ TJ ≤125°C, 1.1 mA < IVCC < 10 mA, V(UVEN) = 2 V, V(OV) = V(SNS) = V(D) = 0 V, V(SS) = GATEx = Hi-Z , V(TMR) = 0 V, ,
VVREF = VPROG = Hi-Z; All pin voltages are relative to VEE (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC – Clamped Supply
V(UVLO_VCC)
UVLO on VCC
rising
9
9.5
10
V
hysteresis
1
V
V(VCC)
VCC regulation
1.1< I(VCC) < 10 mA (current into
VCC)
12
14.5
18
V
IQ
Quiescent Current
VVCC=10V. Off
1
mA
VVCC = 10V. On
1
mA
VVCC = 10V, Gate, GATEA, GATEB
in regulation
1.1
mA
UVEN – Undervoltage and Enable
V(UVEN_T)
Threshold voltage for V(UVEN)
0.985
1
1.015
V
I(UV_hyst)
Hysteresis current, sourcing
from UV pin
VUV = 1.5V
9
10
11.2
µA
OV – Over voltage
V(OV_T)
Threshold voltage for VOV
0.98
1
1.02
V
I(OV_hyst)
Hysteresis current, sourcing
from OV pin
VOV = 1.5V
9
10
11.2
µA
TMR – timer
VTMR
Voltage on timer when part
times out.
VSNS = 0.1V, VD = 0V, TMR ↑,
measure VTMR when VGATE = 0
1.47
1.5
1.53
V
VTMR2
Voltage on timer when part
times out.
VSNS = 0.1V, VD = 1V, TMR ↑,
measure VTMR when VGATE = 0
0.735
0.75
0.765
V
ITMR,SRC
Timer Sourcing current when
in fault condition or when
retrying.
VSNS = 0.1V, VD = 0, VTMR = 0V,
measure I out from TMR
9
10
11
µA
VSNS = 0.1V, VD = 2V, VTMR = 0V,
measure I out from TMR
45
50
55
µA
ITMR,SNC
Timer sinking current when
not in fault condition.
VSNS = 0.1V, VD = 0, VTMR = 2V,
1.5
2
2.5
µA
VTMR,RETRY
Voltage on timer when the
timer starts going back up in
retry. Retry version only.
VSNS = 0.1V, VD = 0, TMR ↑ = 2V,
TMR
↓, measure VTMR when I into
TMR change polarity
0.475
0.5
0.525
V
NRETRY
Number of retry duty cycles.
Retry version only.
64
DRETRY
Retry duty cycle. Retry
version only.
0.4
%
IGATE,TIMER
Gate Sourcing Current
Threshold When timer starts
to run.
VG=5V, VD = 2V, VSNS ↑, measure
IGATE when TMR sources current
5
10
15
µA
VSNS,TMR1
Sense Voltage when Timer
starts to run.
VD = 2V, VTMR = 0V, VG=5V; VSNS ↑,
measure VSNS when TMR sources
current
1.5
mV
VSNS,TMR2
Sense Voltage when Timer
starts to run.
VD = 0V, VTMR = 0V , VG=5V; VSNS
↑, measure VSNS when TMR
sources current
23.25
mV
SNS – Sense pin for current limit
ISNS,LEAK
Leakage current on sense
pin
-2
2
µA
VSNS,CL1
PROG = Float
VTMR=0. VGATE = 5V. VD=0V VSNS ↑,
measure when IGATE = 0;
24
25
26
mV
PROG = VEE
40
mV


Similar Part No. - TPS23521

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS23523 TI1-TPS23523 Datasheet
2Mb / 38P
[Old version datasheet]   ??8-V Hot Swap and Single OR-ing Controller
TPS23523PWR TI1-TPS23523PWR Datasheet
2Mb / 38P
[Old version datasheet]   ??8-V Hot Swap and Single OR-ing Controller
TPS23523PWT TI1-TPS23523PWT Datasheet
2Mb / 38P
[Old version datasheet]   ??8-V Hot Swap and Single OR-ing Controller
TPS23525 TI1-TPS23525 Datasheet
2Mb / 39P
[Old version datasheet]   ??8-V Hot Swap and Dual OR-ing Controller
TPS23525PWR TI1-TPS23525PWR Datasheet
2Mb / 39P
[Old version datasheet]   ??8-V Hot Swap and Dual OR-ing Controller
More results

Similar Description - TPS23521

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1073 AD-ADM1073 Datasheet
305Kb / 24P
   Full-Feature ??8 V Hot Swap Controller
REV. 0
ADM1073ARUZ AD-ADM1073ARUZ Datasheet
376Kb / 24P
   Full-Feature ??8 V Hot Swap Controller
REV. B
ADM1075 AD-ADM1075 Datasheet
745Kb / 52P
   ??8 V Hot Swap Controller and Digital
REV. A
ADM1073ARUZ AD-ADM1073ARUZ Datasheet
376Kb / 24P
   Full-Feature ??8 V Hot Swap Controller
REV. B
ADM1070 AD-ADM1070 Datasheet
367Kb / 16P
   -48 V Hot Swap Controller
REV. 0
ADM1070 AD-ADM1070_15 Datasheet
341Kb / 16P
   48 V Hot Swap Controller
REV. 0
logo
Texas Instruments
TPS24740 TI1-TPS24740 Datasheet
2Mb / 61P
[Old version datasheet]   2.5-V to 18-V High Performance Hot Swap and ORing Controller
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com