Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS25820 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS25820
Description  TPS25821 USB Type-C 1.5-A Source Controller and Power Switch
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25820 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS25820 Datasheet HTML 2Page - Texas Instruments TPS25820 Datasheet HTML 3Page - Texas Instruments TPS25820 Datasheet HTML 4Page - Texas Instruments TPS25820 Datasheet HTML 5Page - Texas Instruments TPS25820 Datasheet HTML 6Page - Texas Instruments TPS25820 Datasheet HTML 7Page - Texas Instruments TPS25820 Datasheet HTML 8Page - Texas Instruments TPS25820 Datasheet HTML 9Page - Texas Instruments TPS25820 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
6
TPS25820, TPS25821
SLVSE24 – NOVEMBER 2017
www.ti.com
Product Folder Links: TPS25820 TPS25821
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
–40°C
≤ TJ ≤ 125°C, 4.5 V ≤ VIN ≤ 5.5 V, VEN = VCHG = VIN, RREF = 100 kΩ. Typical values are at 25°C. All voltages are with
respect to GND. IOUT and IOS defined positive out of the indicated pin (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(2)
These parameters are provided for reference only and do not constitute part of TI’s published specifications for purposes of TI’s product
warranty.
CC1/CC2 – CONNECT MANAGEMENT
ISRC
Sourcing current
VCHG = 0 V, 0 V ≤ VCCx ≤ 1.5 V, after V SINK
= 0 V
73
80
85
µA
0 V
≤ VCCx ≤ 1.5 V, after V SINK = 0 V
168
180
190
VCHG = 0 V or VIN, 0 V ≤ VCCx ≤ 1.5
V, before V SINK = 0 V
64
80
96
IREV
Reverse leakage current
CCx is the CC pin under test, CCy is the
other CC pin. VCCx = 5.5 V, CCy floating,
VEN = 0 V or 0 V ≤ VIN ≤ 5.5 V, –40°C ≤ TJ
≤ 85°C, IREV is current into CCx pin.
0
5
µA
CCx is the CC pin under test, CCy is the
other CC pin. VCCx = 5.5 V, CCy = 0
V, –40°C
≤ TJ ≤ 85°C, IREV is current
into CCx pin.
5
10
CC1/CC2 – CONNECT MANAGEMENT – VCONN DISCHARGE MODE
Discharge resistance (TPS25820)
CC pin that was providing VCONN before
detach: VCCX = 4 V
400
500
600
Ω
VTH
Falling threshold for discharged
(TPS25820)
CC pin that was providing VCONN before
detach
570
600
630
mV
Discharged threshold hysteresis
(TPS25820)
100
mV
SINK, POL
VOL
Output low voltage
ISNK_PIN = 1 mA
250
mV
IOFF
Off-state leakage
VPIN = 5.5 V
1
µA
EN, CHG - LOGIC INPUTS
VTH
Rising threshold voltage for output
logic change
1.45
1.8
V
VTH
Falling threshold voltage for output
logic change
1.00
1.35
V
Hysteresis(2)
100
mV
IIN
Input current
VPIN = 0 V or 5.5 V
–0.5
0.5
µA
OVER TEMPERATURE SHUT DOWN
TTH_OTSD2
Rising threshold temperature for
device shutdown
155
°C
Hysteresis(2)
20
°C
TTH_OTSD1
Rising threshold temperature for
OUT/ VCONN switch shutdown in
current limit
135
°C
Hysteresis(2)
20
°C
IN
VTH
Rising threshold voltage for
not UVLO
3.9
4.1
4.3
V
Hysteresis(2)
100
mV


Similar Part No. - TPS25820

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25810 TI1-TPS25810 Datasheet
1Mb / 36P
[Old version datasheet]   TPS25810 USB Type-C DFP Controller and Power Switch with Load Detection
TPS25810 TI1-TPS25810 Datasheet
1Mb / 38P
[Old version datasheet]   USB Type-C DFP Controller and Power Switch with Load Detection
TPS25810 TI1-TPS25810 Datasheet
734Kb / 37P
[Old version datasheet]   USB Type-C DFP Controller and Power Switch With Load Detection
TPS25810 TI1-TPS25810 Datasheet
1Mb / 39P
[Old version datasheet]   USB Type-C DFP Controller and Power Switch With Load Detection
TPS25810-Q1 TI1-TPS25810-Q1 Datasheet
734Kb / 37P
[Old version datasheet]   USB Type-C DFP Controller and Power Switch With Load Detection
More results

Similar Description - TPS25820

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25740 TI1-TPS25740 Datasheet
2Mb / 64P
[Old version datasheet]   USB Type-C and USB PD Source Controller
TPS25740B TI1-TPS25740B Datasheet
1Mb / 61P
[Old version datasheet]   USB Type-C and USB PD Source Controller
TPS65986 TI1-TPS65986 Datasheet
2Mb / 109P
[Old version datasheet]   USB Type-C and USB PD Controller and Power Switch
TPS65981 TI1-TPS65981 Datasheet
140Kb / 7P
[Old version datasheet]   USB Type-C and USB PD Controller Power Switch
logo
ON Semiconductor
EVBUM2710 ONSEMI-EVBUM2710 Datasheet
5Mb / 24P
   USB Type-C Source Controller Supporting USB Power Delivery 3.0 w/PPS and a 4-Switch Buck Boost Controller Evaluation Board
January, 2020 ??Rev. 0
logo
Texas Instruments
TPS65981-Q1 TI1-TPS65981-Q1 Datasheet
125Kb / 7P
[Old version datasheet]   USB Type-C and USB PD Controller, Power Switch, and High Multiplexer
TPS65983B TI1-TPS65983B Datasheet
2Mb / 112P
[Old version datasheet]   USB Type-C and USB PD Controller, Power Switch, and High Speed Multiplexer
TPS65983B TI1-TPS65983B_16 Datasheet
2Mb / 117P
[Old version datasheet]   USB Type-C and USB PD Controller, Power Switch, and High Speed Multiplexer
TPS65982 TI1-TPS65982_16 Datasheet
2Mb / 117P
[Old version datasheet]   USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
TPS65982 TI1-TPS65982_19 Datasheet
2Mb / 113P
[Old version datasheet]   USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com