Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS25821 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS25821
Description  TPS25821 USB Type-C 1.5-A Source Controller and Power Switch
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25821 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS25821 Datasheet HTML 7Page - Texas Instruments TPS25821 Datasheet HTML 8Page - Texas Instruments TPS25821 Datasheet HTML 9Page - Texas Instruments TPS25821 Datasheet HTML 10Page - Texas Instruments TPS25821 Datasheet HTML 11Page - Texas Instruments TPS25821 Datasheet HTML 12Page - Texas Instruments TPS25821 Datasheet HTML 13Page - Texas Instruments TPS25821 Datasheet HTML 14Page - Texas Instruments TPS25821 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
Rp
Rp
CC
Rp
Rp
Ra
Ra
Cable
Source monitors for
connection
Source monitors for
connection
Sink monitors for
connection
Sink monitors for
connection
11
TPS25820, TPS25821
www.ti.com
SLVSE24 – NOVEMBER 2017
Product Folder Links: TPS25820 TPS25821
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Enhances flexibility and ease of use
Typical flow of DFP to UFP configuration is shown in Figure 8:
Figure 8. DFP to UFP Connect Flow
7.1.3 Detecting a Connection
Sources and DRPs fulfill the role of detecting a valid connection over USB Type-C. Figure 9 shows a Source to
Sink connection made with Type-C cable. As shown in Figure 9, the detection concept is based on being able to
detect terminations in the product which has been attached. A pull-up and pull-down termination model is used. A
pull-up termination can be replaced by a current source.
In the Source-Sink connection the Source monitors both CC pins for a voltage lower than the unterminated
voltage.
A Sink advertises Rd on both its CC pins (CC1 and CC2).
A powered cable advertises Ra on its VCONN pin.
Figure 9. Source-Sink Connection Mechanism


Similar Part No. - TPS25821

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25810 TI1-TPS25810 Datasheet
1Mb / 36P
[Old version datasheet]   TPS25810 USB Type-C DFP Controller and Power Switch with Load Detection
TPS25810 TI1-TPS25810 Datasheet
1Mb / 38P
[Old version datasheet]   USB Type-C DFP Controller and Power Switch with Load Detection
TPS25810 TI1-TPS25810 Datasheet
734Kb / 37P
[Old version datasheet]   USB Type-C DFP Controller and Power Switch With Load Detection
TPS25810 TI1-TPS25810 Datasheet
1Mb / 39P
[Old version datasheet]   USB Type-C DFP Controller and Power Switch With Load Detection
TPS25810-Q1 TI1-TPS25810-Q1 Datasheet
734Kb / 37P
[Old version datasheet]   USB Type-C DFP Controller and Power Switch With Load Detection
More results

Similar Description - TPS25821

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25740 TI1-TPS25740 Datasheet
2Mb / 64P
[Old version datasheet]   USB Type-C and USB PD Source Controller
TPS25740B TI1-TPS25740B Datasheet
1Mb / 61P
[Old version datasheet]   USB Type-C and USB PD Source Controller
TPS65986 TI1-TPS65986 Datasheet
2Mb / 109P
[Old version datasheet]   USB Type-C and USB PD Controller and Power Switch
TPS65981 TI1-TPS65981 Datasheet
140Kb / 7P
[Old version datasheet]   USB Type-C and USB PD Controller Power Switch
logo
ON Semiconductor
EVBUM2710 ONSEMI-EVBUM2710 Datasheet
5Mb / 24P
   USB Type-C Source Controller Supporting USB Power Delivery 3.0 w/PPS and a 4-Switch Buck Boost Controller Evaluation Board
January, 2020 ??Rev. 0
logo
Texas Instruments
TPS65981-Q1 TI1-TPS65981-Q1 Datasheet
125Kb / 7P
[Old version datasheet]   USB Type-C and USB PD Controller, Power Switch, and High Multiplexer
TPS65983B TI1-TPS65983B Datasheet
2Mb / 112P
[Old version datasheet]   USB Type-C and USB PD Controller, Power Switch, and High Speed Multiplexer
TPS65983B TI1-TPS65983B_16 Datasheet
2Mb / 117P
[Old version datasheet]   USB Type-C and USB PD Controller, Power Switch, and High Speed Multiplexer
TPS65982 TI1-TPS65982_16 Datasheet
2Mb / 117P
[Old version datasheet]   USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
TPS65982 TI1-TPS65982_19 Datasheet
2Mb / 113P
[Old version datasheet]   USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com