Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS92610-Q1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS92610-Q1
Description  Automotive Single-Channel LED Driver
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS92610-Q1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS92610-Q1 Datasheet HTML 3Page - Texas Instruments TPS92610-Q1 Datasheet HTML 4Page - Texas Instruments TPS92610-Q1 Datasheet HTML 5Page - Texas Instruments TPS92610-Q1 Datasheet HTML 6Page - Texas Instruments TPS92610-Q1 Datasheet HTML 7Page - Texas Instruments TPS92610-Q1 Datasheet HTML 8Page - Texas Instruments TPS92610-Q1 Datasheet HTML 9Page - Texas Instruments TPS92610-Q1 Datasheet HTML 10Page - Texas Instruments TPS92610-Q1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Supply Voltage (V)
4
10
16
22
28
34
40
2
10
100
250
D004
40qC, I(Shutdown)
25qC, I(Shutdown)
125qC, I(Shutdown)
40qC, I(FAULT)
25qC, I(FAULT)
125qC, I(FAULT)
40qC, I(Quiescent)
25qC, I(Quiescent)
125qC, I(Quiescent)
PWM Duty Cycle
1%
10%
100%
0.5%
1%
10%
100%
D005
Dropout Voltage (V)
0
0.5
1
1.5
2
0
40
80
120
160
200
240
D002
I(setting) = 10 mA
I(setting) = 70 mA
I(setting) = 150 mA
Dropout Voltage (V)
0
0.5
1
1.5
2
0
30
60
90
120
150
180
D003
40qC
25qC
125qC
Supply Voltage (V)
4
10
16
22
28
34
40
0
50
100
150
200
250
D001
I(SET)= 10 mA
I(SET) = 70 mA
I(SET) = 150 mA
R(SNS) (:)
0.2 0.3
0.5 0.7 1
2
3 4 5 6 7 8 10
20 30
50
2
3
5
7
10
20
30
50
70
100
200
300
500
D001
7
TPS92610-Q1
www.ti.com
SLDS233 – NOVEMBER 2017
Product Folder Links: TPS92610-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.7 Typical Characteristics
Figure 2. Output Current vs. Supply Voltage
Figure 3. Output Current vs. External Resistor
Figure 4. Output Current vs. Dropout Voltage
Figure 5. Output Current Vs. Temperature
Figure 6. Shutdown, Quiescent, and Fault Current vs.
Supply Voltage
Figure 7. PWM Output Duty-Cycle vs. Input Duty-cycle


Similar Part No. - TPS92610-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92610-Q1 TI1-TPS92610-Q1 Datasheet
3Mb / 29P
[Old version datasheet]   Automotive Single-Channel Linear LED Driver
TPS92610-Q1 TI1-TPS92610-Q1_17 Datasheet
3Mb / 29P
[Old version datasheet]   Automotive Single-Channel Linear LED Driver
More results

Similar Description - TPS92610-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92613-Q1 TI1-TPS92613-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   Automotive Single-Channel LED Driver
TPS92612-Q1 TI1-TPS92612-Q1 Datasheet
2Mb / 18P
[Old version datasheet]   Automotive Single-Channel LED Driver
TPS92610-Q1 TI1-TPS92610-Q1_17 Datasheet
3Mb / 29P
[Old version datasheet]   Automotive Single-Channel Linear LED Driver
TPS92611-Q1 TI1-TPS92611-Q1 Datasheet
2Mb / 24P
[Old version datasheet]   Automotive Single-Channel Linear LED Driver
TPS92613-Q1 TI1-TPS92613-Q1_V01 Datasheet
1Mb / 28P
[Old version datasheet]   TPS92613-Q1 Automotive Single-Channel LED Driver
TPS92601-Q1 TI1-TPS92601-Q1_16 Datasheet
1Mb / 47P
[Old version datasheet]   Single- and Dual-Channel Automotive Headlight LED Driver
TPS92601-Q1 TI1-TPS92601-Q1_18 Datasheet
1Mb / 47P
[Old version datasheet]   Single- and Dual-Channel Automotive Headlight LED Driver
TPS92601-Q1 TI-TPS92601-Q1_15 Datasheet
1Mb / 45P
[Old version datasheet]   TPS9260x-Q1 Single- and Dual-Channel Automotive Headlight LED Driver
logo
ON Semiconductor
CAT310 ONSEMI-CAT310 Datasheet
151Kb / 10P
   10 Channel Automotive LED Display Driver
November, 2009 ??Rev. 2
logo
Catalyst Semiconductor
CAT310 CATALYST-CAT310 Datasheet
374Kb / 10P
   10 Channel Automotive LED Display Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com