Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM3015D Datasheet(PDF) 11 Page - SamHop Microelectronics Corp.

Part # SM3015D
Description  REMOTE FAN MCU
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM3015D Datasheet(HTML) 11 Page - SamHop Microelectronics Corp.

Back Button SM3015D Datasheet HTML 7Page - SamHop Microelectronics Corp. SM3015D Datasheet HTML 8Page - SamHop Microelectronics Corp. SM3015D Datasheet HTML 9Page - SamHop Microelectronics Corp. SM3015D Datasheet HTML 10Page - SamHop Microelectronics Corp. SM3015D Datasheet HTML 11Page - SamHop Microelectronics Corp. SM3015D Datasheet HTML 12Page - SamHop Microelectronics Corp. SM3015D Datasheet HTML 13Page - SamHop Microelectronics Corp. SM3015D Datasheet HTML 14Page - SamHop Microelectronics Corp. SM3015D Datasheet HTML 15Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Page 11
G. SLT KEY
When fan controller functions are on, pres
the sleep mode, then press the SLT key to set the timer of the wind grade down. The time base of
SLT key is 0.5HR/1HR/2HR.
H. MEMORY FUNCTION
Memory of speed, mode(except sleep mode) and swing functions can be set independently.
Memory function can be cancelled by Bonding option. When memory function is available, wind
speed mode and swing functions will operate as last state; if last state is sleep mode, press
SPEED or ON/OFF key enable fan controller while memory functions(Speed/Mode/Swing) will be
returned to the last state before sleep mode operation.
I. STARTING WIND
Memory or non-memory type, fan controller starts with three seconds starting wind.
J. CUSTOMER CODE
SM3015 provide two-bit customer code to distinguish different product models. There are four
types, that can be set by diode.
a. Set code bit to "0", connect diode to COM1/COM2 and SWING/SW1 terminal
b. Set code bit to "1", open the circuit.
D1
D2
0
0
0
1
1
1
0
1
D2
D1
COM1
COM2
PIN
PIN
SWING/SW1 PIN
V.2.0 Mar 8, 2002
SM3015
SAMHOP Microelectronics Corp.
三合微科股份有限公司
REMOTE FAN MCU


Similar Part No. - SM3015D

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM30100D SECOS-SM30100D Datasheet
300Kb / 2P
   30A Schottky Barrier Rectifiers
SM30100D SECOS-SM30100D_15 Datasheet
251Kb / 2P
   30A Schottky Barrier Rectifiers
logo
Sinopower Semiconductor...
SM3016NSU SINOPWER-SM3016NSU Datasheet
179Kb / 12P
   N-Channel Enhancement Mode MOSFET
SM3016NSUC-TRG SINOPWER-SM3016NSUC-TRG Datasheet
179Kb / 12P
   N-Channel Enhancement Mode MOSFET
SM3017NSU SINOPWER-SM3017NSU Datasheet
276Kb / 12P
   N-Channel Enhancement Mode MOSFET
More results

Similar Description - SM3015D

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST65P542R SST-SST65P542R Datasheet
538Kb / 40P
   Remote Controller MCU
SST65P542R SST-SST65P542R_05 Datasheet
475Kb / 41P
   Remote Controller MCU
logo
Princeton Technology Co...
PT2275 PTC-PT2275 Datasheet
228Kb / 4P
   Fan Remote Control
logo
MOSDESIGN SEMICONDUCTOR...
M75104 MOSDESIGN-M75104 Datasheet
151Kb / 2P
   REMOTE FAN CONTROL
2003-07-21
logo
Silan Microelectronics ...
SC5104 SILAN-SC5104 Datasheet
528Kb / 7P
   FAN REMOTE CONTROL ENCODER
SC2128A SILAN-SC2128A Datasheet
221Kb / 15P
   REMOTE FAN CONTROL IC
logo
Unisonic Technologies
RBA8206 UTC-RBA8206_15 Datasheet
171Kb / 7P
   REMOTE FAN CONTROL IC
logo
Silan Microelectronics ...
SC8206 SILAN-SC8206 Datasheet
342Kb / 8P
   REMOTE FAN CONTROL IC
SC2128C SILAN-SC2128C Datasheet
523Kb / 13P
   REMOTE FAN CONTROL IC
logo
Unisonic Technologies
RBA5104 UTC-RBA5104 Datasheet
151Kb / 4P
   FAN REMOTE CONTROL ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com