Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS5USBC400YFPT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TS5USBC400YFPT
Description  Dual 2:1 USB 2.0 Mux/DeMux with 16-V Overvoltage Protection
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS5USBC400YFPT Datasheet(HTML) 1 Page - Texas Instruments

  TS5USBC400YFPT Datasheet HTML 1Page - Texas Instruments TS5USBC400YFPT Datasheet HTML 2Page - Texas Instruments TS5USBC400YFPT Datasheet HTML 3Page - Texas Instruments TS5USBC400YFPT Datasheet HTML 4Page - Texas Instruments TS5USBC400YFPT Datasheet HTML 5Page - Texas Instruments TS5USBC400YFPT Datasheet HTML 6Page - Texas Instruments TS5USBC400YFPT Datasheet HTML 7Page - Texas Instruments TS5USBC400YFPT Datasheet HTML 8Page - Texas Instruments TS5USBC400YFPT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
USB
VCC
D1-
D2+
D1+
OVP
Logic
Control
GND
USB
Connector
TS5USBC400
Copyright © 2017, Texas Instruments Incorporated
UART
USB
D2-
SEL1
SEL2
OE
FLT
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TS5USBC400
SCDS374A – SEPTEMBER 2017 – REVISED SEPTEMBER 2017
TS5USBC400 Dual 2:1 USB 2.0 Mux/DeMux with 16-V Overvoltage Protection
1
1 Features
1
Supply Range 2.3 V to 5.5 V
Differential 2:1 or 1:2 Switch/Multiplexer
0-V to 16-V Overvoltage Protection (OVP) on
Common Pins
Powered Off Protection When VCC = 0 V
Low RON of 9 Ω Maximum
BW of 1.1 GHz Typical
CON of 4.5 pF Typical
Low Power Disable Mode
1.8-V Compatible Logic Inputs
ESD Protection Exceeds JESD 22
2000-V Human Body Model (HBM)
TS5USBC400: Standard Temperature Range of
0°C to 70°C
TS5USBC400I: Industrial Temperature Range of
-40°C to 85°C
Small DSBGA Package
2 Applications
Mobile
PC/Notebook
Tablet
Anywhere a USB Type-C™ or Micro-B Connector
is Used
3 Description
The TS5USBC400 is a bidirectional low-power dual
port,
high-speed,
USB
2.0
analog
switch
with
integrated protection for USB Type-C™ systems. The
device is configured as a dual 2:1 or 1:2 switch and is
optimized for handling the USB 2.0 D+/- lines in a
USB Type-C™ systems.
The TS5USBC400 protection on the I/O pins can
tolerate up to 16V with automatic shutoff circuitry to
protect system components behind the switch.
The TS5USBC400 comes in a small 12 pin DSBGA
package making it a perfect candidate for mobile and
space constrained applications.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TS5USBC400
TS5USBC400I
DSBGA (12)
1.582 mm × 1.182 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Similar Part No. - TS5USBC400YFPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5USBC402 TI1-TS5USBC402 Datasheet
1Mb / 29P
[Old version datasheet]   Dual 2:1 USB 2.0 Mux/DeMux or Single Ended Cross Switch with 20-V Overvoltage Protection
TS5USBC402I TI1-TS5USBC402I Datasheet
1Mb / 29P
[Old version datasheet]   Dual 2:1 USB 2.0 Mux/DeMux or Single Ended Cross Switch with 20-V Overvoltage Protection
TS5USBC402IYFPR TI1-TS5USBC402IYFPR Datasheet
1Mb / 29P
[Old version datasheet]   Dual 2:1 USB 2.0 Mux/DeMux or Single Ended Cross Switch with 20-V Overvoltage Protection
TS5USBC402IYFPT TI1-TS5USBC402IYFPT Datasheet
1Mb / 29P
[Old version datasheet]   Dual 2:1 USB 2.0 Mux/DeMux or Single Ended Cross Switch with 20-V Overvoltage Protection
TS5USBC402YFPR TI1-TS5USBC402YFPR Datasheet
1Mb / 29P
[Old version datasheet]   Dual 2:1 USB 2.0 Mux/DeMux or Single Ended Cross Switch with 20-V Overvoltage Protection
More results

Similar Description - TS5USBC400YFPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5USBC41 TI1-TS5USBC41 Datasheet
585Kb / 27P
[Old version datasheet]   Dual 2:1 USB 2.0 Mux/DeMux or Single Ended Cross Switch with 16-V/20-V Overvoltage Protection
TS5USBC402 TI1-TS5USBC402 Datasheet
1Mb / 29P
[Old version datasheet]   Dual 2:1 USB 2.0 Mux/DeMux or Single Ended Cross Switch with 20-V Overvoltage Protection
HD3SS6126 TI1-HD3SS6126 Datasheet
815Kb / 16P
[Old version datasheet]   USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
HD3SS6126 TI1-HD3SS6126_14 Datasheet
817Kb / 17P
[Old version datasheet]   USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
logo
Analog Devices
ADG787 AD-ADG787_15 Datasheet
421Kb / 16P
   Dual 2:1 Mux/Demux USB 1.1 Switch
REV. A
logo
Pericom Semiconductor C...
PI3USB304 PERICOM-PI3USB304 Datasheet
1Mb / 9P
   3.3V USB 3.0 SuperSpeed Dual 2:1 Mux/DeMux Switch with Enable
logo
Analog Devices
ADG772 AD-ADG772 Datasheet
408Kb / 12P
   CMOS Low Power Dual 2:1 Mux/Demux USB 2.0 (480 Mbps)/USB 1.1 (12 Mbps)
REV. 0
logo
Integrated Device Techn...
IDT74FST163233 IDT-IDT74FST163233 Datasheet
82Kb / 6P
   16-BIT 2:1 MUX/DEMUX SWITCH
logo
Renesas Technology Corp
IDT74FST163233 RENESAS-IDT74FST163233 Datasheet
528Kb / 8P
   16-BIT 2:1 MUX/DEMUX SWITCH
OCTOBER 2008
logo
Potato Semiconductor Co...
PO3B22A POTATO-PO3B22A_14 Datasheet
1Mb / 5P
   Wide Bandwidth, Dual 2:1 Mux/DeMux
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com