Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG38B-3021-30-1005 Datasheet(PDF) 1 Page - Willow Technologies Ltd

Part # DG38B-3021-30-1005
Description  pcb and industrial power relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DG38B-3021-30-1005 Datasheet(HTML) 1 Page - Willow Technologies Ltd

  DG38B-3021-30-1005 Datasheet HTML 1Page - Willow Technologies Ltd DG38B-3021-30-1005 Datasheet HTML 2Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1 of 2
www.durakoolrelays.com
Sales Department Tel: (888) 847-6552
DG38L
pcb power relay
Contacts
Contact number & arrangement
SPST-NO (1 Form A), SPDT (1 Form C)
Contact material
AgSnOInO
Max. switching voltage
28VDC / 277VAC (optionally 80VDC, SPST-NO only)
Min. switching current / voltage
500mA/12VDC
SPST-NO
SPDT
NO Contact
NC Contact
Max. continuous current (240VAC/28VDC)
45A
30A
15A
Max. switching current
45A (20A @ 80VDC)
30A
15A
Motor
240VAC
3HP
2HP
0.75HP
120VAC
1.5HP
1.5HP
0.375HP
LRA/FLA
240VAC
120A/45A
75A/30A
30A/10.5A
120VAC
147A/33A
75A/30A
30A/10.5A
Initial resistance
50mΩ, max. at 0.1A/6VDC
Coil
Rated voltage
DC 5...110VDC
Must release voltage
≥0.1Un
Operating range of supply voltage
See coil table 1
Rated power consumption
DC 0.9W
Insulation
Insulation resistance
50mΩ at 500VDC, 50%RH
Dielectric strength
coil to contact / open contacts 1500Vrms, 1min.
(Contact Gap ≥1.2mm for P674)
General Data
Operating time (max.)
ms 15
Release time (max.)
ms 10
Electrical Life
ops 1.5 x 104
Mechanical life
ops 1 x 107
Dimensions
L x W x H 32.2 x 27.5 x 28mm
Weight
32g (approx)
Ambient temperature
storage -40 to 130°C
operating -55 to 85°C
Shock resistance
Functional: 10g 11mS; Destructive: 100g
Vibration resistance
DA 1.5mm; 10-50Hz
• Up to 45A switching capability
• 80VDC maximum switching voltage
• Improved DG38 with magnetic arc quench
• PCB & QC terminals
• RoHS Compliant
Ref: DG38L 030917JHM
UL Rating
Specifications are subject to change without notice. E&OE.


Similar Part No. - DG38B-3021-30-1005

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
DG38B-3021-30-1005 WILLOW-DG38B-3021-30-1005 Datasheet
264Kb / 3P
   pcb and industrial power relay
More results

Similar Description - DG38B-3021-30-1005

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
DG38B WILLOW-DG38B Datasheet
264Kb / 3P
   pcb and industrial power relay
DG38 WILLOW-DG38 Datasheet
279Kb / 3P
   pcb and industrial power relay
DG34 WILLOW-DG34 Datasheet
350Kb / 3P
   pcb / industrial power relay
logo
OEN India Limited
OEN45 OENINDIA-OEN45_18 Datasheet
248Kb / 2P
   INDUSTRIAL PCB RELAY
logo
Willow Technologies Ltd
DG19 WILLOW-DG19 Datasheet
324Kb / 3P
   pcb automotive / industrial relay
logo
American Electronic Com...
DLR AEC-DLR Datasheet
453Kb / 7P
   industrial power relay
logo
Willow Technologies Ltd
DLR WILLOW-DLR Datasheet
453Kb / 7P
   industrial power relay
logo
OEN India Limited
1R-2-6-1R OENINDIA-1R-2-6-1R Datasheet
305Kb / 1P
   MEDIUM POWER INDUSTRIAL RELAY
3R-1-6-4R OENINDIA-3R-1-6-4R Datasheet
32Kb / 1P
   MEDIUM POWER INDUSTRIAL RELAY
logo
TE Connectivity Ltd
RT1-DC TEC-RT1-DC Datasheet
336Kb / 3P
   Power PCB Relay RT1 DC and AC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com