Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG38B-3021-70-1005 Datasheet(PDF) 2 Page - Willow Technologies Ltd

Part # DG38B-3021-70-1005
Description  pcb and industrial power relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DG38B-3021-70-1005 Datasheet(HTML) 2 Page - Willow Technologies Ltd

  DG38B-3021-70-1005 Datasheet HTML 1Page - Willow Technologies Ltd DG38B-3021-70-1005 Datasheet HTML 2Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DG38L
pcb power relay
Ref: DG38L 030917HM
Page 2 of 2
www.durakoolrelays.com
Sales Department Tel: (888) 847-6552
Overall Dimensions, Mounting Holes & Wiring Diagram
Fig. 1
Specifications are subject to change without notice. E&OE.
Coil Data
Table 1
Coil Voltage Code
Nominal Voltage (VDC)
Coil Resistance (Ω)
±10%
Must operate voltage
max. (VDC)
Must release voltage
min. (VDC)
1005
5
27
3.75
0.5
1006
6
40
4.50
0.6
1009
9
97
6.75
0.9
1012
12
155
9.00
1.2
1024
24
660
18.00
2.4
1048
48
2560 ±15%
36.00
4.8
Ordering codes
Type
Contact
Material
Contact
arrangement
Cover protec-
tion and
mounting
Coil code
D
G
3
8
L
-
7
0
2
1
-
3
0
-
-
Contact Material
70
-
AgSnOInO
See Table 1
Contact Arrangement
21
-
SPST-NO (1 Normally open)
11
-
SPDT (1 Changeover) (not available for P674)
Cover Protection Category
3
-
Covered, sealed. IP67*
Terminations and mounting
0
-
PCB + QC’s for contacts
Options
P674
-
Increased contact gap for 80VDC
2 - 6.4 QC
Bottom view
All dimensions in millimeters
3.8
* Not fitted or required for SPST-NO version
SPST-NO
SPDT
* For optimum electrical life, sealed relays should be vented after board washing.


Similar Part No. - DG38B-3021-70-1005

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
DG38B-3021-70-1005 WILLOW-DG38B-3021-70-1005 Datasheet
264Kb / 3P
   pcb and industrial power relay
More results

Similar Description - DG38B-3021-70-1005

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
DG38B WILLOW-DG38B Datasheet
264Kb / 3P
   pcb and industrial power relay
DG38 WILLOW-DG38 Datasheet
279Kb / 3P
   pcb and industrial power relay
DG34 WILLOW-DG34 Datasheet
350Kb / 3P
   pcb / industrial power relay
logo
OEN India Limited
OEN45 OENINDIA-OEN45_18 Datasheet
248Kb / 2P
   INDUSTRIAL PCB RELAY
logo
Willow Technologies Ltd
DG19 WILLOW-DG19 Datasheet
324Kb / 3P
   pcb automotive / industrial relay
logo
American Electronic Com...
DLR AEC-DLR Datasheet
453Kb / 7P
   industrial power relay
logo
Willow Technologies Ltd
DLR WILLOW-DLR Datasheet
453Kb / 7P
   industrial power relay
logo
OEN India Limited
1R-2-6-1R OENINDIA-1R-2-6-1R Datasheet
305Kb / 1P
   MEDIUM POWER INDUSTRIAL RELAY
3R-1-6-4R OENINDIA-3R-1-6-4R Datasheet
32Kb / 1P
   MEDIUM POWER INDUSTRIAL RELAY
logo
TE Connectivity Ltd
RT1-DC TEC-RT1-DC Datasheet
336Kb / 3P
   Power PCB Relay RT1 DC and AC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com