Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG60-3011-35-S012 Datasheet(PDF) 1 Page - Willow Technologies Ltd

Part # DG60-3011-35-S012
Description  ultra miniature pcb automotive relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DG60-3011-35-S012 Datasheet(HTML) 1 Page - Willow Technologies Ltd

  DG60-3011-35-S012 Datasheet HTML 1Page - Willow Technologies Ltd DG60-3011-35-S012 Datasheet HTML 2Page - Willow Technologies Ltd DG60-3011-35-S012 Datasheet HTML 3Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
www.aecsensors.com
Sales Department Tel: (888) 847-6552
DG60
ultra miniature pcb automotive relay
Contacts
Contact number & arrangement
SPDT (1 Form C); 2 x SPDT (2 x 1 Form C)
Contact material
AgSnO2
Max. switching voltage
DC 16VDC (consult factory for 24VDC)
Min. switching current / voltage
1A/6VDC
Rated load
DC1 25A/14VDC
Max. switching current
DC1 30A
Max. continuous current
DC1 25A (1hr @ 20°C)
Max. switching power
480W
Initial resistance
100mΩ, max. at 0.1A/6VDC
Coil
Rated voltage
DC 12V
Must release voltage
DC 1.0V
Operating range of supply voltage
See coil tables 1 & 2
Rated power consumption
DC 0.64W (table 1) / 0.8W (table 2)
Insulation
Insulation resistance
100MΩ at 500VDC, 50%RH
Coil insulation
UL Class F - standard; UL Class H - reflow compatible version
Dielectric strength
coil to contact 1000Vrms, 50Hz, 1min
contact to contact 500Vrms, 50Hz, 1min
General Data
Operating time
ms ≤10
Release time (typical)
ms ≤5
Electrical Life
ops 1 x 105 (see Note 2)
Mechanical life
ops 1 x 106 at 300 ops/min
Dimensions
L x W x H 14.3 x 7.5 x 13.8mm (SPDT); 14.3 x 15.7 x 13.8mm (2 x SPDT)
Weight
4g approx. (SPDT); 8g approx. (2 x SPDT)
Ambient temperature
storage -40 to 155°C
operating -40 to 85°C (-40 to 105°C Reflow version - see Note 3)
Shock resistance
98m/s2 11ms
Vibration resistance
43.1 m/s2 10 - 500Hz
• Ultra miniature - only 14.3 x 7.5 x 13.8mm
and extremely light weight
• Single and Twin relays
• Ultra Low voltage operate version
• Reflow Solder compatible version
• RoHS Compliant
Ref: DG60 030116JHM
Specifications are subject to change without notice. E&OE.


Similar Part No. - DG60-3011-35-S012

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DG60 AEC-DG60 Datasheet
444Kb / 3P
   Single and Twin relays
logo
Vishay Siliconix
DG604 VISHAY-DG604 Datasheet
190Kb / 10P
   1.0 pC Charge Injection, 100 pA Leakage, 4-Channel Multiplexer
Rev. A, 24-Dec-07
DG604 VISHAY-DG604 Datasheet
215Kb / 12P
   1.0 pC Charge Injection, 100 pA Leakage, 4-Channel Multiplexer
Rev. C, 18-Jul-11
DG604 VISHAY-DG604 Datasheet
242Kb / 13P
   1.0 pC Charge Injection, 100 pA Leakage, 4-Channel Multiplexer
01-Jan-2022
logo
TOKO, Inc
DG6045C TOKO-DG6045C Datasheet
88Kb / 1P
   Low Profile (H 4.5mm Max).
More results

Similar Description - DG60-3011-35-S012

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G8NW-2 OMRON-G8NW-2 Datasheet
306Kb / 6P
   Ultra-Miniature Automotive PCB Relay
logo
Willow Technologies Ltd
DG20 WILLOW-DG20 Datasheet
215Kb / 2P
   ultra miniature automotive pcb relay
logo
Omron Electronics LLC
G8N1 OMRON-G8N1 Datasheet
139Kb / 6P
   Ultra-Miniature Automotive PCB Relay
logo
Willow Technologies Ltd
DG27 WILLOW-DG27 Datasheet
355Kb / 2P
   ultra miniature automotive pcb relay
logo
Omron Electronics LLC
G8N1HDC12SK OMRON-G8N1HDC12SK Datasheet
251Kb / 6P
   Ultra-Miniature Automotive PCB Relay
G8N-1 OMRON-G8N-1 Datasheet
251Kb / 6P
   Ultra-Miniature Automotive PCB Relay
G8ND-2 OMRON-G8ND-2 Datasheet
542Kb / 6P
   Ultra-Miniature Automotive PCB Relay
logo
List of Unclassifed Man...
G8ND ETC-G8ND Datasheet
170Kb / 6P
   Ultra-Miniature Automotive Dual PCB Relay G8ND2
logo
Sanyou Corporation Limi...
SARDN SANYOU-SARDN Datasheet
176Kb / 3P
   Miniature PCB Automotive Relay
SARM SANYOU-SARM Datasheet
190Kb / 3P
   Miniature PCB Automotive Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com