Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28056DBVR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28056DBVR
Description  6-Pin Single-Phase Transition-Mode PFC Controller
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28056DBVR Datasheet(HTML) 10 Page - Texas Instruments

Back Button UCC28056DBVR Datasheet HTML 6Page - Texas Instruments UCC28056DBVR Datasheet HTML 7Page - Texas Instruments UCC28056DBVR Datasheet HTML 8Page - Texas Instruments UCC28056DBVR Datasheet HTML 9Page - Texas Instruments UCC28056DBVR Datasheet HTML 10Page - Texas Instruments UCC28056DBVR Datasheet HTML 11Page - Texas Instruments UCC28056DBVR Datasheet HTML 12Page - Texas Instruments UCC28056DBVR Datasheet HTML 13Page - Texas Instruments UCC28056DBVR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
10
UCC28056
SLUSD37 – OCTOBER 2017
www.ti.com
Product Folder Links: UCC28056
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
UCC28056 is designed to partner with UCC25630x to control a complete PFC+LLC isolated off-Line power
supply system delivering more than 300W. The combined power supply is designed to meet tough modern
efficiency and standby power requirements without the need for an Auxiliary Flyback converter and with no need
to switch off the PFC under light load conditions. It allows designers to meet modern green power standards with
a simpler and cheaper power supply.
UCC28056 contains a number of features designed to maximize operating efficiency across the entire range of
Line and Load. A versatile CrM/DCM control algorithm allows UCC28056 to operate in transition mode at full
power and then transition seamlessly into DCM at reduced load without compromising Line current harmonics or
power factor. It will operate at maximum frequency (Transition mode) when delivering full load and then
automatically reduce switching frequency, moving to DCM operation, when delivering reduced load for maximum
efficiency.
Light load efficiency and standby power are further enhanced by transitioning automatically to a burst mode of
operation when delivering less than 10% load. During the burst OFF periods, UCC28056 powers down most of
its internal circuits to minimize controller power consumption.
UCC28056 includes a comprehensive list of fault protection features. These include cycle-by-cycle current limit,
over-current protection, dual independent output over-voltage protection, Line Brown-out, Over-temperature
protection and supply under-voltage lockout (UVLO).
Quantised 7-level line voltage feed-forward ensures that the loop gain is almost independent of line voltage, to
ease design of the output voltage control loop. A non-linear error amplifier greatly improves the response to large
steps in load without compromising steady state Line current harmonics.


Similar Part No. - UCC28056DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28056DBVR TI1-UCC28056DBVR Datasheet
2Mb / 53P
[Old version datasheet]   UCC28056 6-Pin Single-Phase Transition-Mode PFC Controller
More results

Similar Description - UCC28056DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28056 TI1-UCC28056_V01 Datasheet
2Mb / 53P
[Old version datasheet]   UCC28056 6-Pin Single-Phase Transition-Mode PFC Controller
logo
STMicroelectronics
L6564TD STMICROELECTRONICS-L6564TD Datasheet
680Kb / 33P
   10-pin transition-mode PFC controller
L6564T STMICROELECTRONICS-L6564T Datasheet
680Kb / 33P
   10-pin transition-mode PFC controller
L6564 STMICROELECTRONICS-L6564 Datasheet
815Kb / 34P
   10 pin transition-mode PFC controller
L6562AT STMICROELECTRONICS-L6562AT Datasheet
492Kb / 25P
   Transition-mode PFC controller
L6562A_0708 STMICROELECTRONICS-L6562A_0708 Datasheet
547Kb / 26P
   Transition-mode PFC controller
logo
Texas Instruments
UCC28050 TI-UCC28050 Datasheet
692Kb / 30P
[Old version datasheet]   TRANSITION MODE PFC CONTROLLER
UCC28050 TI-UCC28050_15 Datasheet
1Mb / 31P
[Old version datasheet]   TRANSITION MODE PFC CONTROLLER
logo
ADTech
ADT6011 ADTECH-ADT6011 Datasheet
264Kb / 5P
   Transition Mode PFC controller
logo
STMicroelectronics
L6562 STMICROELECTRONICS-L6562 Datasheet
249Kb / 16P
   TRANSITION-MODE PFC CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com