Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28C40QDRQ1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28C40QDRQ1
Description  Automotive BiCMOS Low-Power Current-Mode PWM Controllers
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28C40QDRQ1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCC28C40QDRQ1 Datasheet HTML 5Page - Texas Instruments UCC28C40QDRQ1 Datasheet HTML 6Page - Texas Instruments UCC28C40QDRQ1 Datasheet HTML 7Page - Texas Instruments UCC28C40QDRQ1 Datasheet HTML 8Page - Texas Instruments UCC28C40QDRQ1 Datasheet HTML 9Page - Texas Instruments UCC28C40QDRQ1 Datasheet HTML 10Page - Texas Instruments UCC28C40QDRQ1 Datasheet HTML 11Page - Texas Instruments UCC28C40QDRQ1 Datasheet HTML 12Page - Texas Instruments UCC28C40QDRQ1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
0.90
0.95
1.00
1.05
1.10
--50
--25
0
25
50
75
100
125
TJ -- Temperature -- °C
f -- Frequency -- kHz
50
100
90
60
0
500
80
70
CT = 220 pF
CT = 1 nF
1000
1500
2000
2500
10
15
40
35
30
20
25
tf
tr
(1 nF)
--50
--25
0
25
50
75
100
125
TJ -- Temperature -- °C
(1 nF)
10% to 90%
VDD = 12 V
--50
2.1
3.0
2.9
2.7
2.6
2.4
2.2
2.0
2.3
2.5
2.8
--25
0
25
50
75
100
125
TJ -- Temperature -- °C
NO LOAD
9
UCC28C40-Q1, UCC28C41-Q1, UCC28C42-Q1
UCC28C43-Q1, UCC28C44-Q1, UCC28C45-Q1
www.ti.com
SLUSA12B – DECEMBER 2009 – REVISED OCTOBER 2017
Product Folder Links: UCC28C40-Q1 UCC28C41-Q1 UCC28C42-Q1 UCC28C43-Q1 UCC28C44-Q1 UCC28C45-Q1
Submit Documentation Feedback
Copyright © 2009–2017, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 13. Supply Current vs Temperature
Figure 14. Output Rise Time and Fall Time vs Temperature
Figure 15. Maximum Duty Cycle vs Oscillator Frequency
Figure 16. Maximum Duty Cycle vs Temperature
Figure 17. Maximum Duty Cycle vs Temperature
Figure 18. Current Sense Threshold Voltage vs Temperature


Similar Part No. - UCC28C40QDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28C40 TI-UCC28C40 Datasheet
296Kb / 19P
[Old version datasheet]   BICMOS LOW POWER CURRENT MODE PWM CONTROLLER
UCC28C40 TI-UCC28C40 Datasheet
759Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C40 TI1-UCC28C40 Datasheet
894Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C40 TI1-UCC28C40 Datasheet
1Mb / 34P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C40D TI-UCC28C40D Datasheet
296Kb / 19P
[Old version datasheet]   BICMOS LOW POWER CURRENT MODE PWM CONTROLLER
More results

Similar Description - UCC28C40QDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28C41-Q1 TI1-UCC28C41-Q1_16 Datasheet
971Kb / 25P
[Old version datasheet]   BiCMOS Low-Power Current-Mode PWM Controllers
UCC28C41-Q1 TI-UCC28C41-Q1_15 Datasheet
825Kb / 22P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
UCC28C4X-EP TI1-UCC28C4X-EP Datasheet
646Kb / 24P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
UCC28C41-Q1 TI1-UCC28C41-Q1 Datasheet
450Kb / 20P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
UCC28C45-EP TI-UCC28C45-EP_15 Datasheet
639Kb / 23P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
UCC1800 TI1-UCC1800_16 Datasheet
2Mb / 56P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM Controllers
UCC28C43-EP TI1-UCC28C43-EP Datasheet
638Kb / 23P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
UCC1800 TI1-UCC1800_17 Datasheet
2Mb / 55P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM Controllers
logo
Micrel Semiconductor
MIC38C42 MICREL-MIC38C42_07 Datasheet
345Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C42 MICREL-MIC38C42_11 Datasheet
348Kb / 11P
   BiCMOS Current-Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com