Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28C41QDRQ1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28C41QDRQ1
Description  Automotive BiCMOS Low-Power Current-Mode PWM Controllers
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28C41QDRQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCC28C41QDRQ1 Datasheet HTML 2Page - Texas Instruments UCC28C41QDRQ1 Datasheet HTML 3Page - Texas Instruments UCC28C41QDRQ1 Datasheet HTML 4Page - Texas Instruments UCC28C41QDRQ1 Datasheet HTML 5Page - Texas Instruments UCC28C41QDRQ1 Datasheet HTML 6Page - Texas Instruments UCC28C41QDRQ1 Datasheet HTML 7Page - Texas Instruments UCC28C41QDRQ1 Datasheet HTML 8Page - Texas Instruments UCC28C41QDRQ1 Datasheet HTML 9Page - Texas Instruments UCC28C41QDRQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
6
UCC28C40-Q1, UCC28C41-Q1, UCC28C42-Q1
UCC28C43-Q1, UCC28C44-Q1, UCC28C45-Q1
SLUSA12B – DECEMBER 2009 – REVISED OCTOBER 2017
www.ti.com
Product Folder Links: UCC28C40-Q1 UCC28C41-Q1 UCC28C42-Q1 UCC28C43-Q1 UCC28C44-Q1 UCC28C45-Q1
Submit Documentation Feedback
Copyright © 2009–2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
VVDD = 15 V
(1), R
RT = 10 kΩ, CCT = 3.3 nF, CVDD = 0.1 µF and no load on the outputs, TA = –40°C to 125°C (unless otherwise
noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(5)
Parameter measured at trip point of latch with VFB = 0 V.
(6)
Gain is defined as ACS = ΔVCOMP / ΔVCS , 0 V ≤ VCS ≤ 900 mV
CURRENT SENSE
ACS
Gain
TA = 25°C, See
(5) (6)
2.75
3
3.15
V/V
TA = Full Range, See
(5) (6)
2.85
3
3.15
V/V
VCS
Maximum input signal
VFB < 2.4 V
0.9
1
1.1
V
PSRR
Power supply rejection ratio
VVDD = 12 V to 18 V
(2) (5)
70
dB
ICS
Input bias current
–0.1
–2
µA
tD
CS to output delay
35
70
ns
COMP to CS offset
VCS = 0 V
1.15
V
OUTPUT
VOUT(low)
RDS(on) pulldown
ISINK = 200 mA
5.5
15
Ω
VOUT(high) RDS(on) pullup
ISOURCE = 200 mA
10
25
Ω
tRISE
Rise tIme
COUT = 1 nF
25
50
ns
tFALL
Fall tIme
COUT = 1 nF
20
40
ns
UNDERVOLTAGE LOCKOUT
VDDON
Start threshold
UCC28C42-Q1, UCC28C44-Q1
13.5
14.5
15.5
V
UCC28C43-Q1, UCC28C45-Q1
7.8
8.4
9
UCC28C40-Q1, UCC28C41-Q1
6.5
7
7.5
VDDOFF
Minimum operating voltage
UCC28C42-Q1, UCC28C44-Q1
8
9
10
V
UCC28C43-Q1, UCC28C45-Q1
7
7.6
8.2
UCC28C40-Q1, UCC28C41-Q1
6.1
6.6
7.1
PWM
DMAX
Maximum duty cycle
UCC28C42-Q1, UCC28C43-Q1, UCC28C40-Q1,
VFB < 2.4 V
94%
96%
UCC28C44-Q1, UCC28C45-Q1, UCC28C41-Q1,
VFB < 2.4 V
47%
48%
DMIN
Minimum duty cycle
VFB > 2.6 V
0%
CURRENT SUPPLY
ISTART-UP Start-up current
VVDD = VDDON – 0.5 V
50
100
µA
IVDD
Operating supply current
VFB = VCS = 0 V
2.3
3
mA


Similar Part No. - UCC28C41QDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28C41QDRQ1 TI1-UCC28C41QDRQ1 Datasheet
450Kb / 20P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
UCC28C41QDRQ1 TI1-UCC28C41QDRQ1 Datasheet
971Kb / 25P
[Old version datasheet]   BiCMOS Low-Power Current-Mode PWM Controllers
More results

Similar Description - UCC28C41QDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28C41-Q1 TI1-UCC28C41-Q1_16 Datasheet
971Kb / 25P
[Old version datasheet]   BiCMOS Low-Power Current-Mode PWM Controllers
UCC28C41-Q1 TI-UCC28C41-Q1_15 Datasheet
825Kb / 22P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
UCC28C4X-EP TI1-UCC28C4X-EP Datasheet
646Kb / 24P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
UCC28C41-Q1 TI1-UCC28C41-Q1 Datasheet
450Kb / 20P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
UCC28C45-EP TI-UCC28C45-EP_15 Datasheet
639Kb / 23P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
UCC1800 TI1-UCC1800_16 Datasheet
2Mb / 56P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM Controllers
UCC28C43-EP TI1-UCC28C43-EP Datasheet
638Kb / 23P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
UCC1800 TI1-UCC1800_17 Datasheet
2Mb / 55P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM Controllers
logo
Micrel Semiconductor
MIC38C42 MICREL-MIC38C42_07 Datasheet
345Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C42 MICREL-MIC38C42_11 Datasheet
348Kb / 11P
   BiCMOS Current-Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com