Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVDS3486B Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS3486B
Description  HIGH-SPEED DIFFERENTIAL RECEIVERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS3486B Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN65LVDS3486B Datasheet HTML 7Page - Texas Instruments SN65LVDS3486B Datasheet HTML 8Page - Texas Instruments SN65LVDS3486B Datasheet HTML 9Page - Texas Instruments SN65LVDS3486B Datasheet HTML 10Page - Texas Instruments SN65LVDS3486B Datasheet HTML 11Page - Texas Instruments SN65LVDS3486B Datasheet HTML 12Page - Texas Instruments SN65LVDS3486B Datasheet HTML 13Page - Texas Instruments SN65LVDS3486B Datasheet HTML 14Page - Texas Instruments SN65LVDS3486B Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
SN65LVDS32B, SN65LVDT32B, SN65LVDS3486B
SN65LVDT3486B, SN65LVDS9637B, SN65LVDT9637B
HIGH-SPEED DIFFERENTIAL RECEIVERS
SLLS440A – OCTOBER 2000 – REVISED MAY 2001
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Table 1. Receiver Minimum and Maximum VIT3
Input Threshold Test Voltages
APPLIED VOLTAGES†
RESULTANT INPUTS
VIA (mV)
VIB (mV)
VID (mV)
VIC (mV)
Output
–2000
–1900
–100
–1950
L
–2000
–1968
–32
–1984
H
4300
4400
–100
4350
L
4368
4400
–32
4384
H
† These voltages are applied for a minimum of 1.5
µs.
VIA
VIB
VO
–100 mV @ 250 KHz
–32 mV @ 250 KHz
Failsafe Asserted
VIA
VIB
VO
a) No Failsafe
b) Failsafe Asserted
Figure 5. VIT3 Failsafe Threshold Test
td1
td2
1.4 V
1 V
0.4 V
0 V
–0.4 V
VOH
1.4 V
VOL
–0.2 V
>1.5
µs
Figure 6. Waveforms for Failsafe Activate and Deactivate


Similar Part No. - SN65LVDS3486B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS3486B TI-SN65LVDS3486B Datasheet
206Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS3486BD TI-SN65LVDS3486BD Datasheet
206Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS3486BDG4 TI-SN65LVDS3486BDG4 Datasheet
206Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS3486BDR TI-SN65LVDS3486BDR Datasheet
206Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS3486BDRG4 TI-SN65LVDS3486BDRG4 Datasheet
206Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
More results

Similar Description - SN65LVDS3486B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS32A TI-SN65LVDS32A_1 Datasheet
233Kb / 15P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS33 TI-SN65LVDS33_07 Datasheet
530Kb / 23P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS32B TI-SN65LVDS32B_07 Datasheet
206Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS32A TI-SN65LVDS32A Datasheet
191Kb / 14P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS33 TI-SN65LVDS33 Datasheet
419Kb / 20P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL RECEIVERS
SN75LVDS32 TI-SN75LVDS32 Datasheet
215Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS348 TI-SN65LVDS348 Datasheet
310Kb / 20P
[Old version datasheet]   QUAD HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDT352 TI-SN65LVDT352 Datasheet
306Kb / 20P
[Old version datasheet]   QUAD HIGH-SPEED DIFFERENTIAL RECEIVERS
logo
STMicroelectronics
STLVDS32B STMICROELECTRONICS-STLVDS32B Datasheet
696Kb / 17P
   High speed differential line receivers
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386_08 Datasheet
437Kb / 8P
   High-Speed Differential Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com