Electronic Components Datasheet Search |
|
DG38-3011-30-1048 Datasheet(PDF) 3 Page - Willow Technologies Ltd |
|
DG38-3011-30-1048 Datasheet(HTML) 3 Page - Willow Technologies Ltd |
3 / 3 page Ordering codes Type Contact Material Contact arrangement Cover protec- tion and mounting Coil code D G 3 8 - - - Contact Material 10 - AgCdO (30A/20A) see Table 1 30 - AgSnO 2 (40A/30A) Contact Arrangement 11 - SPDT ( 1 Changeover) 21 - SPST-NO (1 Normally open) Cover Protection Category 3 - Covered, sealed. IP67 7 - Covered, dust cover Terminations and mounting 0 - PCB mount + QC Terminals for contacts DG38 pcb & industrial power relay American Electronic Components Inc., 1101 Lafayette St. Elkhart, IN46516 Page 3 of 3 www.durakoolrelays.com Sales Department Tel: (888) 847-6552 Ref: DG38 022916JHM Notes: 1) All parameters, unless otherwise specified, are measured at an ambient temperature of 23°C. 2) PCB Mounting Holes - the “*” hole is not needed for the SPST-NO version. 3) At an ambient temperature of 85°C, the maximum allowable coil voltage should be reduced to 72% . 4) Electrical life obtained at resistive or inductive load at 30A/15VDC with suitable arc suppression attached and with an operating frequency of 1 op/sec. Specifications are subject to change without notice. E&OE. |
Similar Part No. - DG38-3011-30-1048 |
|
Similar Description - DG38-3011-30-1048 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |