Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVDT9637B Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDT9637B
Description  HIGH-SPEED DIFFERENTIAL RECEIVERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDT9637B Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN65LVDT9637B Datasheet HTML 6Page - Texas Instruments SN65LVDT9637B Datasheet HTML 7Page - Texas Instruments SN65LVDT9637B Datasheet HTML 8Page - Texas Instruments SN65LVDT9637B Datasheet HTML 9Page - Texas Instruments SN65LVDT9637B Datasheet HTML 10Page - Texas Instruments SN65LVDT9637B Datasheet HTML 11Page - Texas Instruments SN65LVDT9637B Datasheet HTML 12Page - Texas Instruments SN65LVDT9637B Datasheet HTML 13Page - Texas Instruments SN65LVDT9637B Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
SN65LVDS32B, SN65LVDT32B, SN65LVDS3486B
SN65LVDT3486B, SN65LVDS9637B, SN65LVDT9637B
HIGH-SPEED DIFFERENTIAL RECEIVERS
SLLS440A – OCTOBER 2000 – REVISED MAY 2001
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
B
A
G
G
VO
±
500
VTEST
10 pF
1.2 V
tPZL
tPLZ
tPZL
tPLZ
tPZH
tPHZ
tPZH
tPHZ
2.5 V
1 V
2 V
1.4 V
0.8 V
2 V
1.4 V
0.8 V
2.5 V
1.4 V
VOL +0.5 V
VOL
0
1.4 V
2 V
1.4 V
0.8 V
2 V
1.4 V
0.8 V
VOH
VOH –0.5 V
1.4 V
0
VTEST
A
G, 1,2EN,or 3,4EN
G
Y
VTEST
A
G
Y
Inputs
G, 1,2EN,or 3,4EN
NOTE: All input pulses are supplied by a generator having the following characteristics: tr or tf ≤ 1 ns, pulse
repetition rate (PRR) = 0.5 Mpps, Pulsewidth = 500
±10 ns . CL includes instrumentation and fixture
capacitance within 0,06 mm of the D.U.T.
1,2,EN, or 3,4, EN
Figure 4. Enable/Disable Time Test Circuit and Waveforms


Similar Part No. - SN65LVDT9637B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDT9637B TI-SN65LVDT9637B Datasheet
206Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDT9637BD TI-SN65LVDT9637BD Datasheet
206Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDT9637BDG4 TI-SN65LVDT9637BDG4 Datasheet
206Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDT9637BDR TI-SN65LVDT9637BDR Datasheet
206Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDT9637BDRG4 TI-SN65LVDT9637BDRG4 Datasheet
206Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
More results

Similar Description - SN65LVDT9637B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS32A TI-SN65LVDS32A_1 Datasheet
233Kb / 15P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS33 TI-SN65LVDS33_07 Datasheet
530Kb / 23P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS32B TI-SN65LVDS32B_07 Datasheet
206Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS32A TI-SN65LVDS32A Datasheet
191Kb / 14P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS33 TI-SN65LVDS33 Datasheet
419Kb / 20P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL RECEIVERS
SN75LVDS32 TI-SN75LVDS32 Datasheet
215Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS348 TI-SN65LVDS348 Datasheet
310Kb / 20P
[Old version datasheet]   QUAD HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDT352 TI-SN65LVDT352 Datasheet
306Kb / 20P
[Old version datasheet]   QUAD HIGH-SPEED DIFFERENTIAL RECEIVERS
logo
STMicroelectronics
STLVDS32B STMICROELECTRONICS-STLVDS32B Datasheet
696Kb / 17P
   High speed differential line receivers
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386_08 Datasheet
437Kb / 8P
   High-Speed Differential Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com