Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG84-7021-76-S012-R Datasheet(PDF) 2 Page - Willow Technologies Ltd

Part # DG84-7021-76-S012-R
Description  micro plug-in/pcb automotive relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DG84-7021-76-S012-R Datasheet(HTML) 2 Page - Willow Technologies Ltd

  DG84-7021-76-S012-R Datasheet HTML 1Page - Willow Technologies Ltd DG84-7021-76-S012-R Datasheet HTML 2Page - Willow Technologies Ltd DG84-7021-76-S012-R Datasheet HTML 3Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ordering codes
Type
Contact
material
Contact
arrangement
Cover protec-
tion and
mounting
Coil code
Options
D
G
8
4
-
7
0
-
-
-
Series
A
-
30/20A
B
-
40/30A
See coil table 1
Contact material
70
-
AgSnOInO
Contact arrangement
11
-
SPDT (1 C/O, 1 Form C)
21
-
SPST-NO (1N/O, 1 Form A)
Cover protection category
3
-
in cover, sealed - IP67
7
-
in cover, dust cover - IP54
Connection mode
5
-
for PCB
6
-
Flat Blades
Parallel Component Options
Nil
-
No option
R
-
Resistor (see Table 1 for values)
D
-
Diode (+85 / -86) (1N4007)
DR -
Diode reversed (-85 / + 86) (1N4007)
DG84 series
micro plug-in/pcb automotive relay
Ref: DG84 110112JHM
Coil Data
Table 1
Coil Voltage Code
Nominal Voltage
(VDC)
Coil Resistance (Ω)
±10%
Must Operate
Voltage Max.
(VDC)
Must Release
voltage min. (VDC)
Parallel Resistor
(optional)
(Ω)
1012
12
98
7.2
1.2
680
1024
24
385
14.4
2.4
2700
S012
12
124
7.2
1.2
680
S024
24
441
14.4
2.4
2700
* At ambient temperature of 85’C, maximum allowable voltage should be reduced by 28%
Page 2 of 3
www.aecsensors.com
Sales Department Tel: (888) 847-6552


Similar Part No. - DG84-7021-76-S012-R

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DG84 AEC-DG84 Datasheet
269Kb / 3P
   micro plug-in/pcb automotive relay
More results

Similar Description - DG84-7021-76-S012-R

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DG82 AEC-DG82 Datasheet
232Kb / 3P
   micro plug-in/pcb automotive relay
logo
Willow Technologies Ltd
DG82 WILLOW-DG82 Datasheet
232Kb / 3P
   micro plug-in/pcb automotive relay
logo
American Electronic Com...
DG84 AEC-DG84 Datasheet
269Kb / 3P
   micro plug-in/pcb automotive relay
logo
Picker Components
PC782 PICKER-PC782 Datasheet
171Kb / 2P
   Micro Automotive Plug In / PCB Power Relay
PC782 PICKER-PC782_14 Datasheet
362Kb / 2P
   Micro Automotive Plug In / PCB Power Relay
logo
List of Unclassifed Man...
HG4182 ETC1-HG4182 Datasheet
132Kb / 2P
   MICRO AUTOMOTIVE PLUG IN /PCB POWER RELAY
logo
American Electronic Com...
DGC2 AEC-DGC2 Datasheet
281Kb / 3P
   micro plug-in automotive relay
logo
Willow Technologies Ltd
DGC2 WILLOW-DGC2 Datasheet
281Kb / 3P
   micro plug-in automotive relay
logo
Picker Components
PC783 PICKER-PC783 Datasheet
711Kb / 2P
   35 Amp Micro ISO Automotive Plug In / PCB Relay
logo
DB Lectro Inc
HG4185A DBLECTRO-HG4185A Datasheet
179Kb / 4P
   Automotive Plug-In / PCB Power Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com