Electronic Components Datasheet Search |
|
DG55-5021-76-1024-M1D Datasheet(PDF) 2 Page - Willow Technologies Ltd |
|
DG55-5021-76-1024-M1D Datasheet(HTML) 2 Page - Willow Technologies Ltd |
2 / 3 page DG55 series automotive relays Ref: DG55 072916 JHM Specifications are subject to change without notice. E&OE. Coil data Coil voltage code Nominal voltage (V DC) Coil resistance (Ω) ± 10% Must operate volt- age max. ( V DC) Maximum Allowable voltage ( V DC) Must release voltage min. (V DC) 23 °C 85 °C 1012 12 72 7.2 18.0 13.0 1.2 1024 24 288 14.4 35.0 25.2 2.4 American Electronic Components Inc., 1101 Lafayette St. Elkhart, IN46516 Page 2 of 3 www.durakoolrelays.com Sales Department Tel: (888) 847-6552 Note: All parameters, unless otherwise specified, are measured at ambient temperature of 23°C Ordering Codes Type Contact Material and Arrangement Cover protection and mounting Coil Code Options 1 & 2 D G 5 5 - - - - Contact Material 50 - AgSnO 2 80 - AgNi0.15 Contact Arrangement 11 - SPDT (1C/O, 1 Form C) 21 - SPST-NO (1N/O, 1 Form A) Cover Protection & Mounting 7 - Dust Cover - IP54 9 - Cover with mounting bracket (Option M1 only) Connection Mode 6 - Flat blades (6.35mm) Coil Code See Table 1 Options 1 Nil - No options M1 - Metal bracket (Supplied fitted as standard. Consult factory for brackets supplied loose) Options 2 Nil - No Options R - Integral resistor D - Integral diode +85, -86 DR - Integral diode (reversed) -85, +86 (Standard) Example: DG55-5011-76-1012-DR |
Similar Part No. - DG55-5021-76-1024-M1D |
|
Similar Description - DG55-5021-76-1024-M1D |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |