Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75LVDT386 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LVDT386
Description  HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LVDT386 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN75LVDT386 Datasheet HTML 5Page - Texas Instruments SN75LVDT386 Datasheet HTML 6Page - Texas Instruments SN75LVDT386 Datasheet HTML 7Page - Texas Instruments SN75LVDT386 Datasheet HTML 8Page - Texas Instruments SN75LVDT386 Datasheet HTML 9Page - Texas Instruments SN75LVDT386 Datasheet HTML 10Page - Texas Instruments SN75LVDT386 Datasheet HTML 11Page - Texas Instruments SN75LVDT386 Datasheet HTML 12Page - Texas Instruments SN75LVDT386 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
f − Switching Frequency − MHz
0
20
40
60
80
100
120
140
0
50
100
150
200
250
300
350
VCC = 3.6 V
VCC = 3 V
VCC = 3.3 V
|VID| − Differential Input Voltage − V
0.0
0.5
1.0
1.5
2.0
2.5
0.0
0.1
0.2
0.3
0.4
0.5
0.6
Max at VCC = 3 V
Max at VCC > 3.15 V
Minimum
f − Switching Frequency − MHz
0
50
100
150
200
250
300
350
0
50
100
150
200
250
300
VCC = 3.6 V
VCC = 3 V
VCC = 3.3 V
f − Switching Frequency − MHz
0
100
200
300
400
500
600
0
50
100
150
200
250
300
VCC = 3.6 V
VCC = 3 V
VCC = 3.3 V
SN65LVDS386/388A/390, SN65LVDT386/388A/390
SN75LVDS386/388A/390, SN75LVDT386/388A/390
SLLS394G – SEPTEMBER 1999 – REVISED NOVEMBER 2004
LVDx390
COMMON-MODE INPUT VOLTAGE
SUPPLY CURRENT
vs
vs
DIFFERENTIAL INPUT VOLTAGE
SWITCHING FREQUENCY
Figure 4.
Figure 5.
LVDx388A
LVDx386
SUPPLY CURRENT
SUPPLY CURRENT
vs
vs
SWITCHING FREQUENCY
SWITCHING FREQUENCY
Figure 6.
Figure 7.
9


Similar Part No. - SN75LVDT386

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDT386 TI-SN75LVDT386 Datasheet
205Kb / 15P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN75LVDT386 TI-SN75LVDT386 Datasheet
415Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN75LVDT386DGG TI-SN75LVDT386DGG Datasheet
205Kb / 15P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN75LVDT386DGG TI-SN75LVDT386DGG Datasheet
415Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN75LVDT386DGG TI-SN75LVDT386DGG Datasheet
806Kb / 25P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
More results

Similar Description - SN75LVDT386

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS32 TI-SN75LVDS32 Datasheet
215Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32B STMICROELECTRONICS-STLVDS32B Datasheet
696Kb / 17P
   High speed differential line receivers
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386_08 Datasheet
437Kb / 8P
   High-Speed Differential Line Receivers
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32 Datasheet
275Kb / 13P
   HIGH SPEED DIFFERENTIAL LINE RECEIVERS
May 2003
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386 Datasheet
165Kb / 8P
   High-Speed Differential Line Receivers
logo
Texas Instruments
SN75LVDS32 TI-SN75LVDS32_07 Datasheet
314Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32_07 Datasheet
206Kb / 15P
   High speed differential line receivers
logo
Texas Instruments
SN65LVDS386 TI-SN65LVDS386_07 Datasheet
415Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS388 TI-SN65LVDS388 Datasheet
204Kb / 14P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN55LVDS32 TI-SN55LVDS32 Datasheet
916Kb / 37P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com