Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D2UB05C Datasheet(PDF) 3 Page - Yangzhou yangjie electronic co., ltd

Part # D2UB05C
Description  Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

D2UB05C Datasheet(HTML) 3 Page - Yangzhou yangjie electronic co., ltd

  D2UB05C Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd D2UB05C Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd D2UB05C Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd D2UB05C Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
D2UB05C THRU D2UB100C
 
 
3 / 4
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-B310
Rev. 2.0, 11-Jan-16
www.21yangjie.com
■ Outline Dimensions
D3K
Dim
Min
Max
A
13.30
14.30
B
10.30
11.30
C
6.40
7.40
D
4.50
5.50
E
1.05
1.45
F
0.60
0.85
G
3.70
3.90
H
13.10
13.50
I
2.60
3.60
J
3.10
3.40
K
2.00
2.20
L
0.40
0.60
Dimensions in millimeters
D3K
A
C
B
D
E
F
GG
G
H
I
J
K
L


Similar Part No. - D2UB05C

ManufacturerPart #DatasheetDescription
logo
Kingtronics Internation...
D2UB05 KINGTRONICS-D2UB05 Datasheet
348Kb / 2P
   Single Phase 2.0 AMPS.Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 2.0 Amperes
logo
SeCoS Halbleitertechnol...
D2UB05 SECOS-D2UB05 Datasheet
187Kb / 2P
   Voltage 50V ~ 1000V 2.0Amp Glass Passivated Bridge Rectifiers
logo
Yangzhou yangjie electr...
D2UB05 YANGJIE-D2UB05 Datasheet
159Kb / 4P
   Bridge Rectifiers
D2UB05 YANGJIE-D2UB05 Datasheet
159Kb / 4P
   Bridge Rectifiers
logo
Shanghai Leiditech Elec...
D2UB05 LEIDITECH-D2UB05 Datasheet
1Mb / 3P
   UL recognition, file #E230084
More results

Similar Description - D2UB05C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP610 ETC1-MP610 Datasheet
80Kb / 1P
   BRIDGE RECTIFIERS
logo
Fairchild Semiconductor
2KBP005M FAIRCHILD-2KBP005M Datasheet
42Kb / 3P
   Bridge Rectifiers
logo
Microsemi Corporation
VJ248M MICROSEMI-VJ248M Datasheet
89Kb / 2P
   Bridge Rectifiers
logo
Fairchild Semiconductor
GBU8A FAIRCHILD-GBU8A_04 Datasheet
47Kb / 3P
   Bridge Rectifiers
2KBP005M FAIRCHILD-2KBP005M_10 Datasheet
109Kb / 3P
   Bridge Rectifiers
MB1S FAIRCHILD-MB1S_09 Datasheet
173Kb / 3P
   Bridge Rectifiers
logo
America Semiconductor, ...
GBU10G AMERICASEMI-GBU10G Datasheet
421Kb / 2P
   BRIDGE RECTIFIERS
KBJ410G AMERICASEMI-KBJ410G Datasheet
639Kb / 2P
   BRIDGE RECTIFIERS
GBU15M AMERICASEMI-GBU15M Datasheet
399Kb / 2P
   BRIDGE RECTIFIERS
GBU6M AMERICASEMI-GBU6M Datasheet
677Kb / 2P
   BRIDGE RECTIFIERS
GBU6G AMERICASEMI-GBU6G Datasheet
698Kb / 2P
   BRIDGE RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com