Electronic Components Datasheet Search |
|
D6UB05 Datasheet(PDF) 1 Page - Yangzhou yangjie electronic co., ltd |
|
D6UB05 Datasheet(HTML) 1 Page - Yangzhou yangjie electronic co., ltd |
1 / 4 page D6UB05 THRU D6UB100 1 / 4 Yangzhou Yangjie Electronic Technology Co., Ltd. S-B012 Rev. 2.0, 28-Apr-14 www.21yangjie.com Bridge Rectifiers Features ● UL recognition, file #E230084 ● Ideal for printed circuit boards ● High surge current capability ● Solder dip 275 °C max. 7 s, per JESD 22-B106 Typical Applications General purpose use in AC/DC bridge full wave rectification for monitor, TV, printer, power supply, switching mode power supply, adapter, audio equipment, and home appliances applications. Mechanical Data ● Package: D3K Molding compound meets UL 94 V-0 flammability rating, RoHS-compliant ● Terminals: Tin plated leads, solderable per J-STD-002 and JESD22-B102 ● Polarity: As marked on body ■Maximum Ratings (Ta=25℃ Unless otherwise specified) PARAMETER SYMBOL UNIT D6UB05 D6UB10 D6UB20 D6UB40 D6UB60 D6UB80 D6UB100 Device marking code D6UB05 D6UB10 D6UB20 D6UB40 D6UB60 D6UB80 D6UB100 Repetitive peak reverse voltage VRRM V 50 100 200 400 600 800 1000 Average rectified output current @60Hz sine wave, R-load With heatsink Tc =138℃ IO A 6.0 Without heatsink Ta =29℃ 1.5 Surge(non-repetitive)forward current @60Hz half sine wave, 1 cycle, Tj=25℃ IFSM A 150 Current squared time @1ms≤t≤8.3ms Tj=25℃, Rating of per diode I 2t A 2s 93 Storage temperature Tstg ℃ -55 ~+150 Junction temperature Tj ℃ -55 ~+150 Dielectric strength @ Terminals to case, AC 1 minute Vdis KV 2 Mounting torque @Recommend torque: 5kg·cm Tor kg·cm 8 ■Electrical Characteristics(Ta=25℃ Unless otherwise specified) PARAMETER SYMBOL UNIT TEST CONDITIONS D6UB05 D6UB10 D6UB20 D6UB40 D6UB60 D6UB80 D6UB100 Maximum instantaneous forward voltage drop per diode VF V IFM=3.0A 1.1 Maximum DC reverse current at rated DC blocking voltage per diode IRRM μA VRM=VRRM 5 COMPLIANT RoHS + ~ ~ - |
Similar Part No. - D6UB05 |
|
Similar Description - D6UB05 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |