Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV8172A Datasheet(PDF) 7 Page - STMicroelectronics

Part # STV8172A
Description  Vertical Deflection Booster for 3-APPTV/Monitor Applications with 70-V Flyback Generator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8172A Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STV8172A Datasheet HTML 3Page - STMicroelectronics STV8172A Datasheet HTML 4Page - STMicroelectronics STV8172A Datasheet HTML 5Page - STMicroelectronics STV8172A Datasheet HTML 6Page - STMicroelectronics STV8172A Datasheet HTML 7Page - STMicroelectronics STV8172A Datasheet HTML 8Page - STMicroelectronics STV8172A Datasheet HTML 9Page - STMicroelectronics STV8172A Datasheet HTML 10Page - STMicroelectronics STV8172A Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7/14
STV8172A
Application Hints
4.2
AC-Coupled Applications
In AC-coupled applications (See Figure 6), only one supply (VS) is needed. The vertical position of
the scanning cannot be adjusted with input bias (for that purpose, usually some current is injected
or sunk with a resistor in the low side of the yoke).
4.2.1
Application Hints
Gain is defined as in the previous case:
Choose R1 then either R2 or R3. For good output centering, V7 must fulfill the following equation:
or
Figure 6: AC-coupled Application
R3
+Vs
R2
R1
Rd(*)
Yoke
Ly
(*) recommended:
Ly
50
µs
-------------
Rd
Ly
20
µs
-------------
<
<
0.1µF
CF (47 to 100µF)
Power
Amplifier
Flyback
Generator
Thermal
Safety
470µF
Output
Current
Output
Voltage
Ip
7
32
5
6
1
4
VM
Vm
+
-
Cs
R4
CL
R5
1.5
I
p
V
M
V
m
2
------------------------
R
2
R
1
R
3
×
----------------------
×
=
V
S
2
--------V
7
R
4
R
5
+
----------------------
V
7
V
M
V
m
+
2
------------------------
R
3
--------------------------------------
V
7
R
2
-------
+
=
V
7
1
R
3
-------
1
R
2
-------
+
×
1
R
4
R
5
+
----------------------⎠
V
S
2R
4
R
5
+
()
------------------------------
V
M
V
m
+
2R
3
×
------------------------
+
⎝⎠
⎜⎟
⎛⎞
=
+


Similar Part No. - STV8172A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV8179F STMICROELECTRONICS-STV8179F Datasheet
48Kb / 2P
   Vertical Deflection Booster For Slim CRTs
STV8179F STMICROELECTRONICS-STV8179F Datasheet
204Kb / 9P
   Vertical Deflection Booster for Slim CRTs
STV8179F STMICROELECTRONICS-STV8179F_06 Datasheet
204Kb / 9P
   Vertical Deflection Booster for Slim CRTs
More results

Similar Description - STV8172A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV9325 STMICROELECTRONICS-STV9325 Datasheet
310Kb / 14P
   Vertical Deflection Booster for 2.5-APPTV/Monitor Applications with 70-V Flyback Generator
STV9326 STMICROELECTRONICS-STV9326 Datasheet
319Kb / 14P
   Vertical Deflection Booster for 3-APPTV/Monitor Applications with 60-V Flyback Generator
STV9302A STMICROELECTRONICS-STV9302A Datasheet
327Kb / 15P
   VERTICAL DEFLECTION OUTPUT FOR MONITOR / TV 2 App / 60 V WITH FLYBACK GENERATOR
logo
NXP Semiconductors
TDA4800 PHILIPS-TDA4800 Datasheet
90Kb / 16P
   Vertical deflection circuit for monitor applications
1997 Mar 27
logo
STMicroelectronics
STV9379 STMICROELECTRONICS-STV9379 Datasheet
48Kb / 5P
   VERTICAL DEFLECTION BOOSTER
logo
NXP Semiconductors
TDA4863J PHILIPS-TDA4863J Datasheet
105Kb / 20P
   Vertical deflection booster
2000 Aug 17
logo
STMicroelectronics
TDA8177F STMICROELECTRONICS-TDA8177F_05 Datasheet
166Kb / 9P
   VERTICAL DEFLECTION BOOSTER
STV9379A STMICROELECTRONICS-STV9379A_03 Datasheet
159Kb / 6P
   VERTICAL DEFLECTION BOOSTER
logo
Unisonic Technologies
T8177 UTC-T8177 Datasheet
182Kb / 5P
   VERTICAL DEFLECTION BOOSTER
logo
NXP Semiconductors
TDA4864J PHILIPS-TDA4864J Datasheet
79Kb / 16P
   Vertical deflection booster
2003 Oct 31
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com