Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBL157 Datasheet(PDF) 1 Page - Yangzhou yangjie electronic co., ltd

Part # DBL157
Description  Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

DBL157 Datasheet(HTML) 1 Page - Yangzhou yangjie electronic co., ltd

  DBL157 Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd DBL157 Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd DBL157 Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd DBL157 Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DBL151 THRU DBL157
 
 
1 / 4
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-B025
Rev. 2.1, 28-Apr-14
www.21yangjie.com
Bridge Rectifiers
Features
● UL recognition, file #E313149
● High surge current capability
● Solder dip 275 °C max. 7 s, per JESD 22-B106
Typical Applications
General purpose use in AC/DC bridge full wave rectification
for SMPS, lighting ballaster, adapter, battery charger, home
appliances, office equipment, and telecommunication
applications.
Mechanical Data
Package: DBL
Molding compound meets UL 94 V-0 flammability
rating, RoHS-compliant, Halogen free
Terminals: Tin plated leads, solderable per
J-STD-002 and JESD22-B102
Polarity: As marked on body
Maximum Ratings (Ta=25℃ Unless otherwise specified)
PARAMETER
SYMBOL
UNIT
DBL151
DBL152
DBL153
DBL154
  DBL155  DBL156
DBL157
Device marking code
DBL151
DBL152
DBL153
DBL154  DBL155  DBL156
DBL157
Repetitive peak reverse voltage
V
RRM
V
50
100
200
400
600
800
1000
Average rectified output current
@60Hz sine wave, R-load,Ta=40℃
IO
A
1.5
Surge(non-repetitive)forward current
@60Hz half sine wave, 1 cycle, Tj=25℃
IFSM
A
50
Current squared time
@1ms≤t≤8.3ms Tj=25℃,Rating of per diode
I
2t
A
2s
10
Storage temperature
Tstg
-55 ~+150
Junction temperature
Tj
-55 ~+150
■Electrical Characteristics(Ta=25℃ Unless otherwise specified)
PARAMETER
SYMBOL UNIT
TEST
CONDITIONS
DBL151
DBL152
DBL153
DBL154
  DBL155  DBL156
DBL157
Maximum instantaneous forward
voltage drop per diode
VF
V
IFM=0.7A
1.05
Maximum DC reverse current at
rated DC blocking voltage per diode
@ VRM=VRRM
IRRM
μA
V
RM=VRRM
5
COMPLIANT
RoHS
‐ 


Similar Part No. - DBL157

ManufacturerPart #DatasheetDescription
logo
RFE international
DBL157 RFE-DBL157 Datasheet
913Kb / 3P
   Bridge Rectifiers
03-02-2022
logo
Taiwan Semiconductor Co...
DBL157G TSC-DBL157G Datasheet
59Kb / 2P
   Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
DBL157G TSC-DBL157G Datasheet
132Kb / 2P
   Single Phase 1.5AMP. Glass Passivated Bridge Rectifiers
logo
Shenzhen Luguang Electr...
DBL157G LUGUANG-DBL157G Datasheet
362Kb / 2P
   Single Phase 1.5 AMP. Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBL157G TSC-DBL157G Datasheet
180Kb / 4P
   Glass Passivated Bridge Rectifiers
More results

Similar Description - DBL157

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP610 ETC1-MP610 Datasheet
80Kb / 1P
   BRIDGE RECTIFIERS
logo
Fairchild Semiconductor
2KBP005M FAIRCHILD-2KBP005M Datasheet
42Kb / 3P
   Bridge Rectifiers
logo
Microsemi Corporation
VJ248M MICROSEMI-VJ248M Datasheet
89Kb / 2P
   Bridge Rectifiers
logo
Fairchild Semiconductor
GBU8A FAIRCHILD-GBU8A_04 Datasheet
47Kb / 3P
   Bridge Rectifiers
2KBP005M FAIRCHILD-2KBP005M_10 Datasheet
109Kb / 3P
   Bridge Rectifiers
MB1S FAIRCHILD-MB1S_09 Datasheet
173Kb / 3P
   Bridge Rectifiers
logo
America Semiconductor, ...
GBU10G AMERICASEMI-GBU10G Datasheet
421Kb / 2P
   BRIDGE RECTIFIERS
KBJ410G AMERICASEMI-KBJ410G Datasheet
639Kb / 2P
   BRIDGE RECTIFIERS
GBU15M AMERICASEMI-GBU15M Datasheet
399Kb / 2P
   BRIDGE RECTIFIERS
GBU6M AMERICASEMI-GBU6M Datasheet
677Kb / 2P
   BRIDGE RECTIFIERS
GBU6G AMERICASEMI-GBU6G Datasheet
698Kb / 2P
   BRIDGE RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com