Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST92F120JV1Q7 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST92F120JV1Q7
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
Download  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JV1Q7 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST92F120JV1Q7 Datasheet HTML 2Page - STMicroelectronics ST92F120JV1Q7 Datasheet HTML 3Page - STMicroelectronics ST92F120JV1Q7 Datasheet HTML 4Page - STMicroelectronics ST92F120JV1Q7 Datasheet HTML 5Page - STMicroelectronics ST92F120JV1Q7 Datasheet HTML 6Page - STMicroelectronics ST92F120JV1Q7 Datasheet HTML 7Page - STMicroelectronics ST92F120JV1Q7 Datasheet HTML 8Page - STMicroelectronics ST92F120JV1Q7 Datasheet HTML 9Page - STMicroelectronics ST92F120JV1Q7 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 324 page
background image
6/324
ST92F120 - GENERAL DESCRIPTION
1.2 PIN DESCRIPTION
AS. Address Strobe (output, active low, 3-state).
Address Strobe is pulsed low once at the begin-
ning of each memory cycle. The rising edge of AS
indicates that address, Read/Write (RW), and
Data signals are valid for memory transfers.
DS. Data Strobe (output, active low, 3-state). Data
Strobe provides the timing for data movement to or
from Port 0 for each memory transfer. During a
write cycle, data out is valid at the leading edge of
DS. During a read cycle, Data In must be valid pri-
or to the trailing edge of DS. When the ST9 ac-
cesses on-chip memory, DS is held high during
the whole memory cycle.
RESET. Reset (input, active low). The ST9 is ini-
tialised by the Reset signal. With the deactivation
of RESET, program execution begins from the
Program memory location pointed to by the vector
contained in program memory locations 00h and
01h.
RW. Read/Write (output, 3-state). Read/Write de-
termines the direction of data transfer for external
memory transactions. RW is low when writing to
external memory, and high for all other transac-
tions.
OSCIN, OSCOUT. Oscillator (input and output).
These pins connect a parallel-resonant crystal, or
an external source to the on-chip clock oscillator
and buffer. OSCIN is the input of the oscillator in-
verter and internal clock generator; OSCOUT is
the output of the oscillator inverter.
HW0SW1. When connected to VDD through a 1K
pull-up resistor, the software watchdog option is
selected. When connected to VSS through a 1K
pull-down resistor, the hardware watchdog option
is selected.
VPWO. This pin is the output line of the J1850 pe-
ripheral (JBLPD). It is available only on some de-
vices. On devices without JBLPD peripheral, this
pin must not be connected.
P0[7:0], P1[2:0] or P1[7:0]
(Input/Output, TTL or
CMOS compatible). 16 lines providing the external
memory interface for addressing 2K or 64 K bytes
of external memory.
P0[7:0],
P1[2:0],
P2[7:0],
P3[7:4],
P4[7:4],
P5[7:0], P6[5:2,0], P7[7:0]
I/O Port Lines (Input/
Output, TTL or CMOS compatible). I/O lines
grouped into I/O ports of 8 bits, bit programmable
under software control as general purpose I/O or
as alternate functions.
P1[7:3], P3[3:1], P4[3:0], P6.1, P8[7:0], P9[7:0]
Additional I/O Port Lines available on PQFP100
versions only.
AVDD Analog VDD of the Analog to Digital Convert-
er (common for A/D 0 and A/D 1).
AVSS Analog VSS of the Analog to Digital Convert-
er (common for A/D 0 and A/D 1).
VDD Main Power Supply Voltage. Four pins are
available. The pins are internally connected.
VSS Digital Circuit Ground. Four pins are availa-
ble. The pins are internally connected.
VTEST Power Supply Voltage for Flash test pur-
poses. This pin is bonded and must be kept to 0 in
User mode.
VREG 3V regulator output (on future versions, i.e.
ST92F124 and ST92F150).
1.2.1 Electromagnetic Compatibility (EMC)
To reduce the electromagnetic interference the fol-
lowing features have been implemented:
– A low power oscillator is included with a control-
led gain to reduce EMI and the power consump-
tion in Halt mode.
– Four pairs of digital power supply pins (VDD,
VSS) are located on each side of the package.
– Digital and analog power supplies are complete-
ly separated.
– Digital power supplies for internal logic and I/O
ports are separated internally.
– Internal decoupling capacitance is located be-
tween VDD and VSS.
Note: Each pair of digital VDD/VSS pins should be
externally connected by a 10
µF chemical pulling
capacitor and a 100 nF ceramic chip capacitor.
1.2.2 I/O Port Alternate Functions
Each pin of the I/O ports of the ST92F120 may as-
sume software programmable Alternate Functions
as shown in Section 1.3.
1.2.3 Termination of Unused Pins
The ST9 device is implemented using CMOS tech-
nology; therefore unused pins must be properly
terminated in order to avoid application reliability
problems. In fact, as shown in Figure 2, the stand-
ard input circuitry is based on the CMOS inverter
structure.
9


Similar Part No. - ST92F120JV1Q7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST92F120JV1Q STMICROELECTRONICS-ST92F120JV1Q Datasheet
1Mb / 320P
   8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
More results

Similar Description - ST92F120JV1Q7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST92F120 STMICROELECTRONICS-ST92F120 Datasheet
1Mb / 320P
   8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
ST92F124 STMICROELECTRONICS-ST92F124 Datasheet
3Mb / 426P
   8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
ST92F124 STMICROELECTRONICS-ST92F124_06 Datasheet
4Mb / 429P
   8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
logo
Holtek Semiconductor In...
HT66F016 HOLTEK-HT66F016 Datasheet
1Mb / 116P
   Enhanced Flash Type 8-Bit MCU with EEPROM
HT66F30-1 HOLTEK-HT66F30-1 Datasheet
7Mb / 196P
   Enhanced Flash Type 8-Bit MCU with EEPROM
logo
STMicroelectronics
ST10F271B STMICROELECTRONICS-ST10F271B Datasheet
1Mb / 180P
   16-bit MCU with 128 Kbyte Flash memory and 8/12 Kbyte RAM
logo
Holtek Semiconductor In...
HT68F016 HOLTEK-HT68F016 Datasheet
1Mb / 116P
   Enhanced Flash Type 8-Bit MCU with EEPROM
logo
Silicon Laboratories
C8051F310 SILABS-C8051F310_1 Datasheet
2Mb / 228P
   8/16 kB ISP Flash MCU Family
logo
List of Unclassifed Man...
C8051F310 ETC1-C8051F310 Datasheet
2Mb / 224P
   8/16 kB ISP Flash MCU Family
logo
Holtek Semiconductor In...
HT66F03C HOLTEK-HT66F03C Datasheet
1Mb / 142P
   8-Pin Enhanced Flash Type 8-Bit MCU with EEPROM
Rev. 0.00 February 26, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com