Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA2030 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # TDA2030
Description  14W HI-FI AUDIO AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TDA2030 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button TDA2030 Datasheet HTML 3Page - List of Unclassifed Manufacturers TDA2030 Datasheet HTML 4Page - List of Unclassifed Manufacturers TDA2030 Datasheet HTML 5Page - List of Unclassifed Manufacturers TDA2030 Datasheet HTML 6Page - List of Unclassifed Manufacturers TDA2030 Datasheet HTML 7Page - List of Unclassifed Manufacturers TDA2030 Datasheet HTML 8Page - List of Unclassifed Manufacturers TDA2030 Datasheet HTML 9Page - List of Unclassifed Manufacturers TDA2030 Datasheet HTML 10Page - List of Unclassifed Manufacturers TDA2030 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
TDA2030A
LINEAR INTEGRATED CIRCUIT
7
TYPICAL PERFORMANCE CHARACTERISTICS
24
28
32
34
36
40
5
15
25
35
45
Fig. 10 Output power vs. supply
voltage
Po
(W)
Vs
(V)
10
-1
10
0
10
1
10
-2
10-1
10
0
f=15kHz
f=1kHz
Vs=36V
RL=4W
Gv=20dB
d
(%)
Po
(W)
Fig. 11 Total harmonic distortion
vs. output power
100
250
400
550
700
0
5
10
15
20
Gv=26dB
Gv=20dB
Vi
(mV)
Po
(W)
Fig. 12 Output power vs.
Input level
0
5
10
15
20
0
8
16
24
32
Po
(W)
Ptot
(W)
Complete
Amplifier
BD908/
BD907
Contek
TDA2030
Fig. 13 Power dissipation vs.
output power
CONTEK
Contek Microelectronics Co.,Ltd.
http://www.contek-ic.com E-mail:sales@contek-ic.com


Similar Part No. - TDA2030

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA2030 STMICROELECTRONICS-TDA2030 Datasheet
192Kb / 11P
   14W Hi-Fi AUDIO AMPLIFIER
TDA2030 STMICROELECTRONICS-TDA2030 Datasheet
543Kb / 12P
   14W Hi-Fi AUDIO AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TDA2030 TGS-TDA2030 Datasheet
212Kb / 6P
   14W Hi-Fi AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2030 UTC-TDA2030 Datasheet
213Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TDA2030 TGS-TDA2030 Datasheet
224Kb / 6P
   14W Hi-Fi AUDIO AMPLIFIER
More results

Similar Description - TDA2030

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
TDA2030 TGS-TDA2030 Datasheet
212Kb / 6P
   14W Hi-Fi AUDIO AMPLIFIER
TDA2030AV TGS-TDA2030AV Datasheet
224Kb / 6P
   14W Hi-Fi AUDIO AMPLIFIER
logo
Advanced Monolithic Sys...
AMS2030A AMS-AMS2030A Datasheet
1Mb / 14P
   14W HI-FI AUDIO AMPLIFIER
logo
Unisonic Technologies
UTCTDA2030 UTC-UTCTDA2030 Datasheet
182Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
logo
STMicroelectronics
TDA2030 STMICROELECTRONICS-TDA2030_98 Datasheet
543Kb / 12P
   14W Hi-Fi AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2030 UTC-TDA2030_15 Datasheet
213Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
logo
STMicroelectronics
TDA2030 STMICROELECTRONICS-TDA2030 Datasheet
192Kb / 11P
   14W Hi-Fi AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2030A UTC-TDA2030A_16 Datasheet
276Kb / 14P
   14W HI-FI AUDIO AMPLIFIER
TDA2030 UTC-TDA2030 Datasheet
276Kb / 14P
   14W HI-FI AUDIO AMPLIFIER
TDA2030 UTC-TDA2030_07 Datasheet
213Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com