Electronic Components Datasheet Search |
|
AC0805DR-109R76L Datasheet(PDF) 4 Page - YAGEO Corporation |
|
AC0805DR-109R76L Datasheet(HTML) 4 Page - YAGEO Corporation |
4 / 12 page Chip Resistor Surface Mount www.yageo.com Jun. 20, 2017 V.6 Product specification 4 12 SERIES AC 0201 to 2512 overcoat protective glass resistive layer (Jumper chip is a conductor) inner electrode termination(Ni/matte tin) ceramic substrate marking layer inner electrode YNSC088 Fig. 8_1 Chip resistor outlines O OU UT TL LIIN NE ES S CONSTRUCTION The resistors are constructed on top of an automotive grade ceramic body. Internal metal electrodes are added at each end and connected by a resistive glaze. The resistive glaze is covered by a protective glass. The composition of the glaze is adjusted to give the approximately required resistance value and laser trimming of this resistive glaze achieves the value within tolerance. The whole element is covered by a protective overcoat. Size 0603 and bigger is marked with the resistance value on top. Finally, the two external terminations (Ni / matte tin) are added, as shown in Fig.8. overcoat protective glass resistive layer (Jumper chip is a conductor) inner electrode termination(Ni/matte tin) ceramic substrate marking layer inner electrode YNSC088_1 Fig. 8_2 AC2010/ 2512 double power chip resistor outlines For dimension, please refer to Table 1 0603/0805/1206/1210/ 2010/2512 AC1218 Side view for all type AC0201/0402 Fig. 9 Chip resistor dimensions TYPE L (mm) W (mm) H (mm) I1 (mm) I2 (mm) AC0201 0.60±0.03 0.30±0.03 0.23±0.03 0.12±0.05 0.15±0.05 AC0402 1.00 ±0.05 0.50 ±0.05 0.32 ±0.05 0.20 ±0.10 0.25 ±0.10 AC0603 1.60 ±0.10 0.80 ±0.10 0.45 ±0.10 0.25 ±0.15 0.25 ±0.15 AC0805 2.00 ±0.10 1.25 ±0.10 0.50 ±0.10 0.35 ±0.20 0.35 ±0.20 AC1206 3.10 ±0.10 1.60 ±0.10 0.55 ±0.10 0.45 ±0.20 0.40 ±0.20 AC1210 3.10 ±0.10 2.60 ±0.15 0.55 ±0.10 0.45 ±0.15 0.50 ±0.20 AC1218 3.10 ±0.10 4.60 ±0.10 0.55 ±0.10 0.45 ±0.20 0.40 ±0.20 AC2010 5.00 ±0.10 2.50 ±0.15 0.55 ±0.10 0.55 ±0.15 0.50 ±0.20 AC2512 6.35 ±0.10 3.10 ±0.15 0.55 ±0.10 0.60 ±0.20 0.50 ±0.20 Table 1 For outlines, please refer to Fig. 9 DIMENSIONS |
Similar Part No. - AC0805DR-109R76L |
|
Similar Description - AC0805DR-109R76L |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |