Electronic Components Datasheet Search |
|
DG56A-7031-36-1024-NILR Datasheet(PDF) 1 Page - Willow Technologies Ltd |
|
DG56A-7031-36-1024-NILR Datasheet(HTML) 1 Page - Willow Technologies Ltd |
1 / 3 page DG56A automotive relays Contacts Contact number & arrangement SPST-NO (1 Form A), SPDT (1 Form C), SPST-NC (1 Form B), SPST-DM (1 Form U) Contact material AgSnO 2 Max. switching voltage DC 75VDC - current dependent. Contact factory for voltages above 24VDC Contact rating (resistive) SPST-NO SPST-NC SPDT SPST-DM 40A (14VDC), 20A (24VDC) 30A (14VDC), 20A (24VDC) 40A / 30A (14VDC), 20A / 15A (24VDC) 2 x 20A (14VDC), 2 x 15A (24VDC) Max. switching current (inrush) - make 120A 45A 120A / 45A 40A Rated power 630W Min. switching current 100mA/6VDC Initial contact resistance ≤30mΩ, max. at 0.1A/6VDC (IEC 61810-7 / 4.12) Coil Rated voltage DC 6, 12, 24 Operating range of supply voltage See coil table 1 Rated power consumption 1.6W (1.8W with resistor) Insulation Insulation resistance 100MΩ at 500VDC, 50%RH, 25°C (IEC61810-5 / Item 7) Dielectric strength coil to contact 750Vrms / 1 min (IEC 60255-5 Item 6) contact to contact 500Vrms / 1 min (IEC 60255-5 Item 6) General Data Operating time ≤7msec Release time ≤5msec Electrical Life ops 1 x 105 (IEC61810-7 / Item 4.30) Mechanical life ops 1 x 107 (IEC61810-7 / Item 4.31) Dimensions L x W x H 26.5 x 26.5 x 24.5mm (excluding terminals) - see drawings for more information Weight 31 - 36g approx. depending on style and mounting Ambient temperature operating -40 to 125°C (Derate above 85’C - consult factory) storage -40 to 155°C Shock resistance Destructive 196m/s2(20g) Functional 98m/s2(10g) Vibration resistance 1.5mm, 10 to 40Hz Cover protection category IP54 Dust cover, IP67 Fully sealed (optional) • General purpose automotive or industrial relays. • Ideal for DC motor control or lights. • Heated windows, sunroof motors, vehicle alarms • Sn plated, copper terminals for high continuous DC current capacity. • Industry standard Mini-ISO terminals. • PCB versions available. • RoHS Compliant. American Electronic Components Inc., 1101 Lafayette St. Elkhart, IN46516 Page 1 of 3 www.durakoolrelays.com Sales Department Tel: (888) 847-6552 Ref: DG56A 052616JHM Specifications are subject to change without notice. E&OE. |
Similar Part No. - DG56A-7031-36-1024-NILR |
|
Similar Description - DG56A-7031-36-1024-NILR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |