Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IES-3240 Datasheet(PDF) 4 Page - ORing Industrial Networking Corp

Part # IES-3240
Description  Industrial 24-port managed Ethernet switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

IES-3240 Datasheet(HTML) 4 Page - ORing Industrial Networking Corp

  IES-3240 Datasheet HTML 1Page - ORing Industrial Networking Corp IES-3240 Datasheet HTML 2Page - ORing Industrial Networking Corp IES-3240 Datasheet HTML 3Page - ORing Industrial Networking Corp IES-3240 Datasheet HTML 4Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
1-207
1-207
Designed for Rugged Excellence
Relay
Relay output to carry capacity of 1A at 24VDC
Power
Redundant Input Power
Dual DC inputs. 12~48VDC on 6-pin terminal block
Power Consumption (Typ.)
9.6 Watts
Overload Current Protection
Present
Reverse Polarity Protection
Present
Physical Characteristics
Enclosure
IP-30
Dimensions (W x D x H)
96(W) x 109.2(D) x 153.6(H) mm (3.78 x 4.3 x 6.05 inch)
Weight (g)
1052 g
Environmental
Storage Temperature
-40 to 85°C (-40 to 185°F)
Operating Temperature
-40 to 70°C (-40 to 158°F)
Operating Humidity
5% to 95% Non-condensing
Regulatory Approvals
EMI
FCC Part 15, CISPR (EN55022) class A
EMS
EN61000-4-2 (ESD), EN61000-4-3 (RS), EN61000-4-4 (EFT), EN61000-4-5 (Surge), EN61000-4-6 (CS), EN61000-4-8,
EN61000-4-11
Shock
IEC60068-2-27
Free Fall
IEC60068-2-32
Vibration
IEC60068-2-6
Safety
EN60950-1
Warranty
5 years
Available
Model
Model Name
Description
IES-3240
Industrial 24-port managed Ethernet switch with 24x10/100Base-T(X)
Packing List
IES-3240
DIN-Rail Kit
Wall-mount Kit
Console Cable
ORing Tool CD
Quick Installation Guide
Optional Accessories (Can be purchased separately)
Open-Vision M500, Powerful Network Management Windows Utility Suite, 500 IP devices
DR-45 series, 45W DIN-Rail power supply
DR-75 series, 75W DIN-Rail power supply
DR-120 series, 120W DIN-Rail power supply
SDR-240-48, 240W DIN-Rail power supply
SDR-480-48, 480W DIN-Rail power supply
IES-3 AA B
Ordering Information
Code Definition
10/100Base-T(X) Port Number
Additional Port Number
Option
- 24 : 24 ports
- 0 : 0 ports
Industrial Ethernet Switch DIN-Rail Managed Ethernet Switch
v2.0a / Dec, 2011


Similar Part No. - IES-3240

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
IES-3062FX-MM-SC ORING-IES-3062FX-MM-SC Datasheet
1Mb / 5P
   Industrial 8-port managed Ethernet switch
IES-3062FX-SS-SC ORING-IES-3062FX-SS-SC Datasheet
1Mb / 5P
   Industrial 8-port managed Ethernet switch
IES-3062GF-MM-SC ORING-IES-3062GF-MM-SC Datasheet
1Mb / 5P
   Industrial 8-port managed Ethernet switch
IES-3062GF-SS-SC ORING-IES-3062GF-SS-SC Datasheet
1Mb / 5P
   Industrial 8-port managed Ethernet switch
IES-3062GT ORING-IES-3062GT Datasheet
1Mb / 5P
   Industrial 8-port managed Ethernet switch
More results

Similar Description - IES-3240

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
IGS-9168GP ORING-IGS-9168GP Datasheet
2Mb / 5P
   Industrial 24-port managed Gigabit Ethernet switch
logo
Advantech Co., Ltd.
EKI-4654R ADVANTECH-EKI-4654R Datasheet
407Kb / 2P
   242 SFP Port Managed Redundant Industrial Ethernet Switch
logo
ORing Industrial Networ...
RGS-9168GCP ORING-RGS-9168GCP Datasheet
581Kb / 7P
   Industrial 24-port rack mount managed Gigabit Ethernet switch
IES-3073GC ORING-IES-3073GC Datasheet
1Mb / 4P
   Industrial 10-port managed Ethernet switch
IES-3082GP ORING-IES-3082GP Datasheet
1Mb / 4P
   Industrial 10-port managed Ethernet switch
IES-3160 ORING-IES-3160 Datasheet
1Mb / 4P
   Industrial 16-port managed Ethernet switch
IES-3162GC ORING-IES-3162GC Datasheet
1Mb / 4P
   Industrial 18-port managed Ethernet switch
IES-3080 ORING-IES-3080 Datasheet
1Mb / 5P
   Industrial 8-port managed Ethernet switch
TPS-9168GT-M12 ORING-TPS-9168GT-M12 Datasheet
628Kb / 7P
   24-port managed PoE Ethernet switch
DES-3082GP-P ORING-DES-3082GP-P Datasheet
1Mb / 4P
   Industrial 10-port desktop managed Ethernet switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com