Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPS-1042FA Datasheet(PDF) 3 Page - ORing Industrial Networking Corp

Part # IPS-1042FA
Description  Industrial 6-port slim type unmanaged PoE Ethernet switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

IPS-1042FA Datasheet(HTML) 3 Page - ORing Industrial Networking Corp

  IPS-1042FA Datasheet HTML 1Page - ORing Industrial Networking Corp IPS-1042FA Datasheet HTML 2Page - ORing Industrial Networking Corp IPS-1042FA Datasheet HTML 3Page - ORing Industrial Networking Corp IPS-1042FA Datasheet HTML 4Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1-399
1-399
Designed for Rugged Excellence
Technology
Ethernet Standards
IEEE 802.3 for 10Base-T
IEEE 802.3u for 100Base-T(X) and 100Base-FX
IEEE 802.3x for Flow control
IEEE 802.3at PoE specification
MAC Table
2048 MAC addresses
Processing
Store-and-Forward
LED Indicators
Power Indicator
Green : Power LED x 2
Fault Indicator
Amber : Indicate PWR1 or PWR2 failure
10/100Base-T(X) RJ45 Port Indicator
Green for port Link/Act.
Green for PoE power injected.
100Base-FX Fiber Port Indicator
Green for port Link/Act.
Fault contact
Relay
Relay output to carry capacity of 1A at 24VDC
Power
Redundant Input Power
Dual DC inputs. 50~57VDC on 6-pin terminal block.
Power Consumption (Typ.)
6.78 Watts
(power consumption of P.S.E. is not included)
5.6 Watts
(power consumption of P.S.E. is not included)
Overload Current Protection
Present
Reverse Polarity Protection
NOT Present
Physical Characteristics
Enclosure
IP-30
Dimensions (W x D x H)
26.1(W) x 94.9(D) x 144.3(H) mm (1.03 x 3.74 x 5.68 inch.)
Weight (g)
395 g
Environmental
Storage Temperature
-40 to 85°C (-40 to 185°F)
Operating Temperature
-40 to 70°C (-40 to 158°F)
Operating Humidity
5% to 95% Non-condensing
Regulatory Approvals
EMI
FCC Part 15, CISPR (EN55022) class A
EMS
EN61000-4-2 (ESD), EN61000-4-3 (RS), EN61000-4-4 (EFT), EN61000-4-5 (Surge), EN61000-4-6 (CS), EN61000-4-8,
EN61000-4-11
Shock
IEC60068-2-27
Free Fall
IEC60068-2-32
Vibration
IEC60068-2-6
Safety
EN60950-1
Warranty
5 years
ORing Switch Model
IPS-1042FA-MM-SC
IPS-1042FA-SS-SC
Fiber Ports
Specifications
Max. Output Optical Power (dBm)
-14 dBm
-8 dBm
Min. Output Optical Power (dBm)
-23.5 dBm
-15 dBm
Max. Input Optical Power
(Saturation)
0 dBm
0 dBm
Min. Input Optical Power(Sensitivity)
-31 dBm
-34 dBm
Link Budget (dB)
7.5 dB
19 dB
v1.0 / Jun, 2013
Industrial Ethernet Switch DIN-Rail Unmanaged PoE Ethernet Switch


Similar Part No. - IPS-1042FA

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
IPS-1042FX-24V ORING-IPS-1042FX-24V Datasheet
1Mb / 4P
   Industrial 6-port unmanaged PoE Ethernet switch
IPS-1042FX-MM-SC-24V ORING-IPS-1042FX-MM-SC-24V Datasheet
1Mb / 4P
   Industrial 6-port unmanaged PoE Ethernet switch
IPS-1042FX-SS-SC-24V ORING-IPS-1042FX-SS-SC-24V Datasheet
1Mb / 4P
   Industrial 6-port unmanaged PoE Ethernet switch
More results

Similar Description - IPS-1042FA

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
IGPS-1042GPA ORING-IGPS-1042GPA Datasheet
1Mb / 4P
   Industrial 6-port slim type unmanaged Gigabit PoE Ethernet switch
IPS-1080A ORING-IPS-1080A Datasheet
1Mb / 3P
   Industrial 8-port slim type unmanaged PoE Ethernet switch
IPS-1042FX-24V ORING-IPS-1042FX-24V Datasheet
1Mb / 4P
   Industrial 6-port unmanaged PoE Ethernet switch
IGS-1042GPA ORING-IGS-1042GPA Datasheet
1Mb / 3P
   Industrial 6-port slim type unmanaged Gigabit Ethernet switch
IES-1041FX ORING-IES-1041FX Datasheet
1Mb / 4P
   Industrial slim type 5-port/6-port unmanaged Ethernet switch
IGPS-1042GP-24V ORING-IGPS-1042GP-24V Datasheet
1Mb / 4P
   Industrial 6-port unmanaged Gigabit PoE Ethernet switch
IGS-1080A ORING-IGS-1080A Datasheet
825Kb / 3P
   Industrial 8-port slim type unmanaged Gigabit Ethernet switch
IES-1050A ORING-IES-1050A Datasheet
787Kb / 3P
   Industrial Slim Type 5/8-port unmanaged Ethernet switch
IGS-1050A ORING-IGS-1050A Datasheet
814Kb / 3P
   Industrial 5-port slim type unmanaged Gigabit Ethernet switch
IPS-1080-24V ORING-IPS-1080-24V Datasheet
1,019Kb / 3P
   Industrial 8-port unmanaged PoE Ethernet switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com