Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK15C88-S45I Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # STK15C88-S45I
Description  32K x 8 AutoStore nvSRAM High Performance CMOS Nonvolatile Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STK15C88-S45I Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  STK15C88-S45I Datasheet HTML 1Page - List of Unclassifed Manufacturers STK15C88-S45I Datasheet HTML 2Page - List of Unclassifed Manufacturers STK15C88-S45I Datasheet HTML 3Page - List of Unclassifed Manufacturers STK15C88-S45I Datasheet HTML 4Page - List of Unclassifed Manufacturers STK15C88-S45I Datasheet HTML 5Page - List of Unclassifed Manufacturers STK15C88-S45I Datasheet HTML 6Page - List of Unclassifed Manufacturers STK15C88-S45I Datasheet HTML 7Page - List of Unclassifed Manufacturers STK15C88-S45I Datasheet HTML 8Page - List of Unclassifed Manufacturers STK15C88-S45I Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
STK15C88
August 1998
5-40
SOFTWARE MODE SELECTION
Note l:
The six consecutive addresses must be in order listed. W must be high during all six consecutive cycles to enable a nonvolatile cycle.
Note m: While there are 15 addresses on the STK15C88, only the lower 14 are used to control software modes.
SOFTWARE CYCLES #1 & #2n,o
(VCC = 5.0V
± 10%)
Note n:
The software sequence is clocked with E controlled reads.
Note o:
The six consecutive addresses must be in the order listed in the SOFTWARE MODE SELECTION Table - (0E38, 31C7, 03E0, 3C1F, 303F,
0FC0) for a STORE cycle or (0E38, 31C7, 03E0, 3C1F, 303F, 0C63) for a RECALL cycle. W must be high during all six consecutive cycles.
SOFTWARE CYCLE: E CONTROLLED
E
WA13 - A0 (hex)
MODE
I/O
NOTES
LH
0E38
31C7
03E0
3C1F
303F
0FC0
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile
STORE
Output data
Output data
Output data
Output data
Output data
Output high Z
l,m
LH
0E38
31C7
03E0
3C1F
303F
0C63
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile
RECALL
Output data
Output data
Output data
Output data
Output data
Output high Z
l,m
NO.
SYMBOLS
PARAMETER
STK15C88-25
STK15C88-35
STK15C88-45
UNITS
#1
MIN
MAX
MIN
MAX
MIN
MAX
27
tAVAV
STORE/RECALL initiation cycle time
25
35
45
ns
28
tELQZ
g,n
End of Sequence to Outputs Inactive
650
650
650
ns
29
tAVEL
n
Address Set-up Time
0
0
0
ns
30
tELEH
n
Clock Pulse Width
20
25
30
ns
31
tELAX
g,n
Address Hold Time
20
20
20
ns
32
tRECALL
Recall Duration
20
20
20
µs
28
32
23
31
30
29
27
27
DATA VALID
DQ(Data Out)
ELQZ
t
RECALL
DATA VALID
t
STORE
t
HIGH IMPEDANCE
ELAX
t
ELEH
AVEL
AVAV
AVAV
t
E
t
t
ADDRESS #1
t
ADDRESS #6
ADDRESS


Similar Part No. - STK15C88-S45I

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK15C88-SF25 SIMTEK-STK15C88-SF25 Datasheet
377Kb / 15P
   32Kx8 PowerStore nvSRAM
logo
Cypress Semiconductor
STK15C88-SF25 CYPRESS-STK15C88-SF25 Datasheet
474Kb / 15P
   256 Kbit (32K x 8) PowerStore nvSRAM
logo
Simtek Corporation
STK15C88-SF25I SIMTEK-STK15C88-SF25I Datasheet
377Kb / 15P
   32Kx8 PowerStore nvSRAM
logo
Cypress Semiconductor
STK15C88-SF25I CYPRESS-STK15C88-SF25I Datasheet
474Kb / 15P
   256 Kbit (32K x 8) PowerStore nvSRAM
STK15C88-SF25I CYPRESS-STK15C88-SF25I Datasheet
832Kb / 17P
   256-Kbit (32 K x 8) PowerStore nvSRAM Unlimited RECALL Cycles
More results

Similar Description - STK15C88-S45I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK14D88 ETC-STK14D88 Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
STK14C88 ETC-STK14C88 Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK14C88-M ETC1-STK14C88-M Datasheet
85Kb / 12P
   32K x 8 AUTOSTORE nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
logo
Simtek Corporation
STK25C48 SIMTEK-STK25C48 Datasheet
310Kb / 10P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK25CA8 ETC-STK25CA8 Datasheet
129Kb / 8P
   128K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM Module
STK22C48 ETC1-STK22C48 Datasheet
297Kb / 11P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK15C68 SIMTEK-STK15C68 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK12C68 ETC-STK12C68 Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK12C68-C20 ETC-STK12C68-C20 Datasheet
125Kb / 12P
   8k x 8 AUTOSTORE NVSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
STK11C88 ETC1-STK11C88 Datasheet
90Kb / 9P
   32K x 8 nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com