Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL3D107M010C0100 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # TL3D107M010C0100
Description  Solid Tantalum Surface Mount Chip Capacitors, TANTAMOUNT™, Molded Case, Very Low DCL
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TL3D107M010C0100 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button TL3D107M010C0100 Datasheet HTML 3Page - Vishay Siliconix TL3D107M010C0100 Datasheet HTML 4Page - Vishay Siliconix TL3D107M010C0100 Datasheet HTML 5Page - Vishay Siliconix TL3D107M010C0100 Datasheet HTML 6Page - Vishay Siliconix TL3D107M010C0100 Datasheet HTML 7Page - Vishay Siliconix TL3D107M010C0100 Datasheet HTML 8Page - Vishay Siliconix TL3D107M010C0100 Datasheet HTML 9Page - Vishay Siliconix TL3D107M010C0100 Datasheet HTML 10Page - Vishay Siliconix TL3D107M010C0100 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
TL3
www.vishay.com
Vishay Sprague
Revision: 22-Jun-17
7
Document Number: 40154
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
16 VDC AT +85 °C; 10 VDC AT +125 °C
10
B
TL3B106(1)016(2)0800
0.80
6
0.800
0.33
10
C
TL3C106(1)016(2)1800
0.80
6
1.800
0.25
10
C
TL3C106(1)016(2)0450
0.80
6
0.450
0.49
15
B
TL3B156(1)016(2)2000
1.20
6
2.000
0.21
15
B
TL3B156(1)016(2)0800
1.20
6
0.800
0.33
22
B
TL3B226(1)016(2)1900
1.76
6
1.900
0.21
22
B
TL3B226(1)016(2)1000
1.76
6
1.000
0.29
22
D
TL3D226(1)016(3)0800
1.76
6
0.800
0.43
22
D
TL3D226(1)016(3)0250
1.76
6
0.250
0.77
33
B
TL3B336(1)016(2)1800
2.64
6
1.800
0.22
33
B
TL3B336(1)016(2)0500
2.64
6
0.500
0.41
33
C
TL3C336(1)016(2)1100
2.64
6
1.100
1.05
33
C
TL3C336(1)016(2)0300
2.64
6
0.300
0.61
33
D
TL3D336(1)016(3)0700
2.64
6
0.700
0.46
33
D
TL3D336(1)016(3)0225
2.64
6
0.225
0.82
47
C
TL3C476(1)016(2)1000
3.76
6
1.000
0.33
47
C
TL3C476(1)016(2)0300
3.76
6
0.300
0.61
47
D
TL3D476(1)016(3)0700
3.76
6
0.700
0.46
47
D
TL3D476(1)016(3)0150
3.76
6
0.150
1.00
68
D
TL3D686(1)016(3)0600
5.44
6
0.600
0.50
68
D
TL3D686(1)016(3)0150
5.44
6
0.150
1.00
100
D
TL3D107(1)016(3)0600
8.00
8
0.600
0.50
100
D
TL3D107(1)016(3)0125
8.00
8
0.125
1.10
100
E
TL3E107(1)016(3)0600
8.00
8
0.600
0.52
100
E
TL3E107(1)016(3)0100
8.00
8
0.100
1.28
150
E
TL3E157(1)016(3)0500
12.00
8
0.500
0.57
150
E
TL3E157(1)016(3)0150
12.00
8
0.150
1.28
20 VDC AT +85 °C; 13 VDC AT +125 °C
0.47
A
TL3A474(1)020(2)12R0
0.25
4
12.000
0.08
0.47
A
TL3A474(1)020(2)9000
0.25
4
9.000
0.09
0.68
A
TL3A684(1)020(2)10R0
0.25
4
10.000
0.09
0.68
A
TL3A684(1)020(2)8000
0.25
4
8.000
0.10
1.0
A
TL3A105(1)020(2)8400
0.25
4
8.400
0.09
1.0
A
TL3A105(1)020(2)5500
0.25
4
5.500
0.12
1.5
B
TL3B155(1)020(2)4600
0.25
6
4.600
0.14
1.5
B
TL3B155(1)020(2)2500
0.25
6
2.500
0.18
2.2
A
TL3A225(1)020(2)5900
0.25
6
5.900
0.11
2.2
A
TL3A225(1)020(2)4000
0.25
6
4.000
0.14
2.2
B
TL3B225(1)020(2)3500
0.25
6
3.500
0.16
2.2
B
TL3B225(1)020(2)1500
0.25
6
1.500
0.24
3.3
B
TL3B335(1)020(2)3000
0.33
6
3.000
0.17
3.3
B
TL3B335(1)020(2)1300
0.33
6
1.300
0.26
4.7
A
TL3A475(1)020(2)5500
0.47
6
5.500
0.12
4.7
A
TL3A475(1)020(2)3500
0.47
6
3.500
0.15
4.7
B
TL3B475(1)020(2)2900
0.47
6
2.900
0.17
4.7
B
TL3B475(1)020(2)1000
0.47
6
1.000
0.29
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C
120 Hz
(%)
MAX. ESR
AT +25 °C
100 kHz
(
Ω)
MAX. RIPPLE
100 kHz
IRMS
(A)
Note
• Part number definitions:
(1) Capacitance tolerance: K, M
(2) Termination and packaging: C, D, E, F
(3) Termination and packaging: C, D, E, F, U, V, T, W


Similar Part No. - TL3D107M010C0100

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TL3 TIMOTION-TL3 Datasheet
1Mb / 12P
   Max. load 4,000N (push)
20220411-V
logo
Banner Engineering Corp...
TL30 BANNER-TL30 Datasheet
807Kb / 6P
   TL30 Basic Tower Light
logo
Transko Electronics, In...
TL3002V TRANSKO-TL3002V Datasheet
452Kb / 4P
   300.00 MHz IF SAW Filter / 3.66 MHz Bandwidth
Revision 1: 29 Oct. 2007
TL3007S TRANSKO-TL3007S Datasheet
452Kb / 3P
   300.00 MHz IF SAW Filter / 9.20 MHz Bandwidth
Revision 1: 29 Oct. 2007
logo
Texas Instruments
TL3016 TI-TL3016 Datasheet
199Kb / 12P
[Old version datasheet]   ULTRA-FAST LOW-POWER PRECISION COMPARATORS
More results

Similar Description - TL3D107M010C0100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
593D VISHAY-593D_17 Datasheet
565Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
Revision: 02-Nov-17
TR3 VISHAY-TR3_17 Datasheet
624Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
Revision: 26-Oct-17
593D VISHAY-593D_V01 Datasheet
477Kb / 19P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
01-Mar-2023
593D107X9016E2TE3 VISHAY-593D107X9016E2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
593D106X9025C2TE3 VISHAY-593D106X9025C2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TR3D107K016C0125 VISHAY-TR3D107K016C0125 Datasheet
1Mb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 26-Jun-13
TR3D107K010C0065 VISHAY-TR3D107K010C0065 Datasheet
148Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 17-Jun-13
793DX-CTC3-CTC4 VISHAY-793DX-CTC3-CTC4_16 Datasheet
514Kb / 15P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, CECC Approved
Revision: 09-Dec-16
TR3D477K6R3C0200 VISHAY-TR3D477K6R3C0200 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
593D105X9035B2TE3 VISHAY-593D105X9035B2TE3 Datasheet
438Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 08-Jan-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com