Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

591D106X9010B4W15H Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 591D106X9010B4W15H
Description  Solid Tantalum Chip Capacitors TANTAMOUNT™, Low Profile, Low ESR, Conformal Coated, Maximum CV
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

591D106X9010B4W15H Datasheet(HTML) 5 Page - Vishay Siliconix

  591D106X9010B4W15H Datasheet HTML 1Page - Vishay Siliconix 591D106X9010B4W15H Datasheet HTML 2Page - Vishay Siliconix 591D106X9010B4W15H Datasheet HTML 3Page - Vishay Siliconix 591D106X9010B4W15H Datasheet HTML 4Page - Vishay Siliconix 591D106X9010B4W15H Datasheet HTML 5Page - Vishay Siliconix 591D106X9010B4W15H Datasheet HTML 6Page - Vishay Siliconix 591D106X9010B4W15H Datasheet HTML 7Page - Vishay Siliconix 591D106X9010B4W15H Datasheet HTML 8Page - Vishay Siliconix 591D106X9010B4W15H Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
591D
www.vishay.com
Vishay Sprague
Revision: 26-Jun-17
5
Document Number: 40012
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
16 VDC AT +85 °C; 10 VDC AT +125 °C
4.7
A
591D475(1)016A(2)(3)15H
1.5
0.8
6
1.750
0.19
6.8
A
591D685(1)016A(2)(3)15H
1.5
1.1
6
1.750
0.19
6.8
B
591D685(1)016B(2)(3)15H
1.5
1.1
6
0.900
0.30
10
B
591D106(1)016B(2)(3)15H
1.5
1.6
6
0.800
0.32
10
C
591D106(1)016C(2)(3)15H
1.5
1.6
6
0.500
0.45
15
B
591D156(1)016B(2)(3)15H
1.5
2.4
6
0.700
0.34
15
D
591D156(1)016D(2)(3)15H
1.5
2.4
6
0.250
0.71
22
C
591D226(1)016C(2)(3)15H
1.5
3.5
6
0.240
0.65
22
D
591D226(1)016D(2)(3)15H
1.5
3.5
6
0.180
0.83
33
C
591D336(1)016C(2)(3)15H
1.5
5.3
6
0.180
0.75
33
D
591D336(1)016D(2)(3)15H
1.5
5.3
6
0.170
0.86
33
R
591D336(1)016R(2)(3)15H
1.5
5.3
6
0.140
1.04
47
C
591D476(1)016C(2)(3)20H
2.0
7.5
6
0.180
0.78
47
R
591D476(1)016R(2)(3)15H
1.5
7.5
6
0.130
1.07
68
C
591D686(1)016C(2)(3)20H
2.0
10.9
6
0.100
1.05
68
D
591D686(1)016D(2)(3)20H
2.0
10.9
6
0.080
1.32
100
C
591D107(1)016C(2)(3)20H
2.0
16.0
8
0.100
1.05
100
D
591D107(1)016D(2)(3)15H
1.5
16.0
8
0.100
1.12
100
D
591D107(1)016D(2)(3)20H
2.0
16.0
8
0.075
1.37
150
D
591D157(1)016D(2)(3)20H
2.0
24.0
8
0.080
1.32
150
R
591D157(1)016R(2)(3)20H
2.0
24.0
8
0.060
1.71
220
R
591D227(1)016R(2)(3)20H
2.0
35.2
10
0.075
1.53
20 VDC AT +85 °C; 13 VDC AT +125 °C
2.2
A
591D225(1)020A(2)(3)15H
1.5
0.5
6
4.000
0.12
4.7
A
591D475(1)020A(2)(3)15H
1.5
0.9
6
1.900
0.18
4.7
B
591D475(1)020B(2)(3)15H
1.5
0.9
6
1.600
0.22
6.8
B
591D685(1)020B(2)(3)15H
1.5
1.4
6
1.600
0.22
6.8
C
591D685(1)020C(2)(3)15H
1.5
1.4
6
0.400
0.50
10
B
591D106(1)020B(2)(3)15H
1.5
2.0
6
1.500
0.23
10
D
591D106(1)020D(2)(3)15H
1.5
2.0
6
0.270
0.68
15
C
591D156(1)020C(2)(3)15H
1.5
3.0
6
0.300
0.58
22
D
591D226(1)020D(2)(3)15H
1.5
4.4
6
0.200
0.79
22
R
591D226(1)020R(2)(3)15H
1.5
4.4
6
0.140
1.04
33
R
591D336(1)020R(2)(3)15H
1.5
6.6
6
0.140
1.04
100
R
591D107(1)020R(2)(3)20H
2.0
20.0
10
0.100
0.94
STANDARD RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER
HEIGHT
MAX.
(mm)
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C
120 Hz
(%)
MAX. ESR
AT +25 °C
100 kHz
(
Ω)
MAX. RIPPLE
100 kHz
IRMS
(A)
Note
• Part number definitions:
(1) Tolerance: for 10 % tolerance, specify “X9”; for 20 % tolerance, change to “X0”
(2) Termination: for 100 % tin specify “2”, for gold plated specify “4”, for solder plated 60/40 specify “8”
(3) Packaging code: for 7" reels specify “T”, for 13" reels specify “W”


Similar Part No. - 591D106X9010B4W15H

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
591D106X_010A2T VISHAY-591D106X_010A2T Datasheet
146Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Low ESR, Conformal Coated, Maximum CV
Revision 22-Nov-04
591D106X_010A2_15H VISHAY-591D106X_010A2_15H Datasheet
123Kb / 8P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Low ESR, Conformal Coated, Maximum CV
Revision: 23-Jan-08
591D106X_010B2T VISHAY-591D106X_010B2T Datasheet
146Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Low ESR, Conformal Coated, Maximum CV
Revision 22-Nov-04
591D106X_010B2_15H VISHAY-591D106X_010B2_15H Datasheet
123Kb / 8P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Low ESR, Conformal Coated, Maximum CV
Revision: 23-Jan-08
591D106X_016B2_15H VISHAY-591D106X_016B2_15H Datasheet
123Kb / 8P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Low ESR, Conformal Coated, Maximum CV
Revision: 23-Jan-08
More results

Similar Description - 591D106X9010B4W15H

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
591D VISHAY-591D Datasheet
146Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Low ESR, Conformal Coated, Maximum CV
Revision 22-Nov-04
594D VISHAY-594D Datasheet
195Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV, Low ESR
Revision 09-Mar-05
572D VISHAY-572D_17 Datasheet
931Kb / 20P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Low Profile, Conformal Coated, Maximum CV
Revision: 23-Nov-17
597D VISHAY-597D_17 Datasheet
296Kb / 20P
   Solid Tantalum Chip Capacitors, TANTAMOUNT™, Ultra-Low ESR, Conformal Coated, Maximum CV
Revision: 21-Jun-17
592D228X06R3X2T20H VISHAY-592D228X06R3X2T20H Datasheet
126Kb / 12P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Low ESR, Conformal Coated, Maximum CV
Revision: 10-Jan-13
594D VISHAY-594D_08 Datasheet
101Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated, Maximum CV, Low ESR
Revision: 23-Jan-08
591D686X9025R2T20H VISHAY-591D686X9025R2T20H Datasheet
120Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Low ESR, Conformal Coated, Maximum CV
Revision: 10-Jan-13
594D107X0025R2T VISHAY-594D107X0025R2T Datasheet
315Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 20-Jan-14
591D VISHAY-591D_08 Datasheet
123Kb / 8P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Low ESR, Conformal Coated, Maximum CV
Revision: 23-Jan-08
592D228X96R3X2T20H VISHAY-592D228X96R3X2T20H Datasheet
128Kb / 12P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Low ESR, Conformal Coated, Maximum CV
Revision: 25-Jun-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com