Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMCP0E476MTRF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TMCP0E476MTRF
Description  Solid Tantalum Surface Mount Chip CapacitorsSolid Tantalum Surface Mount Chip Capacitors, Molded Case, 0805 Size
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TMCP0E476MTRF Datasheet(HTML) 2 Page - Vishay Siliconix

  TMCP0E476MTRF Datasheet HTML 1Page - Vishay Siliconix TMCP0E476MTRF Datasheet HTML 2Page - Vishay Siliconix TMCP0E476MTRF Datasheet HTML 3Page - Vishay Siliconix TMCP0E476MTRF Datasheet HTML 4Page - Vishay Siliconix TMCP0E476MTRF Datasheet HTML 5Page - Vishay Siliconix TMCP0E476MTRF Datasheet HTML 6Page - Vishay Siliconix TMCP0E476MTRF Datasheet HTML 7Page - Vishay Siliconix TMCP0E476MTRF Datasheet HTML 8Page - Vishay Siliconix TMCP0E476MTRF Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TMCP
www.vishay.com
Vishay Polytech
Revision: 16-Jan-17
2
Document Number: 40179
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RATINGS AND CASE CODES
μF
2.5 V
4.0 V
6.3 V
10 V
16 V
20 V
25 V
0.10
PP
0.15
P
0.22
P
0.33
P
0.47
PP
0.68
P
1.0
PPP
1.5
P
P
P
2.2
P
P
P
3.3
P
P
4.7
P
P
P
6.8
P
P
10
P
P
15
PPP
22
PPP
33
P
P
47
P
P
MARKING
SIMPLIFIED VOLTAGE AND CAP CODES
μF
2.5
4.0
6.3
10
16
20
25
0.10
DA
EA
0.15
DE
0.22
DJ
0.33
DN
0.47
DS
ES
0.68
DW
1.0
CA
DA
EA
1.5
AE
CE
DE
2.2
AJ
CJ
DJ
3.3
AN
CN
4.7
JS
AS
CS
6.8
JW
AW
10
JA
aA
15
eE
GE
jE
22
eJ
gJ
jJ
33
eN
gN
47
eS
GS
DA
Simplified code of rated
voltage (D: 20 V)
Simplified code of nominal
capacitance (A: 0.1 μF)
Anode indication belt mark


Similar Part No. - TMCP0E476MTRF

ManufacturerPart #DatasheetDescription
logo
HolyStone International
TMCP0E476 HOLYSTONECAPS-TMCP0E476 Datasheet
56Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
More results

Similar Description - TMCP0E476MTRF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TMCJ VISHAY-TMCJ Datasheet
241Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors Molded Case, 0603 Size
Revision: 16-Jan-17
TMCH VISHAY-TMCH Datasheet
280Kb / 15P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, High Reliability
Revision: 26-Oct-17
TMCM VISHAY-TMCM Datasheet
275Kb / 16P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Extended Range
Revision: 26-Oct-17
TMCR VISHAY-TMCR Datasheet
260Kb / 13P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Low ESR
Revision: 26-Oct-17
593D106X9025C2TE3 VISHAY-593D106X9025C2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TR3D107K016C0125 VISHAY-TR3D107K016C0125 Datasheet
1Mb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 26-Jun-13
593D107X9016E2TE3 VISHAY-593D107X9016E2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TMCTX VISHAY-TMCTX Datasheet
247Kb / 13P
   Solid Tantalum Surface-Mount Chip Capacitors, Molded Case, Built-In Fuse
Revision: 26-Oct-17
TMCS VISHAY-TMCS Datasheet
246Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Standard Industrial Grade
Revision: 26-Oct-17
TR3D107K010C0065 VISHAY-TR3D107K010C0065 Datasheet
148Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 17-Jun-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com