Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMCUA0E336TRF Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TMCUA0E336TRF
Description  Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Ultra Flat Low Profile
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TMCUA0E336TRF Datasheet(HTML) 5 Page - Vishay Siliconix

  TMCUA0E336TRF Datasheet HTML 1Page - Vishay Siliconix TMCUA0E336TRF Datasheet HTML 2Page - Vishay Siliconix TMCUA0E336TRF Datasheet HTML 3Page - Vishay Siliconix TMCUA0E336TRF Datasheet HTML 4Page - Vishay Siliconix TMCUA0E336TRF Datasheet HTML 5Page - Vishay Siliconix TMCUA0E336TRF Datasheet HTML 6Page - Vishay Siliconix TMCUA0E336TRF Datasheet HTML 7Page - Vishay Siliconix TMCUA0E336TRF Datasheet HTML 8Page - Vishay Siliconix TMCUA0E336TRF Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
TMCU
www.vishay.com
Vishay Polytech
Revision: 26-Oct-17
5
Document Number: 40180
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
35 VDC AT +85 °C; 22 VDC AT +125 °C
0.10
UA
TMCUA1V104(1)TRF
0.5
4
40.0
0.044
0.15
UA
TMCUA1V154(1)TRF
0.5
4
40.0
0.044
0.22
UA
TMCUA1V224(1)TRF
0.5
4
40.0
0.044
1.0
UA
TMCUA1V105MTRF
0.5
8
16.5
0.069
1.0
UB
TMCUB1V105(1)TRF
0.5
6
8.8
0.104
1.5
UB
TMCUB1V155(1)TRF
0.5
6
8.8
0.104
2.2
UB
TMCUB1V225MTRF
0.8
6
6.6
0.121
RECOMMENDED VOLTAGE DERATING GUIDELINES (for temperature below +85 °C)
CAPACITOR VOLTAGE RATING
OPERATING VOLTAGE
2.5
1.2
4.0
2.0
6.3 (7.0)
3.1 (3.5)
10
5.0
16
8.0
20
10.0
25
12.5
35
17.5
POWER DISSIPATION
CASE CODE
MAXIMUM PERMISSIBLE POWER DISSIPATION AT +25 °C (W) IN FREE AIR
UA
0.078
UB
0.096
STANDARD PACKAGING QUANTITY
CASE CODE
UNITS PER 7" REEL
UA
3000
UB
3000
STANDARD RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C, 120 Hz
(%)
MAX. ESR
AT +25 °C, 100 kHz
(
)
MAX. RIPPLE,
100 kHz IRMS
(A)
Notes
• Part number definition:
(1) Tolerance: For 10 % tolerance, specify “K”; for 20 % tolerance, change to “M”
•Termination code “F”:
Case UA: 100 % tin; case UB: Ni / Pd / Au


Similar Part No. - TMCUA0E336TRF

ManufacturerPart #DatasheetDescription
logo
HolyStone International
TMCUA0E336 HOLYSTONECAPS-TMCUA0E336 Datasheet
61Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
More results

Similar Description - TMCUA0E336TRF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TMCR VISHAY-TMCR Datasheet
260Kb / 13P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Low ESR
Revision: 26-Oct-17
593D106X9025C2TE3 VISHAY-593D106X9025C2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TR3D107K016C0125 VISHAY-TR3D107K016C0125 Datasheet
1Mb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 26-Jun-13
593D107X9016E2TE3 VISHAY-593D107X9016E2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TR3D107K010C0065 VISHAY-TR3D107K010C0065 Datasheet
148Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 17-Jun-13
TMCH VISHAY-TMCH Datasheet
280Kb / 15P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, High Reliability
Revision: 26-Oct-17
TMCJ VISHAY-TMCJ Datasheet
241Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors Molded Case, 0603 Size
Revision: 16-Jan-17
TMCM VISHAY-TMCM Datasheet
275Kb / 16P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Extended Range
Revision: 26-Oct-17
TMCP VISHAY-TMCP Datasheet
243Kb / 12P
   Solid Tantalum Surface Mount Chip CapacitorsSolid Tantalum Surface Mount Chip Capacitors, Molded Case, 0805 Size
Revision: 16-Jan-17
TR3 VISHAY-TR3 Datasheet
149Kb / 12P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Molded Case, Low ESR
Revision: 22-Apr-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com