Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMCSB0J685TRF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TMCSB0J685TRF
Description  Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Standard Industrial Grade
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TMCSB0J685TRF Datasheet(HTML) 1 Page - Vishay Siliconix

  TMCSB0J685TRF Datasheet HTML 1Page - Vishay Siliconix TMCSB0J685TRF Datasheet HTML 2Page - Vishay Siliconix TMCSB0J685TRF Datasheet HTML 3Page - Vishay Siliconix TMCSB0J685TRF Datasheet HTML 4Page - Vishay Siliconix TMCSB0J685TRF Datasheet HTML 5Page - Vishay Siliconix TMCSB0J685TRF Datasheet HTML 6Page - Vishay Siliconix TMCSB0J685TRF Datasheet HTML 7Page - Vishay Siliconix TMCSB0J685TRF Datasheet HTML 8Page - Vishay Siliconix TMCSB0J685TRF Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TMCS
www.vishay.com
Vishay Polytech
Revision: 26-Oct-17
1
Document Number: 40177
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Solid Tantalum Surface Mount Chip Capacitors,
Molded Case, Standard Industrial Grade
PERFORMANCE / ELECTRICAL
CHARACTERISTICS
Operating Temperature: -55 °C to +125 °C
(above 85 °C, voltage derating is required)
Capacitance Range: 0.1 μF to 68 μF
Capacitance Tolerance: ± 10 %, ± 20 %
Voltage Rating: 4 VDC to 35 VDC
FEATURES
• Suitable for automatic mounting
• Excellent frequency characteristics
• Excellent impedance characteristics
• Terminations: 100 % matte tin
• Qualified to EIA-717
• MSL level: 1
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
• Industrial
• General purpose
Available
Available
ORDERING INFORMATION
TMCS
C
1C
106
M
TR
(2)
F
TYPE
CASE
CODE
DC VOLTAGE
RATING AT +85 °C
CAPACITANCE
(μF)
CAPACITANCE
TOLERANCE
PACKAGING
POLARITY
(OPTIONAL)
TERMINAL
CODE
See
Ratings
and
Case
Codes
table
0G = 4 V
0J = 7 V
1A = 10 V
1C = 16 V
1D = 20 V
1E = 25 V
1V = 35 V
This is
expressed in
picofarads. The
first two digits
are the
significant
figures. The
third is the
number of zeros
to follow.
K = ± 10 %
M = ± 20 %
TR = 7" reel,
cathodes close
to perforation
side
Halogen-free
(special order),
not applicable
for E case
F = lead
(Pb)-free
terminations
DIMENSIONS in inches [millimeters]
CASE CODE
EIA SIZE
L
W
H
l
a
A
3216-18
0.126 ± 0.008
[3.2 ± 0.2]
0.063 ± 0.008
[1.6 ± 0.2]
0.063 ± 0.008
[1.6 ± 0.2]
0.028 ± 0.012
[0.7 ± 0.3]
0.047 ± 0.008
[1.2 ± 0.2]
B
3528-21
0.138 ± 0.008
[3.5 ± 0.2]
0.110 ± 0.008
[2.8 ± 0.2]
0.075 ± 0.008
[1.9 ± 0.2]
0.030 ± 0.012
[0.8 ± 0.3]
0.087 ± 0.008
[2.2 ± 0.2]
C
5832-27
0.228 ± 0.008
[5.8 ± 0.2]
0.126 ± 0.008
[3.2 ± 0.2]
0.100 ± 0.008
[2.5 ± 0.2]
0.051 ± 0.012
[1.3 ± 0.3]
0.087 ± 0.008
[2.2 ± 0.2]
E
7343-30
0.287 ± 0.008
[7.3 ± 0.2]
0.169 ± 0.012
[4.3 ± 0.3]
0.112 ± 0.008
[2.8 ± 0.2]
0.051 ± 0.012
[1.3 ± 0.3]
0.094 ± 0.008
[2.4 ± 0.2]
Anode indication belt mark
L
E case
a
a W
ll
A, B, C case
a
ll


Similar Part No. - TMCSB0J685TRF

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
TMCSB0J685 HITACHI-TMCSB0J685 Datasheet
66Kb / 2P
   Standard Tantalum Chip Capacitors
logo
HolyStone International
TMCSB0J685 HOLYSTONECAPS-TMCSB0J685 Datasheet
61Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
More results

Similar Description - TMCSB0J685TRF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
293D107X96R3B2TE3 VISHAY-293D107X96R3B2TE3 Datasheet
127Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT짰, Molded Case, Standard Industrial Grade
Revision: 16-May-13
293D107X9020E2TE3 VISHAY-293D107X9020E2TE3 Datasheet
130Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Standard Industrial Grade
Revision: 21-Mar-13
293D225X9020B2TE3 VISHAY-293D225X9020B2TE3 Datasheet
127Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT , Molded Case, Standard Industrial Grade
Revision: 04-Jul-13
293D105X9035B2T VISHAY-293D105X9035B2T Datasheet
401Kb / 22P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Standard Industrial Grade
Revision: 04-Jul-13
293D157X0016E2TE3 VISHAY-293D157X0016E2TE3 Datasheet
469Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Standard Industrial Grade
Revision: 18-Mar-14
293D475X9025C2T VISHAY-293D475X9025C2T Datasheet
401Kb / 22P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Standard Industrial Grade
Revision: 04-Jul-13
293D106X9025D2TE3 VISHAY-293D106X9025D2TE3 Datasheet
127Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 16-May-13
293D106X9035D2TE3 VISHAY-293D106X9035D2TE3 Datasheet
127Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 16-May-13
293D336X9010B2TE3 VISHAY-293D336X9010B2TE3 Datasheet
466Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 12-Feb-14
293D226X9010B2TE3 VISHAY-293D226X9010B2TE3 Datasheet
127Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 16-May-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com