Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMCJ0J225MTRF Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TMCJ0J225MTRF
Description  Solid Tantalum Surface Mount Chip Capacitors Molded Case, 0603 Size
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TMCJ0J225MTRF Datasheet(HTML) 3 Page - Vishay Siliconix

  TMCJ0J225MTRF Datasheet HTML 1Page - Vishay Siliconix TMCJ0J225MTRF Datasheet HTML 2Page - Vishay Siliconix TMCJ0J225MTRF Datasheet HTML 3Page - Vishay Siliconix TMCJ0J225MTRF Datasheet HTML 4Page - Vishay Siliconix TMCJ0J225MTRF Datasheet HTML 5Page - Vishay Siliconix TMCJ0J225MTRF Datasheet HTML 6Page - Vishay Siliconix TMCJ0J225MTRF Datasheet HTML 7Page - Vishay Siliconix TMCJ0J225MTRF Datasheet HTML 8Page - Vishay Siliconix TMCJ0J225MTRF Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TMCJ
www.vishay.com
Vishay Polytech
Revision: 16-Jan-17
3
Document Number: 40176
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C
120 Hz
(%)
MAX. ESR
AT +25 °C
100 kHz
(
)
MAX. RIPPLE,
100 kHz IRMS
(A)
2.5 VDC AT +85 °C, 1.6 VDC AT +125 °C
4.7
J
TMCJ0E475MTRF
0.5
20
10.0
0.071
6.8
J
TMCJ0E685MTRF
0.5
20
10.0
0.071
10
J
TMCJ0E106MTRF
0.5
20
10.0
0.071
15
J
TMCJ0E156MTRF
0.5
20
10.0
0.071
22
J
TMCJ0E226MTRF
4 VDC AT +85 °C, 2.5 VDC AT +125 °C
4.7
J
TMCJ0G475MTRF
0.5
20
10.0
0.071
6.8
J
TMCJ0G685MTRF
0.5
20
10.0
0.071
10
J
TMCJ0G106MTRF
0.5
20
10.0
0.071
15
J
TMCJ0G156MTRF
6.0
20
10.0
0.071
22
J
TMCJ0G226MTRF
8.8
20
10.0
0.071
6.3 VDC AT 85 °C, 4 VDC AT +125 °C
2.2
J
TMCJ0J225MTRF
0.5
20
10.0
0.071
3.3
J
TMCJ0J335MTRF
0.5
20
10.0
0.071
4.7
J
TMCJ0J475MTRF
0.5
20
10.0
0.071
6.8
J
TMCJ0J685MTRF
0.5
20
10.0
0.071
10
J
TMCJ0J106MTRF
0.6
20
10.0
0.071
10 VDC AT 85 °C, 6.3 VDC AT +125 °C
1.5
J
TMCJ1A155MTRF
0.5
20
10.0
0.071
2.2
J
TMCJ1A225MTRF
0.5
20
10.0
0.071
3.3
J
TMCJ1A335MTRF
0.5
20
10.0
0.071
4.7
J
TMCJ1A475MTRF
0.5
20
10.0
0.071
16 VDC AT 85 °C, 10 VDC AT +125 °C
1.0
J
TMCJ1C105MTRF
0.5
20
10.0
0.071
1.5
J
TMCJ1C155MTRF
0.5
20
10.0
0.071
2.2
J
TMCJ1C225MTRF
0.5
20
10.0
0.071
20 VDC AT 85 °C, 13 VDC AT +125 °C
0.68
J
TMCJ1D684MTRF
0.5
20
27.5
0.043
RECOMMENDED VOLTAGE DERATING GUIDELINES (for temperature below +85 °C)
CAPACITOR VOLTAGE RATING
OPERATING VOLTAGE
2.5
1.2
4.0
2.0
6.3
3.1
10
5.0
16
8.0
20
10
POWER DISSIPATION
CASE CODE
MAXIMUM PERMISSIBLE POWER DISSIPATION AT +25 °C (W) IN FREE AIR
J
0.050


Similar Part No. - TMCJ0J225MTRF

ManufacturerPart #DatasheetDescription
logo
HolyStone International
TMCJ0J106MTRF HOLYSTONECAPS-TMCJ0J106MTRF Datasheet
46Kb / 1P
   TANTALUM ELECTROLYTIC CAPACITORS
More results

Similar Description - TMCJ0J225MTRF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TMCP VISHAY-TMCP Datasheet
243Kb / 12P
   Solid Tantalum Surface Mount Chip CapacitorsSolid Tantalum Surface Mount Chip Capacitors, Molded Case, 0805 Size
Revision: 16-Jan-17
TMCH VISHAY-TMCH Datasheet
280Kb / 15P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, High Reliability
Revision: 26-Oct-17
TMCM VISHAY-TMCM Datasheet
275Kb / 16P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Extended Range
Revision: 26-Oct-17
TMCR VISHAY-TMCR Datasheet
260Kb / 13P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Low ESR
Revision: 26-Oct-17
TMCTX VISHAY-TMCTX Datasheet
247Kb / 13P
   Solid Tantalum Surface-Mount Chip Capacitors, Molded Case, Built-In Fuse
Revision: 26-Oct-17
593D106X9025C2TE3 VISHAY-593D106X9025C2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TR3D107K016C0125 VISHAY-TR3D107K016C0125 Datasheet
1Mb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 26-Jun-13
593D107X9016E2TE3 VISHAY-593D107X9016E2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TMCS VISHAY-TMCS Datasheet
246Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Standard Industrial Grade
Revision: 26-Oct-17
TR3D107K010C0065 VISHAY-TR3D107K010C0065 Datasheet
148Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 17-Jun-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com